Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NT5TU32M16EE-BEI Datasheet(PDF) 53 Page - Nanya Technology Corporation.

Part # NT5TU32M16EE-BEI
Description  Commercial, Industrial and Automotive DDR2 512Mb SDRAM
Download  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NANYA [Nanya Technology Corporation.]
Direct Link  http://www.nanya.com
Logo NANYA - Nanya Technology Corporation.

NT5TU32M16EE-BEI Datasheet(HTML) 53 Page - Nanya Technology Corporation.

Back Button NT5TU32M16EE-BEI Datasheet HTML 49Page - Nanya Technology Corporation. NT5TU32M16EE-BEI Datasheet HTML 50Page - Nanya Technology Corporation. NT5TU32M16EE-BEI Datasheet HTML 51Page - Nanya Technology Corporation. NT5TU32M16EE-BEI Datasheet HTML 52Page - Nanya Technology Corporation. NT5TU32M16EE-BEI Datasheet HTML 53Page - Nanya Technology Corporation. NT5TU32M16EE-BEI Datasheet HTML 54Page - Nanya Technology Corporation. NT5TU32M16EE-BEI Datasheet HTML 55Page - Nanya Technology Corporation. NT5TU32M16EE-BEI Datasheet HTML 56Page - Nanya Technology Corporation. NT5TU32M16EE-BEI Datasheet HTML 57Page - Nanya Technology Corporation. Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 98 page
background image
DDR2 512Mb SDRAM
NT5TU64M8EE / NT5TU32M16EG
53
Version 1.6
Nanya Technology Corp.©
08/2015
All Rights Reserved
Operating Conditions
Absolute Maximum DC Ratings
Symbol
Parameter
Rating
Units
Notes
VDD
Voltage on VDD pin relative to VSS
-1.0 to + 2.3
V
1,3
VDDQ
Voltage on VDDQ pin relative to VSS
-0.5 to + 2.3
V
1,3
VDDL
Voltage on VDDL pin relative to VSS
-0.5 to + 2.3
V
1,3
VIN, VOUT
Voltage on any pin relative to VSS
-0.5 to + 2.3
V
1,4
TSTG
Storage Temperature
-55 to + 150
1,2
Notes:
1.
Stresses greater than those listed under "Absolute Maximum Ratings" may cause permanent damage to the device. This is a stress
rating only and functional operation of the device at these or any other conditions above those indicated in the operational sections
of this specification is not implied. Exposure to absolute maximum rating conditions for extended periods may affect reliability.
2.
Storage Temperature is the case surface temperature on the center/top side of the DRAM.
3.
VDD and VDDQ must be within 300mV of each other at all times; and VREF must be not greater than 0.6 x VDDQ. When VDD
and VDDQ and VDDL are less than 500 mV, Vref may be equal to or less than 300 mV.
4.
Voltage on any input or I/O may not exceed voltage on VDDQ.
DRAM Component Operating Temperature Range
Symbol
Parameter
Grade
Rating
Units
Notes
TOPER
Operating Temperature
Commercial
0 to 95
1,2
Quasi
Industrial
- 20 to 95
1,2
Industrial
- 40 to 95
1,2
Automotive Grade 2
-40 to 105
1,2
Automotive Grade 3
-40 to 95
1,2
Notes:
1. Operating temperature is the case surface temperature (TCASE) on the center/top side of the DRAM.
2. If TC exceeds 85°C, the DRAM must be refreshed externally at 2x refresh. It is required to set tREFI=3.9μs in auto refresh
mode and to set ‘1’ for EMRS (2) bit A7 in self refresh mode.


Similar Part No. - NT5TU32M16EE-BEI

ManufacturerPart #DatasheetDescription
logo
Nanya Technology Corpor...
NT5TU32M16EE-ACI NANYA-NT5TU32M16EE-ACI Datasheet
3Mb / 96P
   DDR2 512Mb SDRAM
More results

Similar Description - NT5TU32M16EE-BEI

ManufacturerPart #DatasheetDescription
logo
Nanya Technology Corpor...
NT5TU64M8FE NANYA-NT5TU64M8FE Datasheet
3Mb / 107P
   Commercial and Industrial DDR2 512Mb SDRAM
NT5TU128M8HE NANYA-NT5TU128M8HE Datasheet
4Mb / 102P
   Commercial, Industrial and Automotive DDR2 1Gb SDRAM
NT6DM32M16BD NANYA-NT6DM32M16BD Datasheet
4Mb / 81P
   Commercial and Industrial Mobile DDR 512Mb SDRAM
logo
Hynix Semiconductor
HY5PS12421AFP HYNIX-HY5PS12421AFP Datasheet
1Mb / 37P
   512Mb DDR2 SDRAM
H5PS5162FFR-C HYNIX-H5PS5162FFR-C Datasheet
530Kb / 39P
   512Mb DDR2 SDRAM
HY5PS12421F HYNIX-HY5PS12421F Datasheet
623Kb / 35P
   512Mb DDR2 SDRAM
HY5PS12421FP HYNIX-HY5PS12421FP Datasheet
622Kb / 35P
   512Mb DDR2 SDRAM
H5PS5182GFR HYNIX-H5PS5182GFR Datasheet
1Mb / 64P
   512Mb DDR2 SDRAM
logo
Nanya Technology Corpor...
NT5TU64M8EE NANYA-NT5TU64M8EE Datasheet
3Mb / 96P
   DDR2 512Mb SDRAM
logo
Hynix Semiconductor
HY5PS12421F-E3 HYNIX-HY5PS12421F-E3 Datasheet
1Mb / 35P
   512Mb DDR2 SDRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com