Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NT5TU32M16FG-BE Datasheet(PDF) 32 Page - Nanya Technology Corporation.

Part # NT5TU32M16FG-BE
Description  Commercial and Industrial DDR2 512Mb SDRAM
Download  107 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NANYA [Nanya Technology Corporation.]
Direct Link  http://www.nanya.com
Logo NANYA - Nanya Technology Corporation.

NT5TU32M16FG-BE Datasheet(HTML) 32 Page - Nanya Technology Corporation.

Back Button NT5TU32M16FG-BE Datasheet HTML 28Page - Nanya Technology Corporation. NT5TU32M16FG-BE Datasheet HTML 29Page - Nanya Technology Corporation. NT5TU32M16FG-BE Datasheet HTML 30Page - Nanya Technology Corporation. NT5TU32M16FG-BE Datasheet HTML 31Page - Nanya Technology Corporation. NT5TU32M16FG-BE Datasheet HTML 32Page - Nanya Technology Corporation. NT5TU32M16FG-BE Datasheet HTML 33Page - Nanya Technology Corporation. NT5TU32M16FG-BE Datasheet HTML 34Page - Nanya Technology Corporation. NT5TU32M16FG-BE Datasheet HTML 35Page - Nanya Technology Corporation. NT5TU32M16FG-BE Datasheet HTML 36Page - Nanya Technology Corporation. Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 107 page
background image
32
Version 1.4
Nanya Technology Corp.©
12/2017
All Rights Reserved
NTC Proprietary
Level: Property
DDR2 512Mb SDRAM
NT5TU64M8FE / NT5TU32M16FG
Seamless Burst Read Operation: RL = 5, AL = 2, CL = 3, BL = 4
NOP
NOP
NOP
NOP
NOP
NOP
NOP
READ A
Post CAS
READ B
Post CAS
T0
T2
T1
T3
T4
T5
T6
T7
T8
Dout A0
Dout A1
Dout A2
Dout A3
Dout B0
Dout B1
Dout B2
Dout B3
RL = 5
AL = 2
CL = 3
SBR523
CMD
DQ
DQS,
DQS
CK, CK
The seamle
ss burst read operation’s supported by enabling a read command at every clock for BL=4 operation, and every
4 clock for BL=8 operation. This operation allows regardless of same or different banks as long as the banks activated.
Burst Write Command
The Burst Write command is initiated by having
CS, CAS and WE low while holding RAS high at the rising edge of the clock.
The address inputs determine the starting column address. Write latency (WL) is defined by a read latency (RL) minus one
and is equal to (AL + CL -1). A data strobe signal (DQS) has to be driven low (preamble) a time tWPRE prior to the WL. The
first data bit of the burst cycle must be applied to the DQ pins at the first rising edge of the DQS following the preamble. The
tDQSS specification must be satisfied for write cycles. The subsequent burst bit data are issued on successive edges of the
DQS until the burst length is completed, which is 4 or 8 bit burst. When the burst has finished, any additional data supplied
to the DQ pins will be ignored. The DQ signal is ignored after the burst write operation is complete. The time from the
completion of the burst write to bank precharge is named “write recovery time” (WR).
DDR2 SDRAM pin timings are specified for either single ended mode or differential mode depending on the setting of the
EM
RS “Enable DQS” mode bit; timing advantages of differential mode are realized in system design. The method by which
the DDR2 SDRAM pin timing measured is mode dependent.
Basic Burst Write Timing
DQS,
DQS
DQS
DQS
t DQSH
tDQSL
tWPRE
WPST
t
Din
Din
Din
Din
t
DS
t DH


Similar Part No. - NT5TU32M16FG-BE

ManufacturerPart #DatasheetDescription
logo
Nanya Technology Corpor...
NT5TU32M16CG-25C NANYA-NT5TU32M16CG-25C Datasheet
1Mb / 76P
   512Mb DDR2 SDRAM C-Die
REV 1.0 10/2007
NT5TU32M16CG-25D NANYA-NT5TU32M16CG-25D Datasheet
1Mb / 76P
   512Mb DDR2 SDRAM C-Die
REV 1.0 10/2007
NT5TU32M16CG-3C NANYA-NT5TU32M16CG-3C Datasheet
1Mb / 76P
   512Mb DDR2 SDRAM C-Die
REV 1.0 10/2007
NT5TU32M16EE-ACA NANYA-NT5TU32M16EE-ACA Datasheet
4Mb / 98P
   Commercial, Industrial and Automotive DDR2 512Mb SDRAM
NT5TU32M16EE-ACH NANYA-NT5TU32M16EE-ACH Datasheet
4Mb / 98P
   Commercial, Industrial and Automotive DDR2 512Mb SDRAM
More results

Similar Description - NT5TU32M16FG-BE

ManufacturerPart #DatasheetDescription
logo
Nanya Technology Corpor...
NT5TU32M16EG NANYA-NT5TU32M16EG Datasheet
4Mb / 98P
   Commercial, Industrial and Automotive DDR2 512Mb SDRAM
NT6DM32M16BD NANYA-NT6DM32M16BD Datasheet
4Mb / 81P
   Commercial and Industrial Mobile DDR 512Mb SDRAM
logo
Hynix Semiconductor
HY5PS12421AFP HYNIX-HY5PS12421AFP Datasheet
1Mb / 37P
   512Mb DDR2 SDRAM
H5PS5162FFR-C HYNIX-H5PS5162FFR-C Datasheet
530Kb / 39P
   512Mb DDR2 SDRAM
HY5PS12421F HYNIX-HY5PS12421F Datasheet
623Kb / 35P
   512Mb DDR2 SDRAM
HY5PS12421FP HYNIX-HY5PS12421FP Datasheet
622Kb / 35P
   512Mb DDR2 SDRAM
H5PS5182GFR HYNIX-H5PS5182GFR Datasheet
1Mb / 64P
   512Mb DDR2 SDRAM
logo
Nanya Technology Corpor...
NT5TU64M8EE NANYA-NT5TU64M8EE Datasheet
3Mb / 96P
   DDR2 512Mb SDRAM
logo
Hynix Semiconductor
HY5PS12421F-E3 HYNIX-HY5PS12421F-E3 Datasheet
1Mb / 35P
   512Mb DDR2 SDRAM
HY5PS12421CFP-E3I HYNIX-HY5PS12421CFP-E3I Datasheet
618Kb / 38P
   512Mb DDR2 SDRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com