Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NT5TU32M16FG-BE Datasheet(PDF) 74 Page - Nanya Technology Corporation.

Part # NT5TU32M16FG-BE
Description  Commercial and Industrial DDR2 512Mb SDRAM
Download  107 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NANYA [Nanya Technology Corporation.]
Direct Link  http://www.nanya.com
Logo NANYA - Nanya Technology Corporation.

NT5TU32M16FG-BE Datasheet(HTML) 74 Page - Nanya Technology Corporation.

Back Button NT5TU32M16FG-BE Datasheet HTML 70Page - Nanya Technology Corporation. NT5TU32M16FG-BE Datasheet HTML 71Page - Nanya Technology Corporation. NT5TU32M16FG-BE Datasheet HTML 72Page - Nanya Technology Corporation. NT5TU32M16FG-BE Datasheet HTML 73Page - Nanya Technology Corporation. NT5TU32M16FG-BE Datasheet HTML 74Page - Nanya Technology Corporation. NT5TU32M16FG-BE Datasheet HTML 75Page - Nanya Technology Corporation. NT5TU32M16FG-BE Datasheet HTML 76Page - Nanya Technology Corporation. NT5TU32M16FG-BE Datasheet HTML 77Page - Nanya Technology Corporation. NT5TU32M16FG-BE Datasheet HTML 78Page - Nanya Technology Corporation. Next Button
Zoom Inzoom in Zoom Outzoom out
 74 / 107 page
background image
74
Version 1.4
Nanya Technology Corp.©
12/2017
All Rights Reserved
NTC Proprietary
Level: Property
DDR2 512Mb SDRAM
NT5TU64M8FE / NT5TU32M16FG
IDD3P(0)
Active power-down current;
All banks open;
tCK = tCK(IDD);
CKE is LOW;
Other control and address bus inputs are STABLE;
Data bus inputs are FLOATING
MRS A12 bit is set to "0"( Fast Power-down Exit);
IDD3P(1)
Active power-down current;
All banks open;
tCK = tCK(IDD);
CKE is LOW;
Other control and address bus inputs are STABLE;
Data bus inputs are FLOATING
MRS A12 bit is set to "1"( Slow Power-down Exit);
IDD3N
Active standby current;
All banks open;
tCK = tCK(IDD), tRAS = tRASmax(IDD), tRP = tRP(IDD);
CKE is HIGH,
CS is HIGH between valid commands;
Other control and address bus inputs are SWITCHING;
Data bus inputs are SWITCHING
IDD4R
Operating burst read current;
All banks open, Continuous burst reads, IOUT = 0 mA;
BL = 4, CL = CL(IDD), AL = 0;
tCK = tCK(IDD), tRAS = tRASmax(IDD), tRP = tRP(IDD);
CKE is HIGH,
CS is HIGH between valid commands;
Address bus inputs are SWITCHING;
Data pattern is same as IDD4W
IDD4W
Operating burst write current;
All banks open, Continuous burst writes;
BL = 4, CL = CL(IDD), AL = 0;
tCK = tCK(IDD), tRAS = tRASmax(IDD), tRP = tRP(IDD);
CKE is HIGH,
CS is HIGH between valid commands;
Address bus inputs are SWITCHING;
Data bus inputs are SWITCHING
IDD5B
Burst refresh current;
tCK = tCK(IDD);
Refresh command at every tRFC(IDD) interval;


Similar Part No. - NT5TU32M16FG-BE

ManufacturerPart #DatasheetDescription
logo
Nanya Technology Corpor...
NT5TU32M16CG-25C NANYA-NT5TU32M16CG-25C Datasheet
1Mb / 76P
   512Mb DDR2 SDRAM C-Die
REV 1.0 10/2007
NT5TU32M16CG-25D NANYA-NT5TU32M16CG-25D Datasheet
1Mb / 76P
   512Mb DDR2 SDRAM C-Die
REV 1.0 10/2007
NT5TU32M16CG-3C NANYA-NT5TU32M16CG-3C Datasheet
1Mb / 76P
   512Mb DDR2 SDRAM C-Die
REV 1.0 10/2007
NT5TU32M16EE-ACA NANYA-NT5TU32M16EE-ACA Datasheet
4Mb / 98P
   Commercial, Industrial and Automotive DDR2 512Mb SDRAM
NT5TU32M16EE-ACH NANYA-NT5TU32M16EE-ACH Datasheet
4Mb / 98P
   Commercial, Industrial and Automotive DDR2 512Mb SDRAM
More results

Similar Description - NT5TU32M16FG-BE

ManufacturerPart #DatasheetDescription
logo
Nanya Technology Corpor...
NT5TU32M16EG NANYA-NT5TU32M16EG Datasheet
4Mb / 98P
   Commercial, Industrial and Automotive DDR2 512Mb SDRAM
NT6DM32M16BD NANYA-NT6DM32M16BD Datasheet
4Mb / 81P
   Commercial and Industrial Mobile DDR 512Mb SDRAM
logo
Hynix Semiconductor
HY5PS12421AFP HYNIX-HY5PS12421AFP Datasheet
1Mb / 37P
   512Mb DDR2 SDRAM
H5PS5162FFR-C HYNIX-H5PS5162FFR-C Datasheet
530Kb / 39P
   512Mb DDR2 SDRAM
HY5PS12421F HYNIX-HY5PS12421F Datasheet
623Kb / 35P
   512Mb DDR2 SDRAM
HY5PS12421FP HYNIX-HY5PS12421FP Datasheet
622Kb / 35P
   512Mb DDR2 SDRAM
H5PS5182GFR HYNIX-H5PS5182GFR Datasheet
1Mb / 64P
   512Mb DDR2 SDRAM
logo
Nanya Technology Corpor...
NT5TU64M8EE NANYA-NT5TU64M8EE Datasheet
3Mb / 96P
   DDR2 512Mb SDRAM
logo
Hynix Semiconductor
HY5PS12421F-E3 HYNIX-HY5PS12421F-E3 Datasheet
1Mb / 35P
   512Mb DDR2 SDRAM
HY5PS12421CFP-E3I HYNIX-HY5PS12421CFP-E3I Datasheet
618Kb / 38P
   512Mb DDR2 SDRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com