Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NT5TU64M8FE Datasheet(PDF) 71 Page - Nanya Technology Corporation.

Part # NT5TU64M8FE
Description  Commercial and Industrial DDR2 512Mb SDRAM
Download  107 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NANYA [Nanya Technology Corporation.]
Direct Link  http://www.nanya.com
Logo NANYA - Nanya Technology Corporation.

NT5TU64M8FE Datasheet(HTML) 71 Page - Nanya Technology Corporation.

Back Button NT5TU64M8FE Datasheet HTML 67Page - Nanya Technology Corporation. NT5TU64M8FE Datasheet HTML 68Page - Nanya Technology Corporation. NT5TU64M8FE Datasheet HTML 69Page - Nanya Technology Corporation. NT5TU64M8FE Datasheet HTML 70Page - Nanya Technology Corporation. NT5TU64M8FE Datasheet HTML 71Page - Nanya Technology Corporation. NT5TU64M8FE Datasheet HTML 72Page - Nanya Technology Corporation. NT5TU64M8FE Datasheet HTML 73Page - Nanya Technology Corporation. NT5TU64M8FE Datasheet HTML 74Page - Nanya Technology Corporation. NT5TU64M8FE Datasheet HTML 75Page - Nanya Technology Corporation. Next Button
Zoom Inzoom in Zoom Outzoom out
 71 / 107 page
background image
71
Version 1.4
Nanya Technology Corp.©
12/2017
All Rights Reserved
NTC Proprietary
Level: Property
DDR2 512Mb SDRAM
NT5TU64M8FE / NT5TU32M16FG
Calibrated Output Driver V-I Characteristics
DDR2 SDRAM output driver characteristics are defined for full strength calibrated operation as selected by the procedure
outlined in the Off-Chip Driver (OCD) Impedance Adjustment. The following tables show the data in tabular format suitable
for input into simulation tools. The nominal points represent a device at exactly 18 ohms. The nominal low and nominal high
values represent the range that can be achieved with a maximum 1.5 ohms step size with no calibration error at the exact
nominal conditions only (i.e. perfect calibration procedure, 1.5 ohm maximum step size guaranteed by specification). Real
system calibration error needs to be added to these values. It must be understood that these V-I curves are represented
here or in supplier IBIS models need to be adjusted to a wider range as a result of any system calibration error. Since this a
system specific phenomena, it cannot be quantified here. the values in the calibrated tables represent just the DRAM
portion of uncertainty while looking at one DQ only. If the calibration procedure is used, it is possible to cause the device to
operate outside the bounds of the default device characteristics tables and figure. in such a situation, the timing parameters
in the specification cannot be guaranteed. It is solely up to the system application to ensure that the device is calibrated
between the minimum and maximum default values at all times. If this can’t be guaranteed by the system calibration
procedure, re-calibration policy and uncertainty with DQ to DQ variation, it is recommend that only the default values to be
used. The nominal maximum ad minimum values represent the change in impedance from nominal low and high as a result
of voltage and temperature change from the nominal condition to the maximum and minimum conditions. If calibrated at an
extreme condition, the amount of variation could be as much as from the nominal minimum to the nominal maximum or vice
versa.


Similar Part No. - NT5TU64M8FE

ManufacturerPart #DatasheetDescription
logo
Nanya Technology Corpor...
NT5TU64M8CE-25C NANYA-NT5TU64M8CE-25C Datasheet
1Mb / 76P
   512Mb DDR2 SDRAM C-Die
REV 1.0 10/2007
NT5TU64M8CE-25D NANYA-NT5TU64M8CE-25D Datasheet
1Mb / 76P
   512Mb DDR2 SDRAM C-Die
REV 1.0 10/2007
NT5TU64M8CE-3C NANYA-NT5TU64M8CE-3C Datasheet
1Mb / 76P
   512Mb DDR2 SDRAM C-Die
REV 1.0 10/2007
NT5TU64M8EE NANYA-NT5TU64M8EE Datasheet
4Mb / 98P
   Commercial, Industrial and Automotive DDR2 512Mb SDRAM
NT5TU64M8EE NANYA-NT5TU64M8EE Datasheet
3Mb / 96P
   DDR2 512Mb SDRAM
More results

Similar Description - NT5TU64M8FE

ManufacturerPart #DatasheetDescription
logo
Nanya Technology Corpor...
NT5TU32M16EG NANYA-NT5TU32M16EG Datasheet
4Mb / 98P
   Commercial, Industrial and Automotive DDR2 512Mb SDRAM
NT6DM32M16BD NANYA-NT6DM32M16BD Datasheet
4Mb / 81P
   Commercial and Industrial Mobile DDR 512Mb SDRAM
logo
Hynix Semiconductor
HY5PS12421AFP HYNIX-HY5PS12421AFP Datasheet
1Mb / 37P
   512Mb DDR2 SDRAM
H5PS5162FFR-C HYNIX-H5PS5162FFR-C Datasheet
530Kb / 39P
   512Mb DDR2 SDRAM
HY5PS12421F HYNIX-HY5PS12421F Datasheet
623Kb / 35P
   512Mb DDR2 SDRAM
HY5PS12421FP HYNIX-HY5PS12421FP Datasheet
622Kb / 35P
   512Mb DDR2 SDRAM
H5PS5182GFR HYNIX-H5PS5182GFR Datasheet
1Mb / 64P
   512Mb DDR2 SDRAM
logo
Nanya Technology Corpor...
NT5TU64M8EE NANYA-NT5TU64M8EE Datasheet
3Mb / 96P
   DDR2 512Mb SDRAM
logo
Hynix Semiconductor
HY5PS12421F-E3 HYNIX-HY5PS12421F-E3 Datasheet
1Mb / 35P
   512Mb DDR2 SDRAM
HY5PS12421CFP-E3I HYNIX-HY5PS12421CFP-E3I Datasheet
618Kb / 38P
   512Mb DDR2 SDRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com