Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NT5TU64M8FE Datasheet(PDF) 68 Page - Nanya Technology Corporation.

Part # NT5TU64M8FE
Description  Commercial and Industrial DDR2 512Mb SDRAM
Download  107 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NANYA [Nanya Technology Corporation.]
Direct Link  http://www.nanya.com
Logo NANYA - Nanya Technology Corporation.

NT5TU64M8FE Datasheet(HTML) 68 Page - Nanya Technology Corporation.

Back Button NT5TU64M8FE Datasheet HTML 64Page - Nanya Technology Corporation. NT5TU64M8FE Datasheet HTML 65Page - Nanya Technology Corporation. NT5TU64M8FE Datasheet HTML 66Page - Nanya Technology Corporation. NT5TU64M8FE Datasheet HTML 67Page - Nanya Technology Corporation. NT5TU64M8FE Datasheet HTML 68Page - Nanya Technology Corporation. NT5TU64M8FE Datasheet HTML 69Page - Nanya Technology Corporation. NT5TU64M8FE Datasheet HTML 70Page - Nanya Technology Corporation. NT5TU64M8FE Datasheet HTML 71Page - Nanya Technology Corporation. NT5TU64M8FE Datasheet HTML 72Page - Nanya Technology Corporation. Next Button
Zoom Inzoom in Zoom Outzoom out
 68 / 107 page
background image
68
Version 1.4
Nanya Technology Corp.©
12/2017
All Rights Reserved
NTC Proprietary
Level: Property
DDR2 512Mb SDRAM
NT5TU64M8FE / NT5TU32M16FG
Full Strength Default Pullup Driver Characteristics
Voltage (V)
Minimum
Nominal Default
Low
Nominal Default
Low
Maximum
0.0
0.00
0.00
0.00
0.00
0.1
-4.30
-5.65
-5.90
-7.95
0.2
-8.60
-11.30
-11.80
-15.90
0.3
-12.90
-16.50
-16.80
-23.85
0.4
-16.90
-21.20
-22.10
-31.80
0.5
-20.05
-25.00
-27.60
-39.75
0.6
-22.10
-28.30
-32.40
-47.70
0.7
-23.27
-30.90
-36.90
-55.55
0.8
-24.10
-33.00
-40.90
-62.95
0.9
-24.73
-34.50
-44.60
-69.55
1.0
-25.23
-35.50
-47.70
-75.35
1.1
-25.65
-36.10
-50.40
-80.35
1.2
-26.02
-36.60
-52.60
-84.55
1.3
-26.35
-36.90
-54.20
-87.95
1.4
-26.65
-37.10
-55.90
-90.70
1.5
-26.93
-37.40
-57.10
-93.00
1.6
-27.20
-37.60
-58.40
-95.05
1.7
-27.46
-37.70
-59.60
-97.05
1.8
-
-37.90
-60.90
-99.05
1.9
-
-
-
-101.05
The driver characteristics evaluetion conditions are:
Nominal Default 25℃ (Tcase) , VDDQ = 1.8 V, typical process
Minimum Toper(max.), VDDQ = 1.7V, slow-slow process
Maximum 0 ℃ (Tcase). VDDQ = 1.9 V, fast-fast process


Similar Part No. - NT5TU64M8FE

ManufacturerPart #DatasheetDescription
logo
Nanya Technology Corpor...
NT5TU64M8CE-25C NANYA-NT5TU64M8CE-25C Datasheet
1Mb / 76P
   512Mb DDR2 SDRAM C-Die
REV 1.0 10/2007
NT5TU64M8CE-25D NANYA-NT5TU64M8CE-25D Datasheet
1Mb / 76P
   512Mb DDR2 SDRAM C-Die
REV 1.0 10/2007
NT5TU64M8CE-3C NANYA-NT5TU64M8CE-3C Datasheet
1Mb / 76P
   512Mb DDR2 SDRAM C-Die
REV 1.0 10/2007
NT5TU64M8EE NANYA-NT5TU64M8EE Datasheet
4Mb / 98P
   Commercial, Industrial and Automotive DDR2 512Mb SDRAM
NT5TU64M8EE NANYA-NT5TU64M8EE Datasheet
3Mb / 96P
   DDR2 512Mb SDRAM
More results

Similar Description - NT5TU64M8FE

ManufacturerPart #DatasheetDescription
logo
Nanya Technology Corpor...
NT5TU32M16EG NANYA-NT5TU32M16EG Datasheet
4Mb / 98P
   Commercial, Industrial and Automotive DDR2 512Mb SDRAM
NT6DM32M16BD NANYA-NT6DM32M16BD Datasheet
4Mb / 81P
   Commercial and Industrial Mobile DDR 512Mb SDRAM
logo
Hynix Semiconductor
HY5PS12421AFP HYNIX-HY5PS12421AFP Datasheet
1Mb / 37P
   512Mb DDR2 SDRAM
H5PS5162FFR-C HYNIX-H5PS5162FFR-C Datasheet
530Kb / 39P
   512Mb DDR2 SDRAM
HY5PS12421F HYNIX-HY5PS12421F Datasheet
623Kb / 35P
   512Mb DDR2 SDRAM
HY5PS12421FP HYNIX-HY5PS12421FP Datasheet
622Kb / 35P
   512Mb DDR2 SDRAM
H5PS5182GFR HYNIX-H5PS5182GFR Datasheet
1Mb / 64P
   512Mb DDR2 SDRAM
logo
Nanya Technology Corpor...
NT5TU64M8EE NANYA-NT5TU64M8EE Datasheet
3Mb / 96P
   DDR2 512Mb SDRAM
logo
Hynix Semiconductor
HY5PS12421F-E3 HYNIX-HY5PS12421F-E3 Datasheet
1Mb / 35P
   512Mb DDR2 SDRAM
HY5PS12421CFP-E3I HYNIX-HY5PS12421CFP-E3I Datasheet
618Kb / 38P
   512Mb DDR2 SDRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com