Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NT5TU32M16EG Datasheet(PDF) 88 Page - Nanya Technology Corporation.

Part # NT5TU32M16EG
Description  DDR2 512Mb SDRAM
Download  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NANYA [Nanya Technology Corporation.]
Direct Link  http://www.nanya.com
Logo NANYA - Nanya Technology Corporation.

NT5TU32M16EG Datasheet(HTML) 88 Page - Nanya Technology Corporation.

Back Button NT5TU32M16EG Datasheet HTML 84Page - Nanya Technology Corporation. NT5TU32M16EG Datasheet HTML 85Page - Nanya Technology Corporation. NT5TU32M16EG Datasheet HTML 86Page - Nanya Technology Corporation. NT5TU32M16EG Datasheet HTML 87Page - Nanya Technology Corporation. NT5TU32M16EG Datasheet HTML 88Page - Nanya Technology Corporation. NT5TU32M16EG Datasheet HTML 89Page - Nanya Technology Corporation. NT5TU32M16EG Datasheet HTML 90Page - Nanya Technology Corporation. NT5TU32M16EG Datasheet HTML 91Page - Nanya Technology Corporation. NT5TU32M16EG Datasheet HTML 92Page - Nanya Technology Corporation. Next Button
Zoom Inzoom in Zoom Outzoom out
 88 / 96 page
background image
DDR2 512Mb SDRAM
NT5TU64M8EE / NT5TU32M16EG
88
Version 1.0
Nanya Technology Corp.©
09/2014
All Rights Reserved
Specific Note 19 tRPST end point and tRPRE begin point are not referenced to a specific voltage level but specify when the device
output is no longer driving (tRPST), or begins driving (tRPRE). The following figure shows a method to calculate these points when the
device is no longer driving (tRPST), or begins driving (tRPRE) by measuring the signal at two different voltages. The actual voltage
measurement points are not critical as long as the calculation is consistent.
Specific Note 20 Input waveform timing tDS with differential data strobe enabled MR[bit10]=0, is referenced from the input signal
crossing at the VIH(ac) level to the differential data strobe crosspoint for a rising signal, and from the input signal crossing at the VIL(ac)
level to the differential data strobe crosspoint for a falling signal applied to the device under test. DQS,
DQSsignals must be monotonic
between Vil(dc)max and Vih(dc)min.
Specific Note 21 Input waveform timing tDH with differential data strobe enabled MR[bit10]=0, is referenced
from the differential data strobe crosspoint to the input signal crossing at the VIH(dc) level for a falling signal and from the differential data
strobe crosspoint to the input signal crossing at the VIL(dc) level for a rising signal applied to the device under test. DQS,
DQSsignals must
be monotonic between Vil(dc)max and Vih(dc)min.


Similar Part No. - NT5TU32M16EG

ManufacturerPart #DatasheetDescription
logo
Nanya Technology Corpor...
NT5TU32M16EG NANYA-NT5TU32M16EG Datasheet
4Mb / 98P
   Commercial, Industrial and Automotive DDR2 512Mb SDRAM
NT5TU32M16EG-AC NANYA-NT5TU32M16EG-AC Datasheet
4Mb / 98P
   Commercial, Industrial and Automotive DDR2 512Mb SDRAM
NT5TU32M16EG-ACA NANYA-NT5TU32M16EG-ACA Datasheet
4Mb / 98P
   Commercial, Industrial and Automotive DDR2 512Mb SDRAM
NT5TU32M16EG-ACH NANYA-NT5TU32M16EG-ACH Datasheet
4Mb / 98P
   Commercial, Industrial and Automotive DDR2 512Mb SDRAM
NT5TU32M16EG-ACI NANYA-NT5TU32M16EG-ACI Datasheet
4Mb / 98P
   Commercial, Industrial and Automotive DDR2 512Mb SDRAM
More results

Similar Description - NT5TU32M16EG

ManufacturerPart #DatasheetDescription
logo
Hynix Semiconductor
HY5PS12421AFP HYNIX-HY5PS12421AFP Datasheet
1Mb / 37P
   512Mb DDR2 SDRAM
H5PS5162FFR-C HYNIX-H5PS5162FFR-C Datasheet
530Kb / 39P
   512Mb DDR2 SDRAM
HY5PS12421F HYNIX-HY5PS12421F Datasheet
623Kb / 35P
   512Mb DDR2 SDRAM
HY5PS12421FP HYNIX-HY5PS12421FP Datasheet
622Kb / 35P
   512Mb DDR2 SDRAM
H5PS5182GFR HYNIX-H5PS5182GFR Datasheet
1Mb / 64P
   512Mb DDR2 SDRAM
HY5PS12421F-E3 HYNIX-HY5PS12421F-E3 Datasheet
1Mb / 35P
   512Mb DDR2 SDRAM
HY5PS12421CFP-E3I HYNIX-HY5PS12421CFP-E3I Datasheet
618Kb / 38P
   512Mb DDR2 SDRAM
HY5PS12421CFP-E3 HYNIX-HY5PS12421CFP-E3 Datasheet
619Kb / 38P
   512Mb DDR2 SDRAM
H5PS5162FFR-E3 HYNIX-H5PS5162FFR-E3 Datasheet
530Kb / 39P
   512Mb DDR2 SDRAM
HY5PS12421BFP-E3 HYNIX-HY5PS12421BFP-E3 Datasheet
628Kb / 38P
   512Mb DDR2 SDRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com