Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NT5CC256M16ER-EKB Datasheet(PDF) 23 Page - Nanya Technology Corporation.

Part # NT5CC256M16ER-EKB
Description  Commercial and Industrial DDR3(L) 4Gb SDRAM
Download  158 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NANYA [Nanya Technology Corporation.]
Direct Link  http://www.nanya.com
Logo NANYA - Nanya Technology Corporation.

NT5CC256M16ER-EKB Datasheet(HTML) 23 Page - Nanya Technology Corporation.

Back Button NT5CC256M16ER-EKB Datasheet HTML 19Page - Nanya Technology Corporation. NT5CC256M16ER-EKB Datasheet HTML 20Page - Nanya Technology Corporation. NT5CC256M16ER-EKB Datasheet HTML 21Page - Nanya Technology Corporation. NT5CC256M16ER-EKB Datasheet HTML 22Page - Nanya Technology Corporation. NT5CC256M16ER-EKB Datasheet HTML 23Page - Nanya Technology Corporation. NT5CC256M16ER-EKB Datasheet HTML 24Page - Nanya Technology Corporation. NT5CC256M16ER-EKB Datasheet HTML 25Page - Nanya Technology Corporation. NT5CC256M16ER-EKB Datasheet HTML 26Page - Nanya Technology Corporation. NT5CC256M16ER-EKB Datasheet HTML 27Page - Nanya Technology Corporation. Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 158 page
background image
Version 1.8
23
Nanya Technology Cooperation ©
04/2019
All Rights Reserved.
DDR3-4Gb E-Die
NT5CB(C)512M8EQ/NT5CB(C)256M16ER
CAS Write Latency (CWL)
The CAS Write Latency is defined by MR2 (bits A3-A5) shown in MR2. CAS Write Latency is the delay, in clock cycles,
between the internal Write command and the availability of the first bit of input data. DDR3(L) DRAM does not support any
half clock latencies. The overall Write Latency (WL) is defined as Additive Latency (AL) + CAS Write Latency (CWL);
WL=AL+CWL.
Auto Self-Refresh (ASR) and Self-Refresh Temperature (SRT)
DDR3(L) SDRAM must support Self-Refresh operation at all supported temperatures. Applications requiring Self-Refresh
operation in the Extended Temperature Range must use the ASR function or program the SRT bit appropriately.
Optional in DDR3(L) SDRAM: Users should refer to the DRAM supplier data sheet and/or the DIMM SPD to determine if
DDR3(L) SDRAM devices support the following options or requirements referred to in this material. For more details refer to
“Extended Temperature Usage”. DDR3(L) SDRAMs must support Self-Refresh operation at all supported temperatures.
Applications requiring Self-Refresh operation in the Extended Temperature Range must use the optional ASR function or
program the SRT bit appropriately.
Dynamic ODT (Rtt_WR)
DDR3(L) SDRAM introdu
ces a new feature “Dynamic ODT”. In certain application cases and to further enhance signal
integrity on the data bus, it is desirable that the termination strength of the DDR3(L) SDRAM can be changed without
issuing an MRS command. MR2 Register locations A9 and A10 configure the Dynamic ODT settings. In Write leveling
mode, only RTT_Nom is available. For details on Dynamic ODT operation, refer to “Dynamic ODT”.


Similar Part No. - NT5CC256M16ER-EKB

ManufacturerPart #DatasheetDescription
logo
Nanya Technology Corpor...
NT5CC256M16ER-EKA NANYA-NT5CC256M16ER-EKA Datasheet
4Mb / 155P
   Automotive DDR3(L) 4Gb SDRAM
NT5CC256M16ER-EKA NANYA-NT5CC256M16ER-EKA Datasheet
4Mb / 154P
   Automotive DDR3(L) 4Gb SDRAM
NT5CC256M16ER-EKH NANYA-NT5CC256M16ER-EKH Datasheet
4Mb / 155P
   Automotive DDR3(L) 4Gb SDRAM
NT5CC256M16ER-EKH NANYA-NT5CC256M16ER-EKH Datasheet
4Mb / 154P
   Automotive DDR3(L) 4Gb SDRAM
More results

Similar Description - NT5CC256M16ER-EKB

ManufacturerPart #DatasheetDescription
logo
Nanya Technology Corpor...
NT5CB512M8EN NANYA-NT5CB512M8EN Datasheet
4Mb / 162P
   Commercial and Industrial DDR3( L 4Gb SDRAM
Version 1.3 11/2017
NT5CB512M8DN NANYA-NT5CB512M8DN Datasheet
4Mb / 163P
   Commercial, Industrial and Automotive DDR3(L) 4Gb SDRAM
NT5CB512M8CN NANYA-NT5CB512M8CN Datasheet
7Mb / 164P
   Commercial, Industrial and Automotive DDR3(L) 4Gb SDRAM
NT5CB256M8JQ NANYA-NT5CB256M8JQ Datasheet
4Mb / 157P
   Commercial and Industrial DDR3(L) 2Gb SDRAM
NT5CB256M8IN NANYA-NT5CB256M8IN Datasheet
4Mb / 162P
   Commercial, Industrial and Automotive DDR3(L) 2Gb SDRAM
NT5CB128M8FN NANYA-NT5CB128M8FN Datasheet
7Mb / 165P
   Commercial, Industrial and Automotive DDR3(L) 1Gb SDRAM
NT5CB256M8FN NANYA-NT5CB256M8FN Datasheet
6Mb / 163P
   Commercial, Industrial and Automotive DDR3(L) 2Gb SDRAM
NT5CBC512M8EQ NANYA-NT5CBC512M8EQ Datasheet
4Mb / 154P
   Automotive DDR3(L) 4Gb SDRAM
NT5CB256M16ER NANYA-NT5CB256M16ER Datasheet
4Mb / 155P
   Automotive DDR3(L) 4Gb SDRAM
NT5AD1024M4D3 NANYA-NT5AD1024M4D3 Datasheet
11Mb / 293P
   Commercial and Industrial DDR4 4Gb SDRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com