Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NT5CC256M16ER-EKB Datasheet(PDF) 73 Page - Nanya Technology Corporation.

Part # NT5CC256M16ER-EKB
Description  Commercial and Industrial DDR3(L) 4Gb SDRAM
Download  158 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NANYA [Nanya Technology Corporation.]
Direct Link  http://www.nanya.com
Logo NANYA - Nanya Technology Corporation.

NT5CC256M16ER-EKB Datasheet(HTML) 73 Page - Nanya Technology Corporation.

Back Button NT5CC256M16ER-EKB Datasheet HTML 69Page - Nanya Technology Corporation. NT5CC256M16ER-EKB Datasheet HTML 70Page - Nanya Technology Corporation. NT5CC256M16ER-EKB Datasheet HTML 71Page - Nanya Technology Corporation. NT5CC256M16ER-EKB Datasheet HTML 72Page - Nanya Technology Corporation. NT5CC256M16ER-EKB Datasheet HTML 73Page - Nanya Technology Corporation. NT5CC256M16ER-EKB Datasheet HTML 74Page - Nanya Technology Corporation. NT5CC256M16ER-EKB Datasheet HTML 75Page - Nanya Technology Corporation. NT5CC256M16ER-EKB Datasheet HTML 76Page - Nanya Technology Corporation. NT5CC256M16ER-EKB Datasheet HTML 77Page - Nanya Technology Corporation. Next Button
Zoom Inzoom in Zoom Outzoom out
 73 / 158 page
background image
Version 1.8
73
Nanya Technology Cooperation ©
04/2019
All Rights Reserved.
DDR3-4Gb E-Die
NT5CB(C)512M8EQ/NT5CB(C)256M16ER
Latencies and timing parameters relevant for Dynamic ODT
Name and Description
Abbr.
Defined from
Defined to
Definition for all
DDR3(L) speed pin
Unit
ODT turn-on Latency
ODTLon
registering external
ODT signal high
turning termination on
ODTLon=WL-2
tCK
ODT turn-off Latency
ODTLoff
registering external
ODT signal low
turning termination off
ODTLoff=WL-2
tCK
ODT Latency for changing from
RTT_Nom to RTT_WR
ODTLcnw
registering external
write command
change RTT strength from
RTT_Nom to RTT_WR
ODTLcnw=WL-2
tCK
ODT Latency for change from
RTT_WR to RTT_Nom (BL=4)
ODTLcwn4
registering external
write command
change RTT strength from
RTT_WR to RTT_Nom
ODTLcwn4=4+ODTLoff
tCK
ODT Latency for change from
RTT_WR to RTT_Nom (BL=8)
ODTLcwn8
registering external
write command
change RTT strength from
RTT_WR to RTT_Nom
ODTLcwn8=6+ODTLoff
tCK(avg)
Minimum ODT high time
after ODT assertion
ODTH4
registering ODT high
ODT registered low
ODTH4=4
tCK(avg)
Minimum ODT high time
after Write (BL=4)
ODTH4
registering write with
ODT high
ODT registered low
ODTH4=4
tCK(avg)
Minimum ODT high time
after Write (BL=8)
ODTH8
registering write with
ODT high
ODT register low
ODTH8=6
tCK(avg)
RTT change skew
tADC
ODTLcnw
ODTLcwn
RTT valid
tADC(min)=0.3tCK(avg)
tADC(max)=0.7tCK(avg)
tCK(avg)
Note: tAOF,nom and tADC,nom are 0.5tCK (effectively adding half a clock cycle to ODTLoff, ODTcnw, and ODTLcwn)


Similar Part No. - NT5CC256M16ER-EKB

ManufacturerPart #DatasheetDescription
logo
Nanya Technology Corpor...
NT5CC256M16ER-EKA NANYA-NT5CC256M16ER-EKA Datasheet
4Mb / 155P
   Automotive DDR3(L) 4Gb SDRAM
NT5CC256M16ER-EKA NANYA-NT5CC256M16ER-EKA Datasheet
4Mb / 154P
   Automotive DDR3(L) 4Gb SDRAM
NT5CC256M16ER-EKH NANYA-NT5CC256M16ER-EKH Datasheet
4Mb / 155P
   Automotive DDR3(L) 4Gb SDRAM
NT5CC256M16ER-EKH NANYA-NT5CC256M16ER-EKH Datasheet
4Mb / 154P
   Automotive DDR3(L) 4Gb SDRAM
More results

Similar Description - NT5CC256M16ER-EKB

ManufacturerPart #DatasheetDescription
logo
Nanya Technology Corpor...
NT5CB512M8EN NANYA-NT5CB512M8EN Datasheet
4Mb / 162P
   Commercial and Industrial DDR3( L 4Gb SDRAM
Version 1.3 11/2017
NT5CB512M8DN NANYA-NT5CB512M8DN Datasheet
4Mb / 163P
   Commercial, Industrial and Automotive DDR3(L) 4Gb SDRAM
NT5CB512M8CN NANYA-NT5CB512M8CN Datasheet
7Mb / 164P
   Commercial, Industrial and Automotive DDR3(L) 4Gb SDRAM
NT5CB256M8JQ NANYA-NT5CB256M8JQ Datasheet
4Mb / 157P
   Commercial and Industrial DDR3(L) 2Gb SDRAM
NT5CB256M8IN NANYA-NT5CB256M8IN Datasheet
4Mb / 162P
   Commercial, Industrial and Automotive DDR3(L) 2Gb SDRAM
NT5CB128M8FN NANYA-NT5CB128M8FN Datasheet
7Mb / 165P
   Commercial, Industrial and Automotive DDR3(L) 1Gb SDRAM
NT5CB256M8FN NANYA-NT5CB256M8FN Datasheet
6Mb / 163P
   Commercial, Industrial and Automotive DDR3(L) 2Gb SDRAM
NT5CBC512M8EQ NANYA-NT5CBC512M8EQ Datasheet
4Mb / 154P
   Automotive DDR3(L) 4Gb SDRAM
NT5CB256M16ER NANYA-NT5CB256M16ER Datasheet
4Mb / 155P
   Automotive DDR3(L) 4Gb SDRAM
NT5AD1024M4D3 NANYA-NT5AD1024M4D3 Datasheet
11Mb / 293P
   Commercial and Industrial DDR4 4Gb SDRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com