Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NT5CC256M16ER-EKB Datasheet(PDF) 62 Page - Nanya Technology Corporation.

Part # NT5CC256M16ER-EKB
Description  Commercial and Industrial DDR3(L) 4Gb SDRAM
Download  158 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NANYA [Nanya Technology Corporation.]
Direct Link  http://www.nanya.com
Logo NANYA - Nanya Technology Corporation.

NT5CC256M16ER-EKB Datasheet(HTML) 62 Page - Nanya Technology Corporation.

Back Button NT5CC256M16ER-EKB Datasheet HTML 58Page - Nanya Technology Corporation. NT5CC256M16ER-EKB Datasheet HTML 59Page - Nanya Technology Corporation. NT5CC256M16ER-EKB Datasheet HTML 60Page - Nanya Technology Corporation. NT5CC256M16ER-EKB Datasheet HTML 61Page - Nanya Technology Corporation. NT5CC256M16ER-EKB Datasheet HTML 62Page - Nanya Technology Corporation. NT5CC256M16ER-EKB Datasheet HTML 63Page - Nanya Technology Corporation. NT5CC256M16ER-EKB Datasheet HTML 64Page - Nanya Technology Corporation. NT5CC256M16ER-EKB Datasheet HTML 65Page - Nanya Technology Corporation. NT5CC256M16ER-EKB Datasheet HTML 66Page - Nanya Technology Corporation. Next Button
Zoom Inzoom in Zoom Outzoom out
 62 / 158 page
background image
Version 1.8
62
Nanya Technology Cooperation ©
04/2019
All Rights Reserved.
DDR3-4Gb E-Die
NT5CB(C)512M8EQ/NT5CB(C)256M16ER
Power-Down Modes
Power-Down Entry and Exit
Power-Down is synchronously entered when CKE is registered low (along with NOP or Deselect command). CKE is not
allowed to go low while mode register set command, MPR operations, ZQCAL operations, DLL locking or read/write
operation are in progress. CKE is allowed to go low while any of other operation such as row activation, precharge or auto
precharge and refresh are in progress, but power-down IDD spec will not be applied until finishing those operation.
The DLL should be in a locked state when power-down is entered for fastest power-down exit timing. If the DLL is not
locked during power-down entry, the DLL must be reset after exiting power-down mode for proper read operation and
synchronous ODT operation. DRAM design provides all AC and DC timing and voltage specification as well as proper DLL
operation with any CKE intensive operations as long as DRAM controller complies with DRAM specifications.
During Power-Down, if all banks are closed after any in progress commands are completed, the device will be in precharge
Power-Down mode; if any bank is open after in progress commands are completed, the device will be in active
Power-Down mode.
Entering Power-down deactivates the input and output buffers, excluding CK, CK, ODT,
E, and REET. To protect
DRAM internal delay on CKE line to block the input signals, multiple NOP or Deselect commands are needed during the
CKE switch off and cycle(s) after, this timing period are defined as tCPDED. CKE_low will result in deactivation of
command and address receivers after tCPDED has expired.
Power-Down Entry Definitions
Status of DRAM
MRS bit A12
DLL
PD Exit
Relevant Parameters
Active
(A Bank or more open)
Don't Care
On
Fast
tXP to any valid command.
Precharged
(All Banks Precharged)
0
Off
Slow
tXP to any valid command. Since it is in precharge state,
commands here will be ACT, AR, MRS/EMRS, PR, or PRA.
tXPDLL to commands who need DLL to operate, such as RD,
RDA, or ODT control line.
Precharged
(All Banks Precharged)
1
On
Fast
tXP to any valid command.
Also the DLL is disabled upon entering precharge power-down (Slow Exit Mode), but the DLL is kept enabled during
precharge power-down (Fast Exit Mode) or active power-down. In power-down mode, CKE low,
REET high, and a stable
clock signal must be maintained at the inputs of the DDR3(L) SDRAM, and ODT should be in a valid state but all other input
signals are “Don’t care” (If REET goes low during Power-Down, the DRAM will be out of PD mode and into reset state).
CKE low must be maintain until tCKE has been satisfied. Power-down duration is limited by 9 times tREFI of the device.


Similar Part No. - NT5CC256M16ER-EKB

ManufacturerPart #DatasheetDescription
logo
Nanya Technology Corpor...
NT5CC256M16ER-EKA NANYA-NT5CC256M16ER-EKA Datasheet
4Mb / 155P
   Automotive DDR3(L) 4Gb SDRAM
NT5CC256M16ER-EKA NANYA-NT5CC256M16ER-EKA Datasheet
4Mb / 154P
   Automotive DDR3(L) 4Gb SDRAM
NT5CC256M16ER-EKH NANYA-NT5CC256M16ER-EKH Datasheet
4Mb / 155P
   Automotive DDR3(L) 4Gb SDRAM
NT5CC256M16ER-EKH NANYA-NT5CC256M16ER-EKH Datasheet
4Mb / 154P
   Automotive DDR3(L) 4Gb SDRAM
More results

Similar Description - NT5CC256M16ER-EKB

ManufacturerPart #DatasheetDescription
logo
Nanya Technology Corpor...
NT5CB512M8EN NANYA-NT5CB512M8EN Datasheet
4Mb / 162P
   Commercial and Industrial DDR3( L 4Gb SDRAM
Version 1.3 11/2017
NT5CB512M8DN NANYA-NT5CB512M8DN Datasheet
4Mb / 163P
   Commercial, Industrial and Automotive DDR3(L) 4Gb SDRAM
NT5CB512M8CN NANYA-NT5CB512M8CN Datasheet
7Mb / 164P
   Commercial, Industrial and Automotive DDR3(L) 4Gb SDRAM
NT5CB256M8JQ NANYA-NT5CB256M8JQ Datasheet
4Mb / 157P
   Commercial and Industrial DDR3(L) 2Gb SDRAM
NT5CB256M8IN NANYA-NT5CB256M8IN Datasheet
4Mb / 162P
   Commercial, Industrial and Automotive DDR3(L) 2Gb SDRAM
NT5CB128M8FN NANYA-NT5CB128M8FN Datasheet
7Mb / 165P
   Commercial, Industrial and Automotive DDR3(L) 1Gb SDRAM
NT5CB256M8FN NANYA-NT5CB256M8FN Datasheet
6Mb / 163P
   Commercial, Industrial and Automotive DDR3(L) 2Gb SDRAM
NT5CBC512M8EQ NANYA-NT5CBC512M8EQ Datasheet
4Mb / 154P
   Automotive DDR3(L) 4Gb SDRAM
NT5CB256M16ER NANYA-NT5CB256M16ER Datasheet
4Mb / 155P
   Automotive DDR3(L) 4Gb SDRAM
NT5AD1024M4D3 NANYA-NT5AD1024M4D3 Datasheet
11Mb / 293P
   Commercial and Industrial DDR4 4Gb SDRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com