Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NT5TU32M16EG-ACI Datasheet(PDF) 34 Page - Nanya Technology Corporation.

Part # NT5TU32M16EG-ACI
Description  Commercial, Industrial and Automotive DDR2 512Mb SDRAM
Download  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NANYA [Nanya Technology Corporation.]
Direct Link  http://www.nanya.com
Logo NANYA - Nanya Technology Corporation.

NT5TU32M16EG-ACI Datasheet(HTML) 34 Page - Nanya Technology Corporation.

Back Button NT5TU32M16EG-ACI Datasheet HTML 30Page - Nanya Technology Corporation. NT5TU32M16EG-ACI Datasheet HTML 31Page - Nanya Technology Corporation. NT5TU32M16EG-ACI Datasheet HTML 32Page - Nanya Technology Corporation. NT5TU32M16EG-ACI Datasheet HTML 33Page - Nanya Technology Corporation. NT5TU32M16EG-ACI Datasheet HTML 34Page - Nanya Technology Corporation. NT5TU32M16EG-ACI Datasheet HTML 35Page - Nanya Technology Corporation. NT5TU32M16EG-ACI Datasheet HTML 36Page - Nanya Technology Corporation. NT5TU32M16EG-ACI Datasheet HTML 37Page - Nanya Technology Corporation. NT5TU32M16EG-ACI Datasheet HTML 38Page - Nanya Technology Corporation. Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 98 page
background image
DDR2 512Mb SDRAM
NT5TU64M8EE / NT5TU32M16EG
34
Version 1.6
Nanya Technology Corp.©
08/2015
All Rights Reserved
Precharge Command
The Precharge Command is used to precharge or close a bank that has been activated. The Precharge
Command is triggered when CS, RAS and WE are low and CAS is high at the rising edge of the clock. The
Pre-charge Command can be used to precharge each bank independently or all banks simultaneously. Three
address bits A10, BA0, and BA1 are used to define which bank to precharge when the command is issued.
Bank Selection for Precharge by Address Bit
A10
BA1
BA0
Precharge
Bank(s)
LOW
LOW
LOW
Bank 0 only
LOW
LOW
HIGH
Bank 1 only
LOW
HIGH
LOW
Bank 2 only
LOW
HIGH
HIGH
Bank 3 only
HIGH
Don't Care
Don't Care
All banks
Burst Read Operation Followed by a Precharge
Minimum Read to Precharge command spacing to the same bank = AL + BL/2 + max (RTP, 2) - 2 clocks.
For the earliest possible precharge, the Precharge command may be issued on the rising edge which is “Additive Latency
(AL) + BL/2 clocks” after a Read Command, as long as the minimum tRAS timing is satisfied.
The minimum Read to Precharge spacing has also to satisfy a minimum analog time from the rising clock edge that initiates
the last 4-bit prefetch of a Read to Precharge command. This time is call tRTP (Read to Precharge). For BL=4 this is the
time from the actual read (AL after the Read command) to Precharge command. For BL=8 this is the time from AL + 2
clocks after the Read to the Precharge command.


Similar Part No. - NT5TU32M16EG-ACI

ManufacturerPart #DatasheetDescription
logo
Nanya Technology Corpor...
NT5TU32M16EG-ACI NANYA-NT5TU32M16EG-ACI Datasheet
3Mb / 96P
   DDR2 512Mb SDRAM
More results

Similar Description - NT5TU32M16EG-ACI

ManufacturerPart #DatasheetDescription
logo
Nanya Technology Corpor...
NT5TU64M8FE NANYA-NT5TU64M8FE Datasheet
3Mb / 107P
   Commercial and Industrial DDR2 512Mb SDRAM
NT5TU128M8HE NANYA-NT5TU128M8HE Datasheet
4Mb / 102P
   Commercial, Industrial and Automotive DDR2 1Gb SDRAM
NT6DM32M16BD NANYA-NT6DM32M16BD Datasheet
4Mb / 81P
   Commercial and Industrial Mobile DDR 512Mb SDRAM
logo
Hynix Semiconductor
HY5PS12421AFP HYNIX-HY5PS12421AFP Datasheet
1Mb / 37P
   512Mb DDR2 SDRAM
H5PS5162FFR-C HYNIX-H5PS5162FFR-C Datasheet
530Kb / 39P
   512Mb DDR2 SDRAM
HY5PS12421F HYNIX-HY5PS12421F Datasheet
623Kb / 35P
   512Mb DDR2 SDRAM
HY5PS12421FP HYNIX-HY5PS12421FP Datasheet
622Kb / 35P
   512Mb DDR2 SDRAM
H5PS5182GFR HYNIX-H5PS5182GFR Datasheet
1Mb / 64P
   512Mb DDR2 SDRAM
logo
Nanya Technology Corpor...
NT5TU64M8EE NANYA-NT5TU64M8EE Datasheet
3Mb / 96P
   DDR2 512Mb SDRAM
logo
Hynix Semiconductor
HY5PS12421F-E3 HYNIX-HY5PS12421F-E3 Datasheet
1Mb / 35P
   512Mb DDR2 SDRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com