Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NT5TU32M16EG-ACI Datasheet(PDF) 54 Page - Nanya Technology Corporation.

Part # NT5TU32M16EG-ACI
Description  Commercial, Industrial and Automotive DDR2 512Mb SDRAM
Download  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NANYA [Nanya Technology Corporation.]
Direct Link  http://www.nanya.com
Logo NANYA - Nanya Technology Corporation.

NT5TU32M16EG-ACI Datasheet(HTML) 54 Page - Nanya Technology Corporation.

Back Button NT5TU32M16EG-ACI Datasheet HTML 50Page - Nanya Technology Corporation. NT5TU32M16EG-ACI Datasheet HTML 51Page - Nanya Technology Corporation. NT5TU32M16EG-ACI Datasheet HTML 52Page - Nanya Technology Corporation. NT5TU32M16EG-ACI Datasheet HTML 53Page - Nanya Technology Corporation. NT5TU32M16EG-ACI Datasheet HTML 54Page - Nanya Technology Corporation. NT5TU32M16EG-ACI Datasheet HTML 55Page - Nanya Technology Corporation. NT5TU32M16EG-ACI Datasheet HTML 56Page - Nanya Technology Corporation. NT5TU32M16EG-ACI Datasheet HTML 57Page - Nanya Technology Corporation. NT5TU32M16EG-ACI Datasheet HTML 58Page - Nanya Technology Corporation. Next Button
Zoom Inzoom in Zoom Outzoom out
 54 / 98 page
background image
DDR2 512Mb SDRAM
NT5TU64M8EE / NT5TU32M16EG
54
Version 1.6
Nanya Technology Corp.©
08/2015
All Rights Reserved
AC & DC Operating Conditions
DC Operating Conditions
Recommended DC Operating Conditions (SSTL_1.8)
Symbol
Parameter
Rating
Units
Notes
Min
Typ
Max
VDD
Supply Voltage
1.7
1.8
1.9
V
1
VDDDL
Supply Voltage for DLL
1.7
1.8
1.9
V
5
VDDQ
Supply Voltage for Output
1.7
1.8
1.9
V
1,5
VREF
Input Reference Voltage
0.49 * VDDQ
0.5 * VDDQ
0.51 * VDDQ
V
2, 3
VTT
Termination Voltage
VREF - 0.04
VREF
VREF + 0.04
V
4
Notes:
1. There is no specific device VDD supply voltage requirement for SSTL_18 compliance. However under all conditions VDDQ must be less
than or equal to VDD.
2. The value of VREF may be selected by the user to provide optimum noise margin in the system. Typically the value of VREF is expected to
be about 0.5 x VDDQ of the transmitting device and VREF is expected to track variations in VDDQ.
3.
Peak to peak ac noise on VREF may not exceed +/- 2% VREF (dc).
4.
VTT is not applied directly to the device. VTT is a system supply for signal termination resistors is expected to be set equal to VREF and
must track variations in die dc level of VREF.
5.
VDDQ tracks with VDD, VDDL tracks with VDD. AC parameters are measured with VDD, VDDQ, and VDDL tied together.
ODT DC Electrical Characteristic
Parameter / Condition
Symbol
Min
Nom
Max
Units
Notes
Rtt eff. impedance value for EMRS(1)(A6,A2)=0,1; 75Ω
Rtt1(eff)
60
75
90
Ω
1
Rtt eff. impedance value for EMRS(1)(A6,A2)=1,0; 150Ω
Rtt2(eff)
120
150
180
Ω
1
Rtt eff. impedance value for EMRS(1)(A6,A2)=1,1; 50Ω
Rtt3(eff)
40
50
60
Ω
1
Deviation of VM with respect to VDDQ / 2
delta VM
- 6
+ 6
%
2
Notes:
1.
Measurement Definition for Rtt(eff):
2. Measurement Definition for VM:
VIH (ac)
- VIL (ac)
I(VIH (ac)) - I(VIL (ac))
Rtt(eff) =
Δ
VM = (
- 1 )
x 100%
2 x Vm
VDDQ


Similar Part No. - NT5TU32M16EG-ACI

ManufacturerPart #DatasheetDescription
logo
Nanya Technology Corpor...
NT5TU32M16EG-ACI NANYA-NT5TU32M16EG-ACI Datasheet
3Mb / 96P
   DDR2 512Mb SDRAM
More results

Similar Description - NT5TU32M16EG-ACI

ManufacturerPart #DatasheetDescription
logo
Nanya Technology Corpor...
NT5TU64M8FE NANYA-NT5TU64M8FE Datasheet
3Mb / 107P
   Commercial and Industrial DDR2 512Mb SDRAM
NT5TU128M8HE NANYA-NT5TU128M8HE Datasheet
4Mb / 102P
   Commercial, Industrial and Automotive DDR2 1Gb SDRAM
NT6DM32M16BD NANYA-NT6DM32M16BD Datasheet
4Mb / 81P
   Commercial and Industrial Mobile DDR 512Mb SDRAM
logo
Hynix Semiconductor
HY5PS12421AFP HYNIX-HY5PS12421AFP Datasheet
1Mb / 37P
   512Mb DDR2 SDRAM
H5PS5162FFR-C HYNIX-H5PS5162FFR-C Datasheet
530Kb / 39P
   512Mb DDR2 SDRAM
HY5PS12421F HYNIX-HY5PS12421F Datasheet
623Kb / 35P
   512Mb DDR2 SDRAM
HY5PS12421FP HYNIX-HY5PS12421FP Datasheet
622Kb / 35P
   512Mb DDR2 SDRAM
H5PS5182GFR HYNIX-H5PS5182GFR Datasheet
1Mb / 64P
   512Mb DDR2 SDRAM
logo
Nanya Technology Corpor...
NT5TU64M8EE NANYA-NT5TU64M8EE Datasheet
3Mb / 96P
   DDR2 512Mb SDRAM
logo
Hynix Semiconductor
HY5PS12421F-E3 HYNIX-HY5PS12421F-E3 Datasheet
1Mb / 35P
   512Mb DDR2 SDRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com