Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NT5TU32M16EG-BE Datasheet(PDF) 42 Page - Nanya Technology Corporation.

Part # NT5TU32M16EG-BE
Description  Commercial, Industrial and Automotive DDR2 512Mb SDRAM
Download  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NANYA [Nanya Technology Corporation.]
Direct Link  http://www.nanya.com
Logo NANYA - Nanya Technology Corporation.

NT5TU32M16EG-BE Datasheet(HTML) 42 Page - Nanya Technology Corporation.

Back Button NT5TU32M16EG-BE Datasheet HTML 38Page - Nanya Technology Corporation. NT5TU32M16EG-BE Datasheet HTML 39Page - Nanya Technology Corporation. NT5TU32M16EG-BE Datasheet HTML 40Page - Nanya Technology Corporation. NT5TU32M16EG-BE Datasheet HTML 41Page - Nanya Technology Corporation. NT5TU32M16EG-BE Datasheet HTML 42Page - Nanya Technology Corporation. NT5TU32M16EG-BE Datasheet HTML 43Page - Nanya Technology Corporation. NT5TU32M16EG-BE Datasheet HTML 44Page - Nanya Technology Corporation. NT5TU32M16EG-BE Datasheet HTML 45Page - Nanya Technology Corporation. NT5TU32M16EG-BE Datasheet HTML 46Page - Nanya Technology Corporation. Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 98 page
background image
DDR2 512Mb SDRAM
NT5TU64M8EE / NT5TU32M16EG
42
Version 1.6
Nanya Technology Corp.©
08/2015
All Rights Reserved
Burst Write with Auto-Precharge
If A10 is high when a Write Command is issued, the Write with Auto-Precharge function is engaged. The DDR2 SDRAM
automatically begins precharge operation after the completion of the write burst plus the write recovery time delay (WR),
programmed in the MRS register, as long as tRAS is satisfied. The bank undergoing Auto-Precharge from the completion of
the write burst may be reactivated if the following two conditions are satisfied.
(1) The last data-in to bank activate delay time (tDAL = WR + tRP) has been satisfied.
(2) The RAS cycle time (tRC) from the previous bank activation has been satisfied.
Examples:
Burst Write with Auto-Precharge (tRC Limit): WL = 2, tDAL = 6 (WR = 3, tRP = 3), BL = 4
NOP
NOP
NOP
NOP
NOP
Bank A
Activate
NOP
WRITE
w/AP
T0
T2
T1
T3
T4
T5
T6
T7
NOP
CMD
DQ
BW-AP223
A10 ="high"
tRP
Auto-Precharge Begins
DIN A0 DIN A1 DIN A2 DIN A3
WL = RL-1 = 2
WR
tRCmin.
DQS,
DQS
Completion of the Burst Write
tDAL
>=tRASmin.
CK, CK
Burst Write with Auto-Precharge (tWR + tRP Limit) : WL = 4, tDAL = 6 (tWR = 3, tRP = 3), BL = 4
NOP
NOP
NOP
NOP
NOP
Bank A
Activate
NOP
Posted CAS
WRITE w/AP
T
0
T
3
T
4
T
5
T
6
T
7
T12
NOP
CMD
DQ
BW-AP423
A10 ="high"
tRP
Auto-Precharge Begins
DIN
A0
DIN
A1
DIN
A2
DIN
A3
WL = RL-1 = 4
tWR
>=tRC
T
9
T
8
Completion of the Burst Write
DQS,
DQS
tDAL
>=tRAS
CK, CK


Similar Part No. - NT5TU32M16EG-BE

ManufacturerPart #DatasheetDescription
logo
Nanya Technology Corpor...
NT5TU32M16EG-ACI NANYA-NT5TU32M16EG-ACI Datasheet
3Mb / 96P
   DDR2 512Mb SDRAM
More results

Similar Description - NT5TU32M16EG-BE

ManufacturerPart #DatasheetDescription
logo
Nanya Technology Corpor...
NT5TU64M8FE NANYA-NT5TU64M8FE Datasheet
3Mb / 107P
   Commercial and Industrial DDR2 512Mb SDRAM
NT5TU128M8HE NANYA-NT5TU128M8HE Datasheet
4Mb / 102P
   Commercial, Industrial and Automotive DDR2 1Gb SDRAM
NT6DM32M16BD NANYA-NT6DM32M16BD Datasheet
4Mb / 81P
   Commercial and Industrial Mobile DDR 512Mb SDRAM
logo
Hynix Semiconductor
HY5PS12421AFP HYNIX-HY5PS12421AFP Datasheet
1Mb / 37P
   512Mb DDR2 SDRAM
H5PS5162FFR-C HYNIX-H5PS5162FFR-C Datasheet
530Kb / 39P
   512Mb DDR2 SDRAM
HY5PS12421F HYNIX-HY5PS12421F Datasheet
623Kb / 35P
   512Mb DDR2 SDRAM
HY5PS12421FP HYNIX-HY5PS12421FP Datasheet
622Kb / 35P
   512Mb DDR2 SDRAM
H5PS5182GFR HYNIX-H5PS5182GFR Datasheet
1Mb / 64P
   512Mb DDR2 SDRAM
logo
Nanya Technology Corpor...
NT5TU64M8EE NANYA-NT5TU64M8EE Datasheet
3Mb / 96P
   DDR2 512Mb SDRAM
logo
Hynix Semiconductor
HY5PS12421F-E3 HYNIX-HY5PS12421F-E3 Datasheet
1Mb / 35P
   512Mb DDR2 SDRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com