Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NT5TU32M16EG-BE Datasheet(PDF) 63 Page - Nanya Technology Corporation.

Part # NT5TU32M16EG-BE
Description  Commercial, Industrial and Automotive DDR2 512Mb SDRAM
Download  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NANYA [Nanya Technology Corporation.]
Direct Link  http://www.nanya.com
Logo NANYA - Nanya Technology Corporation.

NT5TU32M16EG-BE Datasheet(HTML) 63 Page - Nanya Technology Corporation.

Back Button NT5TU32M16EG-BE Datasheet HTML 59Page - Nanya Technology Corporation. NT5TU32M16EG-BE Datasheet HTML 60Page - Nanya Technology Corporation. NT5TU32M16EG-BE Datasheet HTML 61Page - Nanya Technology Corporation. NT5TU32M16EG-BE Datasheet HTML 62Page - Nanya Technology Corporation. NT5TU32M16EG-BE Datasheet HTML 63Page - Nanya Technology Corporation. NT5TU32M16EG-BE Datasheet HTML 64Page - Nanya Technology Corporation. NT5TU32M16EG-BE Datasheet HTML 65Page - Nanya Technology Corporation. NT5TU32M16EG-BE Datasheet HTML 66Page - Nanya Technology Corporation. NT5TU32M16EG-BE Datasheet HTML 67Page - Nanya Technology Corporation. Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 98 page
background image
DDR2 512Mb SDRAM
NT5TU64M8EE / NT5TU32M16EG
63
Version 1.6
Nanya Technology Corp.©
08/2015
All Rights Reserved
Other control and address bus inputs are SWITCHING;
Data bus inputs are SWITCHING
IDD6
Self refresh current;
CK and CK at 0 V;
CKE ≤ 0.2 V;
Other control and address bus inputs are FLOATING;
Data bus inputs are FLOATING
IDD7
Operating bank interleave read current;
All bank interleaving reads, IOUT = 0mA;
BL = 4, CL = CL(IDD), AL = tRCD(IDD) - 1 x tCK(IDD);
tCK = tCK(IDD), tRC = tRC(IDD), tRRD = tRRD(IDD), tFAW = tFAW(IDD),
tRCD = 1 x tCK(IDD);
CKE is HIGH, CS is HIGH between valid commands;
Address bus inputs are STABLE during DESELECTs;
Data pattern is same as IDD4R;
- Refer to the following pages for detailed timing conditions
Notes:
1.
IDD specifications are tested after the device is properly initialized
2.
Input slew rate is specified by AC Parametric Test Condition
3.
IDD parameters are specified with ODT disabled.
4.
Data bus consists of DQ, DM, DQS, DQS, RDQS, RDQS, LDQS, LDQS, UDQS, and UDQS. IDD values must be met with
all combinations of EMRS bits 10 and 11.
5.
For DDR2-667/800/1066 testing, tCK in the Conditions should be interpreted as tCK(avg)
6.
Definitions for IDD
- LOW = Vin ≤ VILAC(max)
- HIGH = Vin ≥ VIHAC(min)
- STABLE = inputs stable at a HIGH or LOW level
- FLOATING = inputs at VREF = VDDQ/2
- SWITCHING = inputs changing between HIGH and LOW every other clock cycle (once per two clocks) for address and
control signals, and inputs changing between


Similar Part No. - NT5TU32M16EG-BE

ManufacturerPart #DatasheetDescription
logo
Nanya Technology Corpor...
NT5TU32M16EG-ACI NANYA-NT5TU32M16EG-ACI Datasheet
3Mb / 96P
   DDR2 512Mb SDRAM
More results

Similar Description - NT5TU32M16EG-BE

ManufacturerPart #DatasheetDescription
logo
Nanya Technology Corpor...
NT5TU64M8FE NANYA-NT5TU64M8FE Datasheet
3Mb / 107P
   Commercial and Industrial DDR2 512Mb SDRAM
NT5TU128M8HE NANYA-NT5TU128M8HE Datasheet
4Mb / 102P
   Commercial, Industrial and Automotive DDR2 1Gb SDRAM
NT6DM32M16BD NANYA-NT6DM32M16BD Datasheet
4Mb / 81P
   Commercial and Industrial Mobile DDR 512Mb SDRAM
logo
Hynix Semiconductor
HY5PS12421AFP HYNIX-HY5PS12421AFP Datasheet
1Mb / 37P
   512Mb DDR2 SDRAM
H5PS5162FFR-C HYNIX-H5PS5162FFR-C Datasheet
530Kb / 39P
   512Mb DDR2 SDRAM
HY5PS12421F HYNIX-HY5PS12421F Datasheet
623Kb / 35P
   512Mb DDR2 SDRAM
HY5PS12421FP HYNIX-HY5PS12421FP Datasheet
622Kb / 35P
   512Mb DDR2 SDRAM
H5PS5182GFR HYNIX-H5PS5182GFR Datasheet
1Mb / 64P
   512Mb DDR2 SDRAM
logo
Nanya Technology Corpor...
NT5TU64M8EE NANYA-NT5TU64M8EE Datasheet
3Mb / 96P
   DDR2 512Mb SDRAM
logo
Hynix Semiconductor
HY5PS12421F-E3 HYNIX-HY5PS12421F-E3 Datasheet
1Mb / 35P
   512Mb DDR2 SDRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com