Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NT5TU32M16EG Datasheet(PDF) 1 Page - Nanya Technology Corporation.

Part # NT5TU32M16EG
Description  Commercial, Industrial and Automotive DDR2 512Mb SDRAM
Download  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NANYA [Nanya Technology Corporation.]
Direct Link  http://www.nanya.com
Logo NANYA - Nanya Technology Corporation.

NT5TU32M16EG Datasheet(HTML) 1 Page - Nanya Technology Corporation.

  NT5TU32M16EG Datasheet HTML 1Page - Nanya Technology Corporation. NT5TU32M16EG Datasheet HTML 2Page - Nanya Technology Corporation. NT5TU32M16EG Datasheet HTML 3Page - Nanya Technology Corporation. NT5TU32M16EG Datasheet HTML 4Page - Nanya Technology Corporation. NT5TU32M16EG Datasheet HTML 5Page - Nanya Technology Corporation. NT5TU32M16EG Datasheet HTML 6Page - Nanya Technology Corporation. NT5TU32M16EG Datasheet HTML 7Page - Nanya Technology Corporation. NT5TU32M16EG Datasheet HTML 8Page - Nanya Technology Corporation. NT5TU32M16EG Datasheet HTML 9Page - Nanya Technology Corporation. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 98 page
background image
DDR2 512Mb SDRAM
NT5TU64M8EE / NT5TU32M16EG
1
Version 1.6
Nanya Technology Corp.©
08/2015
All Rights Reserved
Commercial, Industrial and
Automotive DDR2 512Mb SDRAM
JEDEC DDR2 Compliant
- Double-data rate on DQs, DQS, DM bus
- 4n Prefetch Architecture
Throughput of valid Commands
- Posted CAS and Additive Latency (AL)
Signal Integrity
- Configurable DS for system compatibility
- Configurable On-Die Termination
Data Integrity
- Auto Refresh and Self Refresh Modes
Power Saving Modes
- Power Down Mode
SSTL_18 compliance and Power Supply
- VDD/VDDQ = 1.70 to 1.90V
Density / Packages information
Lead-free RoHS compliance and Halogen-free
512Mb
(Org. / Package)
Width x Length
(mm)
Ball pitch
(mm)
64 Mb x 8
60 VFBGA
8.00 x 10.00
0.80
32 Mb x 16
84 VFBGA
8.00 x 12.50
0.80
Density and Addressing
Configuration
64 Mb x 8
32 Mb x 16
Number of Banks
4
4
Bank Address
BA0 – BA1
BA0 – BA1
Auto Precharge
A10/AP
A10/AP
Row Address
A0 - A13
A0 - A12
Column Address
A0 - A9
A0 – A9
Page Size
1 KB
2 KB
Features
Options
Temperature Range (Tc)
2
- Commercial Grade = 0~95
- Quasi Industrial Grade (-T) = -20~95
- Industrial Grade (-I) = -40~95
- Automotive Grade 2 (-H) = -40~105
- Automotive Grade 3 (-A) = -40~95
Notes:
1. For high speed bin backward compatible support, please refer to speed and voltage compatibility table.
2. If TC exceeds 85°C, the DRAM must be refreshed externally at 2x refresh. It is required to set tREFI=3.9μs in auto refresh mode and to
set ‘1’ for EMRS (2) bit A7 in self refresh mode.
Output Drive Impedance (Full, Reduced)
Burst Length (4, 8)
Burst Type (Sequential, Interleaved)
Rtt (50, 75, 150)
Programmable functions
CAS Latency (3, 4, 5, 6, 7)
Additive Latency (0, 1, 2, 3, 4, 5, 6)
WR (2, 3, 4, 5, 6, 7, 8)
Speed Grade ( DataRate/CL-tRCD-tRP)
1
- 1066 Mbps / 7-7-7
- 800 Mbps / 5-5-5
Nanya Technology Corp.
NT5TU64M8EE / NT5TU32M16EG


Similar Part No. - NT5TU32M16EG

ManufacturerPart #DatasheetDescription
logo
Nanya Technology Corpor...
NT5TU32M16EG NANYA-NT5TU32M16EG Datasheet
3Mb / 96P
   DDR2 512Mb SDRAM
NT5TU32M16EG-ACI NANYA-NT5TU32M16EG-ACI Datasheet
3Mb / 96P
   DDR2 512Mb SDRAM
More results

Similar Description - NT5TU32M16EG

ManufacturerPart #DatasheetDescription
logo
Nanya Technology Corpor...
NT5TU64M8FE NANYA-NT5TU64M8FE Datasheet
3Mb / 107P
   Commercial and Industrial DDR2 512Mb SDRAM
NT5TU128M8HE NANYA-NT5TU128M8HE Datasheet
4Mb / 102P
   Commercial, Industrial and Automotive DDR2 1Gb SDRAM
NT6DM32M16BD NANYA-NT6DM32M16BD Datasheet
4Mb / 81P
   Commercial and Industrial Mobile DDR 512Mb SDRAM
logo
Hynix Semiconductor
HY5PS12421AFP HYNIX-HY5PS12421AFP Datasheet
1Mb / 37P
   512Mb DDR2 SDRAM
H5PS5162FFR-C HYNIX-H5PS5162FFR-C Datasheet
530Kb / 39P
   512Mb DDR2 SDRAM
HY5PS12421F HYNIX-HY5PS12421F Datasheet
623Kb / 35P
   512Mb DDR2 SDRAM
HY5PS12421FP HYNIX-HY5PS12421FP Datasheet
622Kb / 35P
   512Mb DDR2 SDRAM
H5PS5182GFR HYNIX-H5PS5182GFR Datasheet
1Mb / 64P
   512Mb DDR2 SDRAM
logo
Nanya Technology Corpor...
NT5TU64M8EE NANYA-NT5TU64M8EE Datasheet
3Mb / 96P
   DDR2 512Mb SDRAM
logo
Hynix Semiconductor
HY5PS12421F-E3 HYNIX-HY5PS12421F-E3 Datasheet
1Mb / 35P
   512Mb DDR2 SDRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com