Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NT5CC256M16ER-EKA Datasheet(PDF) 21 Page - Nanya Technology Corporation.

Part # NT5CC256M16ER-EKA
Description  Automotive DDR3(L) 4Gb SDRAM
Download  154 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NANYA [Nanya Technology Corporation.]
Direct Link  http://www.nanya.com
Logo NANYA - Nanya Technology Corporation.

NT5CC256M16ER-EKA Datasheet(HTML) 21 Page - Nanya Technology Corporation.

Back Button NT5CC256M16ER-EKA Datasheet HTML 17Page - Nanya Technology Corporation. NT5CC256M16ER-EKA Datasheet HTML 18Page - Nanya Technology Corporation. NT5CC256M16ER-EKA Datasheet HTML 19Page - Nanya Technology Corporation. NT5CC256M16ER-EKA Datasheet HTML 20Page - Nanya Technology Corporation. NT5CC256M16ER-EKA Datasheet HTML 21Page - Nanya Technology Corporation. NT5CC256M16ER-EKA Datasheet HTML 22Page - Nanya Technology Corporation. NT5CC256M16ER-EKA Datasheet HTML 23Page - Nanya Technology Corporation. NT5CC256M16ER-EKA Datasheet HTML 24Page - Nanya Technology Corporation. NT5CC256M16ER-EKA Datasheet HTML 25Page - Nanya Technology Corporation. Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 154 page
background image
Version 1.4
21
Nanya Technology Cooperation ©
05/2019
All Rights Reserved.
NTC Proprietary
Level: Property
DDR3(L) 4Gb SDRAM
NT5CB(C)512M8EQ/NT5CB(C)256M16ER
Write leveling
For better signal integrity, DDR3(L) memory module adopted fly by topology for the commands, addresses, control signals,
and clocks. The fly by topology has benefits from reducing number of stubs and their length but in other aspect, causes
flight time skew between clock and strobe at every DRAM on DIMM. It makes difficult for the Controller to maintain tDQSS,
tDSS, and tDSH specification. Therefore, the controller should support ‘write leveling’ in DDR3(L) SDRAM to compensate
for skew.
Output Disable
The DDR3(L) SDRAM outputs maybe enable/disabled by MR1 (bit12) as shown in MR1 definition. When this feature is
enabled (A12=1) all output pins (DQs, DQS,
, etc.) are disconnected from the device removing any loading of the
output drivers. This feature may be useful when measuring modules power for example. For normal operation A12 should
be set to ‘0’.
TDQS,
T
TDQS (Termination Data Strobe) is a feature of x8 DDR3(L) SDRAM that provides additional termination resistance outputs
that may be useful in some system configurations.
When enabled via the mode register, the same termination resistance function is applied to be TDQS/
T pins that are
applied to the DQS/
 pins.
In contrast to the RDQS function of DDR2 SDRAM, TDQS provides the termination resistance function only. The data
strobe function of RDQS is not provided by TDQS.
The TDQS and DM functions share the same pin. When the TDQS function is enabled via the mode register, the DM
function is not supported. When the TDQS function is disabled, the DM function is provided and the
T pin is not used.
The TDQS function is available in x8 DDR3(L) SDRAM only and must be disabled via the mode register A11=0 in MR1 for
x16 configurations.
TDQS,
T Function Matrix
MR1 (A11)
DM / TDQS
NU / TDQS
0 (TDQS Disabled)
DM
Hi-Z
1 (TDQS Enabled)
TDQS
T
Note:
1. If TDQS is enabled, the DM function is disabled.
2. When not used, TDQS function can be disabled to save termination power.
3. TDQS function is only available for x8 DRAM and must be disabled for x16.


Similar Part No. - NT5CC256M16ER-EKA

ManufacturerPart #DatasheetDescription
logo
Nanya Technology Corpor...
NT5CC256M16ER-EKA NANYA-NT5CC256M16ER-EKA Datasheet
4Mb / 155P
   Automotive DDR3(L) 4Gb SDRAM
More results

Similar Description - NT5CC256M16ER-EKA

ManufacturerPart #DatasheetDescription
logo
Nanya Technology Corpor...
NT5CB256M16ER NANYA-NT5CB256M16ER Datasheet
4Mb / 155P
   Automotive DDR3(L) 4Gb SDRAM
NT5CB512M8DN NANYA-NT5CB512M8DN Datasheet
4Mb / 163P
   Commercial, Industrial and Automotive DDR3(L) 4Gb SDRAM
NT5CB512M8CN NANYA-NT5CB512M8CN Datasheet
7Mb / 164P
   Commercial, Industrial and Automotive DDR3(L) 4Gb SDRAM
NT5CB512M8EN NANYA-NT5CB512M8EN Datasheet
4Mb / 162P
   Commercial and Industrial DDR3( L 4Gb SDRAM
Version 1.3 11/2017
logo
Hynix Semiconductor
H5TQ4G43MFR HYNIX-H5TQ4G43MFR Datasheet
486Kb / 34P
   4Gb DDR3 SDRAM
logo
Nanya Technology Corpor...
NT5CB512M8EQ NANYA-NT5CB512M8EQ Datasheet
4Mb / 158P
   Commercial and Industrial DDR3(L) 4Gb SDRAM
logo
Hynix Semiconductor
H5TQ4G43AMR HYNIX-H5TQ4G43AMR Datasheet
458Kb / 30P
   4Gb DDR3 SDRAM
H5TQ4G43AFR HYNIX-H5TQ4G43AFR Datasheet
458Kb / 35P
   4Gb DDR3 SDRAM
logo
Nanya Technology Corpor...
NT5CBC256M8JQ NANYA-NT5CBC256M8JQ Datasheet
4Mb / 154P
   Automotive DDR3(L) 2Gb SDRAM
logo
Hynix Semiconductor
H5TQ4G43MMR HYNIX-H5TQ4G43MMR Datasheet
720Kb / 73P
   4Gb DDR3 SDRAM DDP(2Gbx2)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com