Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NT5CC256M16ER-EKA Datasheet(PDF) 14 Page - Nanya Technology Corporation.

Part # NT5CC256M16ER-EKA
Description  Automotive DDR3(L) 4Gb SDRAM
Download  154 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NANYA [Nanya Technology Corporation.]
Direct Link  http://www.nanya.com
Logo NANYA - Nanya Technology Corporation.

NT5CC256M16ER-EKA Datasheet(HTML) 14 Page - Nanya Technology Corporation.

Back Button NT5CC256M16ER-EKA Datasheet HTML 10Page - Nanya Technology Corporation. NT5CC256M16ER-EKA Datasheet HTML 11Page - Nanya Technology Corporation. NT5CC256M16ER-EKA Datasheet HTML 12Page - Nanya Technology Corporation. NT5CC256M16ER-EKA Datasheet HTML 13Page - Nanya Technology Corporation. NT5CC256M16ER-EKA Datasheet HTML 14Page - Nanya Technology Corporation. NT5CC256M16ER-EKA Datasheet HTML 15Page - Nanya Technology Corporation. NT5CC256M16ER-EKA Datasheet HTML 16Page - Nanya Technology Corporation. NT5CC256M16ER-EKA Datasheet HTML 17Page - Nanya Technology Corporation. NT5CC256M16ER-EKA Datasheet HTML 18Page - Nanya Technology Corporation. Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 154 page
background image
Version 1.4
14
Nanya Technology Cooperation ©
05/2019
All Rights Reserved.
NTC Proprietary
Level: Property
DDR3(L) 4Gb SDRAM
NT5CB(C)512M8EQ/NT5CB(C)256M16ER
tMOD Timing
CK
CK
CKE
MRS
NOP
NOP
NOP
NOP
CMD
ADDR
tMOD
Non
MRS
VAL
Old Setting
Updating Setting
New Setting
VAL
VAL
Programming the Mode Registers (Cont’d)
The mode register contents can be changed using the same command and timing requirements during normal operation as
long as the DRAM is in idle state, i.e. all banks are in the precharged state with tRP satisfied, all data bursts are completed
and CKE is high prior to writing into the mode register. The mode registers are divided into various fields depending on the
functionality and/or modes.
Mode Register MR0
The mode-register MR0 stores data for controlling various operating modes of DDR3 (L) SDRAM. It controls burst length,
read burst type, CAS latency, test mode, DLL reset, WR, and DLL control for precharge Power-Down, which include
various vendor specific options to make DDR3(L) SDRAM useful for various applications. The mode register is written by
asserting low on
, RA, A, WE, BA0, BA1, and BA2, while controlling the states of address pins according to the
following figure.


Similar Part No. - NT5CC256M16ER-EKA

ManufacturerPart #DatasheetDescription
logo
Nanya Technology Corpor...
NT5CC256M16ER-EKA NANYA-NT5CC256M16ER-EKA Datasheet
4Mb / 155P
   Automotive DDR3(L) 4Gb SDRAM
More results

Similar Description - NT5CC256M16ER-EKA

ManufacturerPart #DatasheetDescription
logo
Nanya Technology Corpor...
NT5CB256M16ER NANYA-NT5CB256M16ER Datasheet
4Mb / 155P
   Automotive DDR3(L) 4Gb SDRAM
NT5CB512M8DN NANYA-NT5CB512M8DN Datasheet
4Mb / 163P
   Commercial, Industrial and Automotive DDR3(L) 4Gb SDRAM
NT5CB512M8CN NANYA-NT5CB512M8CN Datasheet
7Mb / 164P
   Commercial, Industrial and Automotive DDR3(L) 4Gb SDRAM
NT5CB512M8EN NANYA-NT5CB512M8EN Datasheet
4Mb / 162P
   Commercial and Industrial DDR3( L 4Gb SDRAM
Version 1.3 11/2017
logo
Hynix Semiconductor
H5TQ4G43MFR HYNIX-H5TQ4G43MFR Datasheet
486Kb / 34P
   4Gb DDR3 SDRAM
logo
Nanya Technology Corpor...
NT5CB512M8EQ NANYA-NT5CB512M8EQ Datasheet
4Mb / 158P
   Commercial and Industrial DDR3(L) 4Gb SDRAM
logo
Hynix Semiconductor
H5TQ4G43AMR HYNIX-H5TQ4G43AMR Datasheet
458Kb / 30P
   4Gb DDR3 SDRAM
H5TQ4G43AFR HYNIX-H5TQ4G43AFR Datasheet
458Kb / 35P
   4Gb DDR3 SDRAM
logo
Nanya Technology Corpor...
NT5CBC256M8JQ NANYA-NT5CBC256M8JQ Datasheet
4Mb / 154P
   Automotive DDR3(L) 2Gb SDRAM
logo
Hynix Semiconductor
H5TQ4G43MMR HYNIX-H5TQ4G43MMR Datasheet
720Kb / 73P
   4Gb DDR3 SDRAM DDP(2Gbx2)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com