Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NT5CC256M16ER-EKA Datasheet(PDF) 89 Page - Nanya Technology Corporation.

Part # NT5CC256M16ER-EKA
Description  Automotive DDR3(L) 4Gb SDRAM
Download  154 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NANYA [Nanya Technology Corporation.]
Direct Link  http://www.nanya.com
Logo NANYA - Nanya Technology Corporation.

NT5CC256M16ER-EKA Datasheet(HTML) 89 Page - Nanya Technology Corporation.

Back Button NT5CC256M16ER-EKA Datasheet HTML 85Page - Nanya Technology Corporation. NT5CC256M16ER-EKA Datasheet HTML 86Page - Nanya Technology Corporation. NT5CC256M16ER-EKA Datasheet HTML 87Page - Nanya Technology Corporation. NT5CC256M16ER-EKA Datasheet HTML 88Page - Nanya Technology Corporation. NT5CC256M16ER-EKA Datasheet HTML 89Page - Nanya Technology Corporation. NT5CC256M16ER-EKA Datasheet HTML 90Page - Nanya Technology Corporation. NT5CC256M16ER-EKA Datasheet HTML 91Page - Nanya Technology Corporation. NT5CC256M16ER-EKA Datasheet HTML 92Page - Nanya Technology Corporation. NT5CC256M16ER-EKA Datasheet HTML 93Page - Nanya Technology Corporation. Next Button
Zoom Inzoom in Zoom Outzoom out
 89 / 154 page
background image
Version 1.4
89
Nanya Technology Cooperation ©
05/2019
All Rights Reserved.
NTC Proprietary
Level: Property
DDR3(L) 4Gb SDRAM
NT5CB(C)512M8EQ/NT5CB(C)256M16ER
DDR3L AC and DC Logic Input Levels for DQ and DM
Symbol
Parameter
DDR3L
Unit
Notes
1600
1866
Min
Max
Min
Max
VIH.DQ(DC90)
DC input logic high
Vref + 0.09
VDD
Vref + 0.09
VDD
V
1
VIL.DQ(DC90)
DC input logic low
VSS
Vref - 0.09
VSS
Vref - 0.09
V
1
VIH.DQ(AC160)
AC input logic high
-
-
-
-
V
1,2
VIL.DQ(AC160)
AC input logic low
-
-
-
-
V
1,2
VIH.DQ(AC135)
AC input logic high
Vref + 0.135
Note 2
Vref + 0.135
Note 2
V
1,2
VIL.DQ(AC135)
AC input logic low
Note 2
Vref - 0.135
Note 2
Vref - 0.135
V
1,2
VIH.DQ(AC130)
AC input logic high
-
-
Vref + 0.13
Note 2
V
1,2
VIL.DQ(AC130)
AC input logic low
-
-
Note 2
Vref - 0.13
V
1,2
VRefDQ(DC)
Reference Voltage
for DQ, DM inputs
0.49 * VDD
0.51 * VDD
0.49 * VDD
0.51 * VDD
V
3,4
NOTE 1 For input only pins except
REET. Vref = VrefDQ(DC).
NOTE 2 See “Overshoot and Undershoot Specifications”.
NOTE 3 The AC peak noise on VRef may not allow VRef to deviate from VRefDQ(DC) by more than +/-1% VDD (for reference: approx. +/- 13.5 mV).
NOTE 4 For reference: approx. VDD/2 +/- 13.5 mV.


Similar Part No. - NT5CC256M16ER-EKA

ManufacturerPart #DatasheetDescription
logo
Nanya Technology Corpor...
NT5CC256M16ER-EKA NANYA-NT5CC256M16ER-EKA Datasheet
4Mb / 155P
   Automotive DDR3(L) 4Gb SDRAM
More results

Similar Description - NT5CC256M16ER-EKA

ManufacturerPart #DatasheetDescription
logo
Nanya Technology Corpor...
NT5CB256M16ER NANYA-NT5CB256M16ER Datasheet
4Mb / 155P
   Automotive DDR3(L) 4Gb SDRAM
NT5CB512M8DN NANYA-NT5CB512M8DN Datasheet
4Mb / 163P
   Commercial, Industrial and Automotive DDR3(L) 4Gb SDRAM
NT5CB512M8CN NANYA-NT5CB512M8CN Datasheet
7Mb / 164P
   Commercial, Industrial and Automotive DDR3(L) 4Gb SDRAM
NT5CB512M8EN NANYA-NT5CB512M8EN Datasheet
4Mb / 162P
   Commercial and Industrial DDR3( L 4Gb SDRAM
Version 1.3 11/2017
logo
Hynix Semiconductor
H5TQ4G43MFR HYNIX-H5TQ4G43MFR Datasheet
486Kb / 34P
   4Gb DDR3 SDRAM
logo
Nanya Technology Corpor...
NT5CB512M8EQ NANYA-NT5CB512M8EQ Datasheet
4Mb / 158P
   Commercial and Industrial DDR3(L) 4Gb SDRAM
logo
Hynix Semiconductor
H5TQ4G43AMR HYNIX-H5TQ4G43AMR Datasheet
458Kb / 30P
   4Gb DDR3 SDRAM
H5TQ4G43AFR HYNIX-H5TQ4G43AFR Datasheet
458Kb / 35P
   4Gb DDR3 SDRAM
logo
Nanya Technology Corpor...
NT5CBC256M8JQ NANYA-NT5CBC256M8JQ Datasheet
4Mb / 154P
   Automotive DDR3(L) 2Gb SDRAM
logo
Hynix Semiconductor
H5TQ4G43MMR HYNIX-H5TQ4G43MMR Datasheet
720Kb / 73P
   4Gb DDR3 SDRAM DDP(2Gbx2)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com