Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EL4342 Datasheet(PDF) 8 Page - Intersil Corporation

Part # EL4342
Description  500MHz Triple, Multiplexing Amplifiers
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

EL4342 Datasheet(HTML) 8 Page - Intersil Corporation

Back Button EL4342 Datasheet HTML 4Page - Intersil Corporation EL4342 Datasheet HTML 5Page - Intersil Corporation EL4342 Datasheet HTML 6Page - Intersil Corporation EL4342 Datasheet HTML 7Page - Intersil Corporation EL4342 Datasheet HTML 8Page - Intersil Corporation EL4342 Datasheet HTML 9Page - Intersil Corporation EL4342 Datasheet HTML 10Page - Intersil Corporation EL4342 Datasheet HTML 11Page - Intersil Corporation EL4342 Datasheet HTML 12Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 13 page
background image
8
FN7421.1
September 21, 2005
IEL4342
(32 LD QFN)
EL4340
(24 LD QFN)
PIN
NAME
EQUIVALENT
CIRCUIT
DESCRIPTION
1
8
IN1A
Circuit 1
Channel 1 input for output amplifier "A"
2, 4, 8, 13, 15,
24, 28, 30
4, 7, 9, 13, 15,
24
NIC
Not Internally Connected; it is recommended these pins be tied to ground to
minimize crosstalk.
3
10
IN1B
Circuit 1
Channel 1 input for output amplifier "B"
5
12
IN1C
Circuit 1
Channel 1 input for output amplifier "C"
6
5
GNDB
Circuit 4
Ground pin for output amplifier “B”
7
NA
IN2A
Circuit 1
Channel 2 input for output amplifier "A"
9
NA
IN2B
Circuit 1
Channel 2 input for output amplifier "B"
10
NA
IN2C
Circuit 1
Channel 2 input for output amplifier "C"
11
11
GNDC
Circuit 4
Ground pin for output amplifier “C”
12
NA
IN3A
Circuit 1
Channel 3 input for output amplifier "A"
14
NA
IN3B
Circuit 1
Channel 3 input for output amplifier "B"
16
NA
IN3C
Circuit 1
Channel 3 input for output amplifier "C"
17
NA
S1
Circuit 2
Channel selection pin MSB (binary logic code)
18
14
S0
Circuit 2
Channel selection pin. LSB (binary logic code)
19
17
OUTC
Circuit 3
Output of amplifier “C”
20
18
OUTB
Circuit 3
Output of amplifier “B”
21
16
V-
Circuit 4
Negative power supply
22
20
OUTA
Circuit 3
Output of amplifier “A”
23
19
V+
Circuit 4
Positive power supply
25
22
ENABLE
Circuit 2
Device enable (active low). Internal pull-down resistor ensures the device will be
active with no connection to this pin. A logic High on this pin puts device into power-
down mode. In power-down mode only logic circuitry is active. All logic states are
preserved post power-down. This state is not recommended for logic control where
more than one MUX-amp share the same video output line.
23
LE
Circuit 2
Device latch enable on the ISL59424. A logic high on LE will latch the last (S0, S1)
logic state. HIZ and ENABLE functions are not latched with the LE pin.
26
21
HIZ
Circuit 2
Output disable (active high). Internal pull-down resistor ensures the device will be
active with no connection to this pin. A logic high, puts the outputs in a high
impedance state. Use this state to control logic when more than one MUX-amp
share the same video output line.
27
6
IN0C
Circuit 1
Channel 0 for output amplifier "C"
29
3
IN0B
Circuit 1
Channel 0 for output amplifier "B"
31
1
IN0A
Circuit 1
Channel 0 for output amplifier "A"
32
2
GNDA
Circuit 4
Ground pin for output amplifier “A”
IN
V+
V-
LOGIC PIN
V+
V-
GND
33K
21K
+
-
1.2V
V+
V-
OUT
CIRCUIT 3
CIRCUIT 1
CIRCUIT 2
V-
V+
GNDB
CAPACITIVELY
COUPLED
ESD CLAMP
GNDC
GNDA
CIRCUIT 4
V-
THERMAL HEAT SINK PAD
~1M
SUBSTRATE
EL4340, EL4342


Similar Part No. - EL4342

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
EL4342 INTERSIL-EL4342 Datasheet
883Kb / 13P
   500MHz Triple, Multiplexing Amplifiers
logo
Renesas Technology Corp
EL4342 RENESAS-EL4342 Datasheet
998Kb / 14P
   500MHz Triple Multiplexing Amplifiers
logo
Intersil Corporation
EL4342 INTERSIL-EL4342 Datasheet
812Kb / 13P
   500MHz Triple, Multiplexing Amplifiers
October 18, 2010
EL4342ILZA INTERSIL-EL4342ILZA Datasheet
883Kb / 13P
   500MHz Triple, Multiplexing Amplifiers
EL4342ILZA INTERSIL-EL4342ILZA Datasheet
815Kb / 13P
   500MHz Triple, Multiplexing Amplifiers
More results

Similar Description - EL4342

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
EL4340 RENESAS-EL4340 Datasheet
998Kb / 14P
   500MHz Triple Multiplexing Amplifiers
logo
Intersil Corporation
EL4340 INTERSIL-EL4340_10 Datasheet
815Kb / 13P
   500MHz Triple, Multiplexing Amplifiers
EL4340IUZ INTERSIL-EL4340IUZ Datasheet
812Kb / 13P
   500MHz Triple, Multiplexing Amplifiers
October 18, 2010
EL4340 INTERSIL-EL4340_06 Datasheet
883Kb / 13P
   500MHz Triple, Multiplexing Amplifiers
ISL59481 INTERSIL-ISL59481 Datasheet
515Kb / 12P
   Dual, 500MHz Triple, Multiplexing Amplifiers
logo
Renesas Technology Corp
ISL59483 RENESAS-ISL59483 Datasheet
1Mb / 17P
   Dual, 500MHz Triple, Multiplexing Amplifiers
logo
Intersil Corporation
ISL59482 INTERSIL-ISL59482 Datasheet
680Kb / 14P
   Dual, 500MHz Triple, Multiplexing Amplifiers
logo
Renesas Technology Corp
ISL59481 RENESAS-ISL59481 Datasheet
932Kb / 12P
   Dual, 500MHz Triple, Multiplexing Amplifiers
ISL59482 RENESAS-ISL59482 Datasheet
1Mb / 15P
   Dual, 500MHz Triple, Multiplexing Amplifiers
logo
Intersil Corporation
ISL59483 INTERSIL-ISL59483_07 Datasheet
1Mb / 17P
   Dual, 500MHz Triple, Multiplexing Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com