Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EL4342 Datasheet(PDF) 3 Page - Intersil Corporation

Part # EL4342
Description  500MHz Triple, Multiplexing Amplifiers
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

EL4342 Datasheet(HTML) 3 Page - Intersil Corporation

  EL4342 Datasheet HTML 1Page - Intersil Corporation EL4342 Datasheet HTML 2Page - Intersil Corporation EL4342 Datasheet HTML 3Page - Intersil Corporation EL4342 Datasheet HTML 4Page - Intersil Corporation EL4342 Datasheet HTML 5Page - Intersil Corporation EL4342 Datasheet HTML 6Page - Intersil Corporation EL4342 Datasheet HTML 7Page - Intersil Corporation EL4342 Datasheet HTML 8Page - Intersil Corporation EL4342 Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
3
FN7421.1
September 21, 2005
Absolute Maximum Ratings (TA = 25°C)
Supply Voltage (V+ to V-). . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 11V
Input Voltage . . . . . . . . . . . . . . . . . . . . . . . . . . . . V- -0.5V, V+ +0.5V
Supply Turn-on Slew Rate . . . . . . . . . . . . . . . . . . . . . . . . . . . 1V/µs
Digital & Analog Input Current (Note 1) . . . . . . . . . . . . . . . . . . 50mA
Output Current (Continuous) . . . . . . . . . . . . . . . . . . . . . . . . . . 50mA
ESD Rating
Human Body Model (Per MIL-STD-883 Method 3015.7). . . .2500V
Machine Model . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .300V
Storage Temperature Range . . . . . . . . . . . . . . . . . .-65°C to +150°C
Ambient Operating Temperature . . . . . . . . . . . . . . . .-40°C to +85°C
Operating Junction Temperature . . . . . . . . . . . . . . .-40°C to +125°C
Power Dissipation . . . . . . . . . . . . . . . . . . . . . . . . . . . . . See Curves
CAUTION: Stresses above those listed in “Absolute Maximum Ratings” may cause permanent damage to the device. This is a stress only rating and operation of the
device at these or any other conditions above those indicated in the operational sections of this specification is not implied.
NOTES:
1. If an input signal is applied before the supplies are powered up, the input current must be limited to these maximum values.
IMPORTANT NOTE: All parameters having Min/Max specifications are guaranteed. Typical values are for information purposes only. Unless otherwise noted, all tests
are at the specified temperature and are pulsed tests, therefore: TJ = TC = TA
Electrical Specifications
V+ = +5V, V- = -5V, GND = 0V, TA = 25°C, Input Video = 1VP-P & RL = 500Ω to GND, CL = 5pF unless
otherwise specified.
PARAMETER
DESCRIPTION
CONDITIONS
MIN
TYP
MAX
UNIT
GENERAL
±IS Enabled
Enabled Supply Current (EL4340)
No load, VIN = 0V, Enable Low
26
30
34
mA
Enabled Supply Current (EL4342)
39
46
50
mA
+IS Disabled
Disabled Supply Current (EL4340)
No load, VIN = 0V, Enable High
2.3
2.8
3.3
mA
Disabled Supply Current (EL4342)
No load, VIN = 0V, Enable High
3
3.5
4
mA
-IS Disabled
Disabled Supply Current
No load, VIN = 0V, Enable High
10
100
µA
VOUT
Positive and Negative Output Swing
VIN = ±3.5V, RL = 500Ω
±3.1
±3.4
V
IOUT
Output Current
RL = 10Ω to GND
±80
±135
mA
VOS
Output Offset Voltage (EL4340)
-15
7
+15
mV
VOS
Output Offset Voltage (EL4342)
-10
+10
mV
Ib
Input Bias Current
VIN = 0V
-1
-2
-3
µA
ROUT
HIZ Output Resistance
HIZ = Logic High
1.4
M
ROUT
Enabled Output Resistance
HIZ = Logic Low
0.2
RIN
Input Resistance
VIN = ±3.5V
10
M
ACL or AV
Voltage Gain
VIN = ±1.5V, RL= 500Ω
0.98
0.99
1.02
V/V
ITRI
Output Current in Three-state
VOUT = 0V
8
15
22
µA
LOGIC
VIH
Input High Voltage (Logic Inputs)
2
V
VIL
Input Low Voltage (Logic Inputs)
0.8
V
IIH
Input High Current (Logic Inputs)
VH = 5V
235
270
320
µA
IIL
Input Low Current (Logic Inputs)
VL = 0V
2
3
µA
AC GENERAL
tS
0.1% Settling Time
Step = 1V
10
ns
PSRR (EL4340) Power Supply Rejection Ratio
DC, PSRR V+ & V- combined
52
72
dB
PSRR (EL4342) Power Supply Rejection Ratio
DC, PSRR V+ & V- combined
52
56
dB
ISO
Channel Isolation
f = 10MHz, Ch-Ch X-Talk and Off Isolation,
CL = 1.5pF
75
dB
EL4340, EL4342


Similar Part No. - EL4342

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
EL4342 INTERSIL-EL4342 Datasheet
883Kb / 13P
   500MHz Triple, Multiplexing Amplifiers
logo
Renesas Technology Corp
EL4342 RENESAS-EL4342 Datasheet
998Kb / 14P
   500MHz Triple Multiplexing Amplifiers
logo
Intersil Corporation
EL4342 INTERSIL-EL4342 Datasheet
812Kb / 13P
   500MHz Triple, Multiplexing Amplifiers
October 18, 2010
EL4342ILZA INTERSIL-EL4342ILZA Datasheet
883Kb / 13P
   500MHz Triple, Multiplexing Amplifiers
EL4342ILZA INTERSIL-EL4342ILZA Datasheet
815Kb / 13P
   500MHz Triple, Multiplexing Amplifiers
More results

Similar Description - EL4342

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
EL4340 RENESAS-EL4340 Datasheet
998Kb / 14P
   500MHz Triple Multiplexing Amplifiers
logo
Intersil Corporation
EL4340 INTERSIL-EL4340_10 Datasheet
815Kb / 13P
   500MHz Triple, Multiplexing Amplifiers
EL4340IUZ INTERSIL-EL4340IUZ Datasheet
812Kb / 13P
   500MHz Triple, Multiplexing Amplifiers
October 18, 2010
EL4340 INTERSIL-EL4340_06 Datasheet
883Kb / 13P
   500MHz Triple, Multiplexing Amplifiers
ISL59481 INTERSIL-ISL59481 Datasheet
515Kb / 12P
   Dual, 500MHz Triple, Multiplexing Amplifiers
logo
Renesas Technology Corp
ISL59483 RENESAS-ISL59483 Datasheet
1Mb / 17P
   Dual, 500MHz Triple, Multiplexing Amplifiers
logo
Intersil Corporation
ISL59482 INTERSIL-ISL59482 Datasheet
680Kb / 14P
   Dual, 500MHz Triple, Multiplexing Amplifiers
logo
Renesas Technology Corp
ISL59481 RENESAS-ISL59481 Datasheet
932Kb / 12P
   Dual, 500MHz Triple, Multiplexing Amplifiers
ISL59482 RENESAS-ISL59482 Datasheet
1Mb / 15P
   Dual, 500MHz Triple, Multiplexing Amplifiers
logo
Intersil Corporation
ISL59483 INTERSIL-ISL59483_07 Datasheet
1Mb / 17P
   Dual, 500MHz Triple, Multiplexing Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com