Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NT5CC256M16ER-DIH Datasheet(PDF) 2 Page - Nanya Technology Corporation.

Part # NT5CC256M16ER-DIH
Description  Automotive DDR3(L) 4Gb SDRAM
Download  154 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NANYA [Nanya Technology Corporation.]
Direct Link  http://www.nanya.com
Logo NANYA - Nanya Technology Corporation.

NT5CC256M16ER-DIH Datasheet(HTML) 2 Page - Nanya Technology Corporation.

  NT5CC256M16ER-DIH Datasheet HTML 1Page - Nanya Technology Corporation. NT5CC256M16ER-DIH Datasheet HTML 2Page - Nanya Technology Corporation. NT5CC256M16ER-DIH Datasheet HTML 3Page - Nanya Technology Corporation. NT5CC256M16ER-DIH Datasheet HTML 4Page - Nanya Technology Corporation. NT5CC256M16ER-DIH Datasheet HTML 5Page - Nanya Technology Corporation. NT5CC256M16ER-DIH Datasheet HTML 6Page - Nanya Technology Corporation. NT5CC256M16ER-DIH Datasheet HTML 7Page - Nanya Technology Corporation. NT5CC256M16ER-DIH Datasheet HTML 8Page - Nanya Technology Corporation. NT5CC256M16ER-DIH Datasheet HTML 9Page - Nanya Technology Corporation. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 154 page
background image
Version 1.4
2
Nanya Technology Cooperation ©
05/2019
All Rights Reserved.
NTC Proprietary
Level: Property
DDR3(L) 4Gb SDRAM
NT5CB(C)512M8EQ/NT5CB(C)256M16ER
Ordering Information
Organization
Part Number
Package
Speed
Clock (MHz)
Data Rate
(Mb/s)
CL-TRCD-TRP
DDR3(L) Automotive Grade 2
512M x 8
NT5CB512M8EQ-FLH
78-Ball
1066
DDR3-2133
14-14-14
NT5CB512M8EQ-EKH
933
DDR3-1866
13-13-13
NT5CC512M8EQ-EKH
933
DDR3L-1866
13-13-13
NT5CB512M8EQ-DIH
800
DDR3-1600
11-11-11
NT5CC512M8EQ-DIH
800
DDR3L-1600
11-11-11
256M x 16
NT5CB256M16ER-FLH
96-Bal
800
DDR3-2133
14-14-14
NT5CB256M16ER-EKH
933
DDR3-1866
13-13-13
NT5CC256M16ER-EKH
933
DDR3L-1866
13-13-13
NT5CB256M16ER-DIH
800
DDR3-1600
11-11-11
NT5CC256M16ER-DIH
800
DDR3L-1600
11-11-11
DDR3(L) Automotive Grade 3
512M x 8
NT5CB512M8EQ-FLA
78-Ball
1066
DDR3-2133
14-14-14
NT5CB512M8EQ-EKA
933
DDR3-1866
13-13-13
NT5CC512M8EQ-EKA
933
DDR3L-1866
13-13-13
NT5CB512M8EQ-DIA
800
DDR3-1600
11-11-11
NT5CC512M8EQ-DIA
800
DDR3L-1600
11-11-11
256M x 16
NT5CB256M16ER-FLA
96-Bal
1066
DDR3-2133
14-14-14
NT5CB256M16ER-EKA
933
DDR3-1866
13-13-13
NT5CC256M16ER-EKA
933
DDR3L-1866
13-13-13
NT5CB256M16ER-DIA
800
DDR3-1600
11-11-11
NT5CC256M16ER-DIA
800
DDR3L-1600
11-11-11


Similar Part No. - NT5CC256M16ER-DIH

ManufacturerPart #DatasheetDescription
logo
Nanya Technology Corpor...
NT5CC256M16ER-DIH NANYA-NT5CC256M16ER-DIH Datasheet
4Mb / 155P
   Automotive DDR3(L) 4Gb SDRAM
More results

Similar Description - NT5CC256M16ER-DIH

ManufacturerPart #DatasheetDescription
logo
Nanya Technology Corpor...
NT5CB256M16ER NANYA-NT5CB256M16ER Datasheet
4Mb / 155P
   Automotive DDR3(L) 4Gb SDRAM
NT5CB512M8DN NANYA-NT5CB512M8DN Datasheet
4Mb / 163P
   Commercial, Industrial and Automotive DDR3(L) 4Gb SDRAM
NT5CB512M8CN NANYA-NT5CB512M8CN Datasheet
7Mb / 164P
   Commercial, Industrial and Automotive DDR3(L) 4Gb SDRAM
NT5CB512M8EN NANYA-NT5CB512M8EN Datasheet
4Mb / 162P
   Commercial and Industrial DDR3( L 4Gb SDRAM
Version 1.3 11/2017
logo
Hynix Semiconductor
H5TQ4G43MFR HYNIX-H5TQ4G43MFR Datasheet
486Kb / 34P
   4Gb DDR3 SDRAM
logo
Nanya Technology Corpor...
NT5CB512M8EQ NANYA-NT5CB512M8EQ Datasheet
4Mb / 158P
   Commercial and Industrial DDR3(L) 4Gb SDRAM
logo
Hynix Semiconductor
H5TQ4G43AMR HYNIX-H5TQ4G43AMR Datasheet
458Kb / 30P
   4Gb DDR3 SDRAM
H5TQ4G43AFR HYNIX-H5TQ4G43AFR Datasheet
458Kb / 35P
   4Gb DDR3 SDRAM
logo
Nanya Technology Corpor...
NT5CBC256M8JQ NANYA-NT5CBC256M8JQ Datasheet
4Mb / 154P
   Automotive DDR3(L) 2Gb SDRAM
logo
Hynix Semiconductor
H5TQ4G43MMR HYNIX-H5TQ4G43MMR Datasheet
720Kb / 73P
   4Gb DDR3 SDRAM DDP(2Gbx2)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com