Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NT5CC256M16ER-DIH Datasheet(PDF) 71 Page - Nanya Technology Corporation.

Part # NT5CC256M16ER-DIH
Description  Automotive DDR3(L) 4Gb SDRAM
Download  154 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NANYA [Nanya Technology Corporation.]
Direct Link  http://www.nanya.com
Logo NANYA - Nanya Technology Corporation.

NT5CC256M16ER-DIH Datasheet(HTML) 71 Page - Nanya Technology Corporation.

Back Button NT5CC256M16ER-DIH Datasheet HTML 67Page - Nanya Technology Corporation. NT5CC256M16ER-DIH Datasheet HTML 68Page - Nanya Technology Corporation. NT5CC256M16ER-DIH Datasheet HTML 69Page - Nanya Technology Corporation. NT5CC256M16ER-DIH Datasheet HTML 70Page - Nanya Technology Corporation. NT5CC256M16ER-DIH Datasheet HTML 71Page - Nanya Technology Corporation. NT5CC256M16ER-DIH Datasheet HTML 72Page - Nanya Technology Corporation. NT5CC256M16ER-DIH Datasheet HTML 73Page - Nanya Technology Corporation. NT5CC256M16ER-DIH Datasheet HTML 74Page - Nanya Technology Corporation. NT5CC256M16ER-DIH Datasheet HTML 75Page - Nanya Technology Corporation. Next Button
Zoom Inzoom in Zoom Outzoom out
 71 / 154 page
background image
Version 1.4
71
Nanya Technology Cooperation ©
05/2019
All Rights Reserved.
NTC Proprietary
Level: Property
DDR3(L) 4Gb SDRAM
NT5CB(C)512M8EQ/NT5CB(C)256M16ER
Dynamic ODT
In certain application cases and to further enhance signal integrity on the data bus, it is desirable that the termination
strength of the DDR3(L) SDRAM can be changed without issuing an MRS command. This requirement is supported by the
“Dynamic ODT” feature as described as follows:
Functional Description
The Dynamic ODT Mode is enabled if bit (A9) or (A10) of MR2 is set to ‘1’. The function is described as follows:
Two RTT values are available: RTT_Nom and RTT_WR.
The value for RTT_Nom is preselected via bits A[9,6,2] in MR1.
The value for RTT_WR is preselected via bits A[10,9] in MR2.
During operation without write commands, the termination is controlled as follows:
Nominal termination strength RTT_Nom is selected.
Termination on/off timing is controlled via ODT pin and latencies ODTLon and ODTLoff.
When a Write command (WR, WRA, WRS4, WRS8, WRAS4, WRAS8) is registered, and if Dynamic ODT is enabled, the
termination is controlled as follows:
A latency ODTLcnw after the write command, termination strength RTT_WR is selected.
A latency ODTLcwn8 (for BL8, fixed by MRS or selected OTF) or ODTLcwn4 (for BC4, fixed by MRS or selected OTF) after the
write command, termination strength RTT_Nom is selected.
Termination on/off timing is controlled via ODT pin and ODTLon, ODTLoff.
The following table shows latencies and timing parameters which are relevant for the on-die termination control in Dynamic
ODT mode.
The dynamic ODT feature is not supported at DLL-off mode. User must use MRS command to set RTT_WR, MR2[A10,A9
= [0,0], to disable Dynamic ODT externally.
When ODT is asserted, it must remain high until ODTH4 is satisfied. If a Write command is registered by the SDRAM with
ODT high, then ODT must remain high until ODTH4 (BL=4) or ODTH8 (BL=8) after the Write command. ODTH4 and
ODTH8 are measured from ODT registered high to ODT registered low or from the registration of Write command until ODT
is register low.


Similar Part No. - NT5CC256M16ER-DIH

ManufacturerPart #DatasheetDescription
logo
Nanya Technology Corpor...
NT5CC256M16ER-DIH NANYA-NT5CC256M16ER-DIH Datasheet
4Mb / 155P
   Automotive DDR3(L) 4Gb SDRAM
More results

Similar Description - NT5CC256M16ER-DIH

ManufacturerPart #DatasheetDescription
logo
Nanya Technology Corpor...
NT5CB256M16ER NANYA-NT5CB256M16ER Datasheet
4Mb / 155P
   Automotive DDR3(L) 4Gb SDRAM
NT5CB512M8DN NANYA-NT5CB512M8DN Datasheet
4Mb / 163P
   Commercial, Industrial and Automotive DDR3(L) 4Gb SDRAM
NT5CB512M8CN NANYA-NT5CB512M8CN Datasheet
7Mb / 164P
   Commercial, Industrial and Automotive DDR3(L) 4Gb SDRAM
NT5CB512M8EN NANYA-NT5CB512M8EN Datasheet
4Mb / 162P
   Commercial and Industrial DDR3( L 4Gb SDRAM
Version 1.3 11/2017
logo
Hynix Semiconductor
H5TQ4G43MFR HYNIX-H5TQ4G43MFR Datasheet
486Kb / 34P
   4Gb DDR3 SDRAM
logo
Nanya Technology Corpor...
NT5CB512M8EQ NANYA-NT5CB512M8EQ Datasheet
4Mb / 158P
   Commercial and Industrial DDR3(L) 4Gb SDRAM
logo
Hynix Semiconductor
H5TQ4G43AMR HYNIX-H5TQ4G43AMR Datasheet
458Kb / 30P
   4Gb DDR3 SDRAM
H5TQ4G43AFR HYNIX-H5TQ4G43AFR Datasheet
458Kb / 35P
   4Gb DDR3 SDRAM
logo
Nanya Technology Corpor...
NT5CBC256M8JQ NANYA-NT5CBC256M8JQ Datasheet
4Mb / 154P
   Automotive DDR3(L) 2Gb SDRAM
logo
Hynix Semiconductor
H5TQ4G43MMR HYNIX-H5TQ4G43MMR Datasheet
720Kb / 73P
   4Gb DDR3 SDRAM DDP(2Gbx2)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com