Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NT5CC256M16ER-EKT Datasheet(PDF) 36 Page - Nanya Technology Corporation.

Part # NT5CC256M16ER-EKT
Description  Commercial and Industrial DDR3(L) 4Gb SDRAM
Download  158 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NANYA [Nanya Technology Corporation.]
Direct Link  http://www.nanya.com
Logo NANYA - Nanya Technology Corporation.

NT5CC256M16ER-EKT Datasheet(HTML) 36 Page - Nanya Technology Corporation.

Back Button NT5CC256M16ER-EKT Datasheet HTML 32Page - Nanya Technology Corporation. NT5CC256M16ER-EKT Datasheet HTML 33Page - Nanya Technology Corporation. NT5CC256M16ER-EKT Datasheet HTML 34Page - Nanya Technology Corporation. NT5CC256M16ER-EKT Datasheet HTML 35Page - Nanya Technology Corporation. NT5CC256M16ER-EKT Datasheet HTML 36Page - Nanya Technology Corporation. NT5CC256M16ER-EKT Datasheet HTML 37Page - Nanya Technology Corporation. NT5CC256M16ER-EKT Datasheet HTML 38Page - Nanya Technology Corporation. NT5CC256M16ER-EKT Datasheet HTML 39Page - Nanya Technology Corporation. NT5CC256M16ER-EKT Datasheet HTML 40Page - Nanya Technology Corporation. Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 158 page
background image
Version 1.8
36
Nanya Technology Cooperation ©
04/2019
All Rights Reserved.
DDR3-4Gb E-Die
NT5CB(C)512M8EQ/NT5CB(C)256M16ER
DLL Switch Sequence from DLL-off to DLL-on
CK
CK
T0
Ta 0
Ta1
Tb0
Tc0
Tc1
Td0
Te0
Tf1
Tg0
1)
CMD
CKE
ODT
Th0
tCKSRE
tCKSRX 4)
tXS
tMRD
tDLLK
NOP
SRE 2)
SRX 5)
MRS 6)
MRS 7)
MRS 8)
Valid
ODTLoff
+ 1tck
3)
tMRD
Valid
tCKESR
Time
break
Do not
Care
NOP
Note:
ODT: Static LOW in case RTT_Nom and RTT_WR is enabled, otherwise static Low or High
1) Starting from Idle State.
2) Enter SR.
3) Change Frequency.
4) Clock must be stable at least tCKSRX.
5) Exit SR.
6) Set DLL-on by MR1 A0="0"
7) Start DLL Reset
8) Any valid command


Similar Part No. - NT5CC256M16ER-EKT

ManufacturerPart #DatasheetDescription
logo
Nanya Technology Corpor...
NT5CC256M16ER-EKA NANYA-NT5CC256M16ER-EKA Datasheet
4Mb / 155P
   Automotive DDR3(L) 4Gb SDRAM
NT5CC256M16ER-EKA NANYA-NT5CC256M16ER-EKA Datasheet
4Mb / 154P
   Automotive DDR3(L) 4Gb SDRAM
NT5CC256M16ER-EKH NANYA-NT5CC256M16ER-EKH Datasheet
4Mb / 155P
   Automotive DDR3(L) 4Gb SDRAM
NT5CC256M16ER-EKH NANYA-NT5CC256M16ER-EKH Datasheet
4Mb / 154P
   Automotive DDR3(L) 4Gb SDRAM
More results

Similar Description - NT5CC256M16ER-EKT

ManufacturerPart #DatasheetDescription
logo
Nanya Technology Corpor...
NT5CB512M8EN NANYA-NT5CB512M8EN Datasheet
4Mb / 162P
   Commercial and Industrial DDR3( L 4Gb SDRAM
Version 1.3 11/2017
NT5CB512M8DN NANYA-NT5CB512M8DN Datasheet
4Mb / 163P
   Commercial, Industrial and Automotive DDR3(L) 4Gb SDRAM
NT5CB512M8CN NANYA-NT5CB512M8CN Datasheet
7Mb / 164P
   Commercial, Industrial and Automotive DDR3(L) 4Gb SDRAM
NT5CB256M8JQ NANYA-NT5CB256M8JQ Datasheet
4Mb / 157P
   Commercial and Industrial DDR3(L) 2Gb SDRAM
NT5CB256M8IN NANYA-NT5CB256M8IN Datasheet
4Mb / 162P
   Commercial, Industrial and Automotive DDR3(L) 2Gb SDRAM
NT5CB128M8FN NANYA-NT5CB128M8FN Datasheet
7Mb / 165P
   Commercial, Industrial and Automotive DDR3(L) 1Gb SDRAM
NT5CB256M8FN NANYA-NT5CB256M8FN Datasheet
6Mb / 163P
   Commercial, Industrial and Automotive DDR3(L) 2Gb SDRAM
NT5CBC512M8EQ NANYA-NT5CBC512M8EQ Datasheet
4Mb / 154P
   Automotive DDR3(L) 4Gb SDRAM
NT5CB256M16ER NANYA-NT5CB256M16ER Datasheet
4Mb / 155P
   Automotive DDR3(L) 4Gb SDRAM
NT5AD1024M4D3 NANYA-NT5AD1024M4D3 Datasheet
11Mb / 293P
   Commercial and Industrial DDR4 4Gb SDRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com