Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NT5CC256M16ER-EKT Datasheet(PDF) 98 Page - Nanya Technology Corporation.

Part # NT5CC256M16ER-EKT
Description  Commercial and Industrial DDR3(L) 4Gb SDRAM
Download  158 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NANYA [Nanya Technology Corporation.]
Direct Link  http://www.nanya.com
Logo NANYA - Nanya Technology Corporation.

NT5CC256M16ER-EKT Datasheet(HTML) 98 Page - Nanya Technology Corporation.

Back Button NT5CC256M16ER-EKT Datasheet HTML 94Page - Nanya Technology Corporation. NT5CC256M16ER-EKT Datasheet HTML 95Page - Nanya Technology Corporation. NT5CC256M16ER-EKT Datasheet HTML 96Page - Nanya Technology Corporation. NT5CC256M16ER-EKT Datasheet HTML 97Page - Nanya Technology Corporation. NT5CC256M16ER-EKT Datasheet HTML 98Page - Nanya Technology Corporation. NT5CC256M16ER-EKT Datasheet HTML 99Page - Nanya Technology Corporation. NT5CC256M16ER-EKT Datasheet HTML 100Page - Nanya Technology Corporation. NT5CC256M16ER-EKT Datasheet HTML 101Page - Nanya Technology Corporation. NT5CC256M16ER-EKT Datasheet HTML 102Page - Nanya Technology Corporation. Next Button
Zoom Inzoom in Zoom Outzoom out
 98 / 158 page
background image
Version 1.8
98
Nanya Technology Cooperation ©
04/2019
All Rights Reserved.
DDR3-4Gb E-Die
NT5CB(C)512M8EQ/NT5CB(C)256M16ER
Differential Input Cross Point Voltage
To guarantee tight setup and hold times as well as output skew parameters with respect to clock and strobe, each cross
point voltage of differential input signals (CK,
 and DQS, ) must meet the requirements in the following table. The
differential input cross point voltage Vix is measured from the actual cross point of true and complete signal to the midlevel
between of VDD and VSS.
Vix Definition
VDD
VSS
VDD/2
,
CK,DQS
VIX
VIX
VIX
VSEL
Cross point voltage for differential input signals (CK, DQS)
Symbol
Parameter
DDR3
DDR3L
Unit
Notes
800/1066/1333/1600/
1866/2133
1066/1333/1600/
1866
Min
Max
Min
Max
VIX(CK)
Differential Input Cross Point
Voltage relative to
VDD/2 for CK,

- 150
+ 150
- 150
+ 150
mV
1
- 175
+ 175
mV
2
VIX(DQS)
Differential Input Cross Point
Voltage relative to
VDD/2 for DQS,

- 150
+ 150
- 150
+ 150
mV
1
Note 1
The relation between Vix Min/Max and VSEL/VSEH should satisfy following:
(VDD/2) + VIX (min) - VSEL >= 25 mV ;
VSEH - ((VDD/2) + VIX (max)) >= 25 mV;
Note 2
Extended range for Vix is only allowed for clock and if single-ended clock input signals CK and
 are monotonic with a
single-ended swing VSEL / VSEH of at least VDD/2 +/-250 mV, and when the differential slew rate of CK -
 is larger
than 3 V/ns.


Similar Part No. - NT5CC256M16ER-EKT

ManufacturerPart #DatasheetDescription
logo
Nanya Technology Corpor...
NT5CC256M16ER-EKA NANYA-NT5CC256M16ER-EKA Datasheet
4Mb / 155P
   Automotive DDR3(L) 4Gb SDRAM
NT5CC256M16ER-EKA NANYA-NT5CC256M16ER-EKA Datasheet
4Mb / 154P
   Automotive DDR3(L) 4Gb SDRAM
NT5CC256M16ER-EKH NANYA-NT5CC256M16ER-EKH Datasheet
4Mb / 155P
   Automotive DDR3(L) 4Gb SDRAM
NT5CC256M16ER-EKH NANYA-NT5CC256M16ER-EKH Datasheet
4Mb / 154P
   Automotive DDR3(L) 4Gb SDRAM
More results

Similar Description - NT5CC256M16ER-EKT

ManufacturerPart #DatasheetDescription
logo
Nanya Technology Corpor...
NT5CB512M8EN NANYA-NT5CB512M8EN Datasheet
4Mb / 162P
   Commercial and Industrial DDR3( L 4Gb SDRAM
Version 1.3 11/2017
NT5CB512M8DN NANYA-NT5CB512M8DN Datasheet
4Mb / 163P
   Commercial, Industrial and Automotive DDR3(L) 4Gb SDRAM
NT5CB512M8CN NANYA-NT5CB512M8CN Datasheet
7Mb / 164P
   Commercial, Industrial and Automotive DDR3(L) 4Gb SDRAM
NT5CB256M8JQ NANYA-NT5CB256M8JQ Datasheet
4Mb / 157P
   Commercial and Industrial DDR3(L) 2Gb SDRAM
NT5CB256M8IN NANYA-NT5CB256M8IN Datasheet
4Mb / 162P
   Commercial, Industrial and Automotive DDR3(L) 2Gb SDRAM
NT5CB128M8FN NANYA-NT5CB128M8FN Datasheet
7Mb / 165P
   Commercial, Industrial and Automotive DDR3(L) 1Gb SDRAM
NT5CB256M8FN NANYA-NT5CB256M8FN Datasheet
6Mb / 163P
   Commercial, Industrial and Automotive DDR3(L) 2Gb SDRAM
NT5CBC512M8EQ NANYA-NT5CBC512M8EQ Datasheet
4Mb / 154P
   Automotive DDR3(L) 4Gb SDRAM
NT5CB256M16ER NANYA-NT5CB256M16ER Datasheet
4Mb / 155P
   Automotive DDR3(L) 4Gb SDRAM
NT5AD1024M4D3 NANYA-NT5AD1024M4D3 Datasheet
11Mb / 293P
   Commercial and Industrial DDR4 4Gb SDRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com