Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NT5CC256M16ER-DIA Datasheet(PDF) 3 Page - Nanya Technology Corporation.

Part # NT5CC256M16ER-DIA
Description  Automotive DDR3(L) 4Gb SDRAM
Download  155 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NANYA [Nanya Technology Corporation.]
Direct Link  http://www.nanya.com
Logo NANYA - Nanya Technology Corporation.

NT5CC256M16ER-DIA Datasheet(HTML) 3 Page - Nanya Technology Corporation.

  NT5CC256M16ER-DIA Datasheet HTML 1Page - Nanya Technology Corporation. NT5CC256M16ER-DIA Datasheet HTML 2Page - Nanya Technology Corporation. NT5CC256M16ER-DIA Datasheet HTML 3Page - Nanya Technology Corporation. NT5CC256M16ER-DIA Datasheet HTML 4Page - Nanya Technology Corporation. NT5CC256M16ER-DIA Datasheet HTML 5Page - Nanya Technology Corporation. NT5CC256M16ER-DIA Datasheet HTML 6Page - Nanya Technology Corporation. NT5CC256M16ER-DIA Datasheet HTML 7Page - Nanya Technology Corporation. NT5CC256M16ER-DIA Datasheet HTML 8Page - Nanya Technology Corporation. NT5CC256M16ER-DIA Datasheet HTML 9Page - Nanya Technology Corporation. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 155 page
background image
Version 1.3
3
Nanya Technology Cooperation ©
03/2019
All Rights Reserved.
NTC Proprietary
Level: Property
DDR3(L) 4Gb SDRAM
NT5CB(C)512M8EQ/NT5CB(C)256M16ER
Operating frequency
The backward compatibility of each frequency is listed in the following table. If an application operates at
specific frequency which is not defined herein but within the highest and the lowest frequencies, then the
comparative loose specifications to DRAM must be adopted from the neighboring defined frequency. Please
confirm with NTC when the operating frequency is slower than the defined frequency.
Frequency[MHz]
933
800
Unit
CL[nCK]
13
11
VDD[V]
1.5
1.35
1.5
1.35
NT5CB512M8EQ-EKA(H)
1866
N/A
N/A
Mbps
NT5CB256M16ER-EKA(H)
NT5CC512M8EQ-EKA(H)
N/A
1866
N/A
Mbps
NT5CC256M16ER-EKA(H)
NT5CB512M8EQ-DIA(H)
N/A
1600
N/A
Mbps
NT5CB256M16ER-DIA(H)
NT5CC512M8EQ-DIA(H)
N/A
N/A
1600
Mbps
NT5CC256M16ER-DIA(H)
Notes:
Any part number also supports functional operation at lower frequencies as shown in the table which are not subject to Production Tests
but has been verified.
NANYA
Technology
Product Family
5C = DDR3 SDRAM
H
Speed
DI = DDR3- 1600 11-11-11
EK = DDR3- 1866 13-13-13
Interface & Power
(VDD & VDDQ)
C = SSTL_135 (1.35, 1.35)
B
= SSTL_15 (1.5, 1.5)
Organization (Depth,
Width)
4Gb = 512M8 = 256M16
Note: M=Mono
Device Version
E = 5th version
Package Code
ROHS+Halogen-Free
Height=1.1+/- 0.1mm
Q = 78-Ball TFBGA
R
= 96-Ball TFBGA
5C
NT
E
512M8
C
Q
DI
NANYA Component Part Number Guide
Grade
H = Automotive Grade 2
A = Automotive Grade 3


Similar Part No. - NT5CC256M16ER-DIA

ManufacturerPart #DatasheetDescription
logo
Nanya Technology Corpor...
NT5CC256M16ER-DIA NANYA-NT5CC256M16ER-DIA Datasheet
4Mb / 154P
   Automotive DDR3(L) 4Gb SDRAM
More results

Similar Description - NT5CC256M16ER-DIA

ManufacturerPart #DatasheetDescription
logo
Nanya Technology Corpor...
NT5CBC512M8EQ NANYA-NT5CBC512M8EQ Datasheet
4Mb / 154P
   Automotive DDR3(L) 4Gb SDRAM
NT5CB512M8DN NANYA-NT5CB512M8DN Datasheet
4Mb / 163P
   Commercial, Industrial and Automotive DDR3(L) 4Gb SDRAM
NT5CB512M8CN NANYA-NT5CB512M8CN Datasheet
7Mb / 164P
   Commercial, Industrial and Automotive DDR3(L) 4Gb SDRAM
NT5CB512M8EN NANYA-NT5CB512M8EN Datasheet
4Mb / 162P
   Commercial and Industrial DDR3( L 4Gb SDRAM
Version 1.3 11/2017
logo
Hynix Semiconductor
H5TQ4G43MFR HYNIX-H5TQ4G43MFR Datasheet
486Kb / 34P
   4Gb DDR3 SDRAM
logo
Nanya Technology Corpor...
NT5CB512M8EQ NANYA-NT5CB512M8EQ Datasheet
4Mb / 158P
   Commercial and Industrial DDR3(L) 4Gb SDRAM
logo
Hynix Semiconductor
H5TQ4G43AMR HYNIX-H5TQ4G43AMR Datasheet
458Kb / 30P
   4Gb DDR3 SDRAM
H5TQ4G43AFR HYNIX-H5TQ4G43AFR Datasheet
458Kb / 35P
   4Gb DDR3 SDRAM
logo
Nanya Technology Corpor...
NT5CBC256M8JQ NANYA-NT5CBC256M8JQ Datasheet
4Mb / 154P
   Automotive DDR3(L) 2Gb SDRAM
logo
Hynix Semiconductor
H5TQ4G43MMR HYNIX-H5TQ4G43MMR Datasheet
720Kb / 73P
   4Gb DDR3 SDRAM DDP(2Gbx2)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com