Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

NT5CC128M16JR-EK Datasheet(PDF) 2 Page - Nanya Technology Corporation.

Part No. NT5CC128M16JR-EK
Description  Commercial and Industrial DDR3(L) 2Gb SDRAM
Download  157 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  NANYA [Nanya Technology Corporation.]
Homepage  http://www.nanya.com
Logo 

NT5CC128M16JR-EK Datasheet(HTML) 2 Page - Nanya Technology Corporation.

 
Zoom Inzoom in Zoom Outzoom out
 2 / 157 page
background image
Version 1.5
2
Nanya Technology Cooperation ©
04/2019
All Rights Reserved.
NTC Proprietary
Level: Property
DDR3(L)-2Gb J-Die
NT5CB(C)256M8JQ/NT5CB(C)128M16JR
Ordering Information
Organization
Part Number
Package
Speed
Clock (MHz)
Data Rate (Mb/s)
CL-TRCD-TRP
DDR3(L) Commercial Grade
256M x 8
NT5CB256M8JQ-DI
78-Ball
800
DDR3-1600
11-11-11
NT5CB256M8JQ-EK
933
DDR3-1866
13-13-13
NT5CB256M8JQ-FL
1066
DDR3-2133
14-14-14
NT5CC256M8JQ-DI
800
DDR3L-16001
11-11-11
NT5CC256M8JQ-EK
933
DDR3L-18661
13-13-13
NT5CC256M8JQ-DIB
800
DDR3L-16001
11-11-11
128M x 16
NT5CB128M16JR-DI
96-Ball
800
DDR3-1600
11-11-11
NT5CB128M16JR-EK
933
DDR3-1866
13-13-13
NT5CB128M16JR-FL
1066
DDR3-2133
14-14-14
NT5CC128M16JR-DI
800
DDR3L-16001
11-11-11
NT5CC128M16JR-EK
933
DDR3L-18661
13-13-13
NT5CC128M16JR-DIB
800
DDR3L-16001
11-11-11
DDR3(L) Industrial Grade
256M x 8
NT5CB256M8JQ-DII
78-Ball
800
DDR3-1600
11-11-11
NT5CB256M8JQ-EKI
933
DDR3-1866
13-13-13
NT5CB256M8JQ-FLI
1066
DDR3-2133
14-14-14
NT5CC256M8JQ-DII
800
DDR3L-16001
11-11-11
NT5CC256M8JQ-EKI
933
DDR3L-18661
13-13-13
128M x 16
NT5CB128M16JR-DII
96-Ball
800
DDR3-1600
11-11-11
NT5CB128M16JR-EKI
933
DDR3-1866
13-13-13
NT5CB128M16JR-FLI
1066
DDR3-2133
14-14-14
NT5CC128M16JR-DII
800
DDR3L-16001
11-11-11
NT5CC128M16JR-EKI
933
DDR3L-18661
13-13-13
DDR3(L) Quasi Industrial Grade
256M x 8
NT5CB256M8JQ-DIT
78-Ball
800
DDR3-1600
11-11-11
NT5CB256M8JQ-EKT
933
DDR3-1866
13-13-13
NT5CC256M8JQ-DIT
800
DDR3L-16001
11-11-11
NT5CC256M8JQ-EKT
933
DDR3L-18661
13-13-13
128M x 16
NT5CB128M16JR-DIT
96-Ball
800
DDR3-1600
11-11-11
NT5CB128M16JR-EKT
933
DDR3-1866
13-13-13
NT5CC128M16JR-DIT
800
DDR3L-16001
11-11-11
NT5CC128M16JR-EKT
933
DDR3L-18661
13-13-13
NOTE 1
1.35V DDR3L are backward compatible to 1.5V DDR3 parts. Please refer to page 5 operating frequency
table.1.35V DDR3L-RS parts are exceptional and unallowable to be compatible to 1.35V DDR3L and
1.5V DDR3 parts.


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72  73  74  75  76  77  78  79  80  81  82  83  84  85  86  87  88  89  90  91  92  93  94  95  96  97  98  99  100   ...More


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn