Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NT5CC128M16JR-EK Datasheet(PDF) 1 Page - Nanya Technology Corporation.

Part # NT5CC128M16JR-EK
Description  Commercial and Industrial DDR3(L) 2Gb SDRAM
Download  157 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NANYA [Nanya Technology Corporation.]
Direct Link  http://www.nanya.com
Logo NANYA - Nanya Technology Corporation.

NT5CC128M16JR-EK Datasheet(HTML) 1 Page - Nanya Technology Corporation.

  NT5CC128M16JR-EK Datasheet HTML 1Page - Nanya Technology Corporation. NT5CC128M16JR-EK Datasheet HTML 2Page - Nanya Technology Corporation. NT5CC128M16JR-EK Datasheet HTML 3Page - Nanya Technology Corporation. NT5CC128M16JR-EK Datasheet HTML 4Page - Nanya Technology Corporation. NT5CC128M16JR-EK Datasheet HTML 5Page - Nanya Technology Corporation. NT5CC128M16JR-EK Datasheet HTML 6Page - Nanya Technology Corporation. NT5CC128M16JR-EK Datasheet HTML 7Page - Nanya Technology Corporation. NT5CC128M16JR-EK Datasheet HTML 8Page - Nanya Technology Corporation. NT5CC128M16JR-EK Datasheet HTML 9Page - Nanya Technology Corporation. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 157 page
background image
Version 1.5
1
Nanya Technology Cooperation ©
04/2019
All Rights Reserved.
NTC Proprietary
Level: Property
DDR3(L)-2Gb J-Die
NT5CB(C)256M8JQ/NT5CB(C)128M16JR
Commercial and Industrial DDR3(L) 2Gb SDRAM
 Basis DDR3 Compliant
- 8n Prefetch Architecture
- Differential Clock(CK/
) and Data Strobe(DQS/)
- Double-data rate on DQs, DQS and DM
 Data Integrity
- Auto Self Refresh (ASR) by DRAM built-in TS
- Auto Refresh and Self Refresh Modes
 Power Saving Mode
- Power Down Mode
Programmable Functions
 Signal Integrity
- Configurable DS for system compatibility
- Configurable On-Die Termination
- ZQ Calibration for DS/ODT impedance accuracy via
external ZQ pad (240 ohm ± 1%)
 Signal Synchronization
- Write Leveling via MR settings 5
- Read Leveling via MPR
 Interface and Power Supply
- SSTL_15 for DDR3:VDD/VDDQ=1.5V(±0.075V)
- SSTL_1353 for DDR3L:VDD/VDDQ=1.35V(-0.067/+0.1V)
Features
 Speed Grade (CL-TRCD-TRP) 1
- 2133 Mbps / 14-14-14
- 1866 Mbps / 13-13-13
- 1600 Mbps / 11-11-11
 Package Informatiom
Lead-free RoHS compliance and Halogen-free
TFBGA
Package
Length x Width
(mm)
Ball pitch
(mm)
78-Ball
7.50 x 10.50
0.80
96-Ball
7.50 x 13.00
0.80
Option
s
NTC has the rights to change any specifications or product without notification.
 Temperature Range (Tc) 3,6
- Commercial Grade : 0℃~95℃
- Quasi Industrial Grade (-T) : -40℃~95℃
- Industrial Grade (-I) : -40℃~95℃
 Density and Addressing
Organization
256Mb x 8
128Mb x 16
Bank Address
BA0
– BA2
BA0
– BA2
Auto precharge
A10 / AP
A10 / AP
BL switch on the fly
A12 /

A12 /

Row Address
A0
– A14
A0
– A13
Column Address
A0
– A9
A0
– A9
Page Size
1KB
2KB
tREFI(us) 3
Tc<=85:7.8, Tc>85:3.9
tRFC(ns) 4
160ns
NOTE 1
Please refer to ordering information for the detail.
NOTE 2
1.35V DDR3L are backward compatible to 1.5V DDR3 parts. Please refer to page 5 operating frequency table.1.35V DDR3L-RS parts are exceptional
and unallowable to be compatible to 1.35V DDR3L and 1.5V DDR3 parts.
NOTE 3
If TC exceeds 85°C, the DRAM must be refreshed externally at 2x refresh, which is a 3.9us interval refresh rate. Extended SRT or ASR must be enabled.
NOTE 4
Violating tRFC specification will induce malfunction.
NOTE 5
Only Support prime DQ
’s feedback for each byte lane.
NOTE 6
When operate above 95℃,AC/DC will be derated (increased) and reliability may be affected.
 CAS Latency (6/7/8/9/10/11/13/14)
 CAS Write Latency (5/6/7/8/9/10)
 Additive Latency (0/CL-1/CL-2)
 Write Recovery Time (5/6/7/8/10/12/14/16)
 Burst Type (Sequential/Interleaved)
 Burst Length (BL8/BC4/BC4 or 8 on the fly)
 Self RefreshTemperature Range(Normal/Extended)
 Output Driver Impedance (34/40)
 On-Die Termination of Rtt_Nom(20/30/40/60/120)
 On-Die Termination of Rtt_WR(60/120)
 Precharge Power Down (slow/fast)


Similar Part No. - NT5CC128M16JR-EK

ManufacturerPart #DatasheetDescription
logo
Nanya Technology Corpor...
NT5CC128M16JR-EKA NANYA-NT5CC128M16JR-EKA Datasheet
4Mb / 154P
   Automotive DDR3(L) 2Gb SDRAM
NT5CC128M16JR-EKH NANYA-NT5CC128M16JR-EKH Datasheet
4Mb / 154P
   Automotive DDR3(L) 2Gb SDRAM
More results

Similar Description - NT5CC128M16JR-EK

ManufacturerPart #DatasheetDescription
logo
Nanya Technology Corpor...
NT5CB256M8FN NANYA-NT5CB256M8FN Datasheet
6Mb / 163P
   Commercial, Industrial and Automotive DDR3(L) 2Gb SDRAM
NT5CB256M8IN NANYA-NT5CB256M8IN Datasheet
4Mb / 162P
   Commercial, Industrial and Automotive DDR3(L) 2Gb SDRAM
NT5CB512M8EN NANYA-NT5CB512M8EN Datasheet
4Mb / 162P
   Commercial and Industrial DDR3( L 4Gb SDRAM
Version 1.3 11/2017
NT5CB512M8EQ NANYA-NT5CB512M8EQ Datasheet
4Mb / 158P
   Commercial and Industrial DDR3(L) 4Gb SDRAM
NT5CB128M8FN NANYA-NT5CB128M8FN Datasheet
7Mb / 165P
   Commercial, Industrial and Automotive DDR3(L) 1Gb SDRAM
NT5CB512M8DN NANYA-NT5CB512M8DN Datasheet
4Mb / 163P
   Commercial, Industrial and Automotive DDR3(L) 4Gb SDRAM
NT5CB512M8CN NANYA-NT5CB512M8CN Datasheet
7Mb / 164P
   Commercial, Industrial and Automotive DDR3(L) 4Gb SDRAM
NT5CBC256M8JQ NANYA-NT5CBC256M8JQ Datasheet
4Mb / 154P
   Automotive DDR3(L) 2Gb SDRAM
logo
Hynix Semiconductor
H5TQ2G43EFR HYNIX-H5TQ2G43EFR Datasheet
401Kb / 33P
   2Gb DDR3 SDRAM
H5TQ2G83FFR HYNIX-H5TQ2G83FFR Datasheet
399Kb / 33P
   2Gb DDR3 SDRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com