Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

74HC164 Datasheet(PDF) 4 Page - SHENZHEN FUMAN ELECTRONICS CO., LTD.

Part # 74HC164
Description  8 bit serial in and out shift register
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUMAN [SHENZHEN FUMAN ELECTRONICS CO., LTD.]
Direct Link  http://www.superchip.cn
Logo FUMAN - SHENZHEN FUMAN ELECTRONICS CO., LTD.

74HC164 Datasheet(HTML) 4 Page - SHENZHEN FUMAN ELECTRONICS CO., LTD.

  74HC164 Datasheet HTML 1Page - SHENZHEN FUMAN ELECTRONICS CO., LTD. 74HC164 Datasheet HTML 2Page - SHENZHEN FUMAN ELECTRONICS CO., LTD. 74HC164 Datasheet HTML 3Page - SHENZHEN FUMAN ELECTRONICS CO., LTD. 74HC164 Datasheet HTML 4Page - SHENZHEN FUMAN ELECTRONICS CO., LTD. 74HC164 Datasheet HTML 5Page - SHENZHEN FUMAN ELECTRONICS CO., LTD. 74HC164 Datasheet HTML 6Page - SHENZHEN FUMAN ELECTRONICS CO., LTD. 74HC164 Datasheet HTML 7Page - SHENZHEN FUMAN ELECTRONICS CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
深圳市富满电子有限公司
SHENZHEN FUMAN ELECTRONICS CO., LTD.
54HC164/74HC164(文件编号:S&CIC0464)
8 bit 串入并出移位寄存器
第 4 页 共 7 页
RECOMMENDED OPERATING CONDITIONS
54HC164
74HC164
UNIT
MIN
NOM
MAX
MIN
NOM
MAX
Vcc Supply voltage
2
5
6
2
5
6
VIH High-level input voltage
VCC=2V
1.5
-
-
1.5
-
VCC=4.5V
3.15
-
-
3.15
-
VCC=6V
4.2
-
-
4.2
-
VIL Low-level input voltage
VCC=2V
0
-
0.5
0
-
0.5
VCC=4.5V
0
-
1.35
0
-
1.35
VCC=6V
0
-
1.8
0
-
1.8
VI Input voltage
0
-
VCC
0
VCC
V
VO Output voltage
0
-
VCC
0
VCC
V
ttT Input transition (rise and fall) time
VCC=2V
0
-
1000
0
-
1000
ns
VCC=4.5V
0
-
500
0
-
500
VCC=6V
0
-
400
0
-
400
TA Operating free-air temperature
-55
-
125
-40
-
85
T If this device is used in the threshold region (from VIL max=0.5V to VIHmin=1.5V), there is a potential to go into
the wrong state from induced grounding, causing double clocking. Operating with the inputs at tt=1000ns and
VCC=2V does not damage the device; however, functionally, the CLK inputs are not ensured while in the shift, count,
or toggle operating modes.
Electrical characteristics over recommended operating free-air temperature range (unless
otherwise noted)
PARAMETER
TEST CONDITIONS
VCC
TA=25℃
54HC164
74HC164
UNIT
MIN
TYP
MAX
MIN
MAX
MIN
MAX
VOH
VI=VIH or VIL
IOH=-20uA
2V
1.9
1.998
-
1.9
-
1.9
-
V
4.5V
4.4
4.499
-
4.4
-
4.4
-
6V
5.9
5.999
-
5.9
-
5.9
-
IOH=-4mA
4.5V
3.98
4.3
-
3.7
-
3.84
-
IOH=-5.2mA
6V
5.48
5.8
-
5.2
-
5.34
-
VOL
VI=VIH or VIL
IOL=20uA
2V
-
0.002
0.1
-
0.1
-
0.1
V
4.5V
-
0.001
0.1
-
0.1
-
0.1
6V
-
0.001
0.1
-
0.1
-
0.1
IOL=4mA
4.5V
-
0.17
0.26
-
0.4
-
0.33
IOL=5.2mA
6V
-
0.15
0.26
-
0.4
-
0.33
II
VI=VCC or 0
6V
-
±0.1
±100
-
±1000
-
±1000
nA
ICC
VI=VCC or 0, IO=0
6V
-
-
8
-
160
-
80
uA
CI
2V to 6V
-
3
10
-
10
-
10
pF


Similar Part No. - 74HC164

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74HC164 PHILIPS-74HC164 Datasheet
54Kb / 8P
   8-bit serial-in/parallel-out shift register
Rev. 03-4 April 2005
logo
Nexperia B.V. All right...
74HC164 NEXPERIA-74HC164 Datasheet
286Kb / 17P
   8-bit serial-in, parallel-out shift register
logo
STMicroelectronics
74HC164 STMICROELECTRONICS-74HC164 Datasheet
254Kb / 12P
   8 BIT SIPO SHIFT REGISTER
logo
Texas Instruments
74HC164 TI-74HC164 Datasheet
109Kb / 14P
[Old version datasheet]   8-BIT PARALLEL-OUT SERIAL SHIFT REGISTERS
logo
System Logic Semiconduc...
74HC164 SLS-74HC164 Datasheet
50Kb / 5P
   8-Bit Serial-Input/Parallel-Output8-Bit Serial-Input/Parallel-Output Shift Register
More results

Similar Description - 74HC164

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
U74HC164 UTC-U74HC164_15 Datasheet
208Kb / 5P
   8-BIT SERIAL-IN AND PARALLEL-OUT SHIFT REGISTER
U74HC164 UTC-U74HC164 Datasheet
161Kb / 5P
   8-BIT SERIAL-IN AND PARALLEL-OUT SHIFT REGISTER
logo
Integral Corp.
IN74LV164 INTEGRAL-IN74LV164 Datasheet
45Kb / 6P
   8-BIT SERIAL-IN/PARALLEL-OUT SHIFT REGISTER
logo
NXP Semiconductors
74LV164 PHILIPS-74LV164 Datasheet
119Kb / 12P
   8-bit serial-in/parallel-out shift register
1998 May 07
logo
Fairchild Semiconductor
MM74HC165MX FAIRCHILD-MM74HC165MX Datasheet
79Kb / 8P
   Parallel-in/Serial-out 8-Bit Shift Register
logo
Motorola, Inc
MC5474F164 MOTOROLA-MC5474F164 Datasheet
69Kb / 3P
   8-BIT SERIAL-IN, PARALLEL-OUT SHIFT REGISTER
logo
KODENSHI_AUK CORP.
KK74LV164 KODENSHI-KK74LV164 Datasheet
476Kb / 6P
   8-BIT SERIAL-IN/PARALLEL-OUT SHIFT REGISTER
logo
Texas Instruments
CD54AC164 TI-CD54AC164_08 Datasheet
457Kb / 16P
[Old version datasheet]   8-Bit Serial-In/Parallel-Out Shift Register
CD54AC164 TI-CD54AC164_07 Datasheet
427Kb / 16P
[Old version datasheet]   8-Bit Serial-In/Parallel-Out Shift Register
logo
NXP Semiconductors
74HC_HCT165 PHILIPS-74HC_HCT165_15 Datasheet
139Kb / 22P
   8-bit parallel-in/serial out shift register
Rev. 03-14 March 2008
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com