Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

74HCT04N Datasheet(PDF) 18 Page - SHENZHEN FUMAN ELECTRONICS CO., LTD.

Part # 74HCT04N
Description  Complies with JEDEC standard no. 8 1A
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUMAN [SHENZHEN FUMAN ELECTRONICS CO., LTD.]
Direct Link  http://www.superchip.cn
Logo FUMAN - SHENZHEN FUMAN ELECTRONICS CO., LTD.

74HCT04N Datasheet(HTML) 18 Page - SHENZHEN FUMAN ELECTRONICS CO., LTD.

Back Button 74HCT04N Datasheet HTML 10Page - SHENZHEN FUMAN ELECTRONICS CO., LTD. 74HCT04N Datasheet HTML 11Page - SHENZHEN FUMAN ELECTRONICS CO., LTD. 74HCT04N Datasheet HTML 12Page - SHENZHEN FUMAN ELECTRONICS CO., LTD. 74HCT04N Datasheet HTML 13Page - SHENZHEN FUMAN ELECTRONICS CO., LTD. 74HCT04N Datasheet HTML 14Page - SHENZHEN FUMAN ELECTRONICS CO., LTD. 74HCT04N Datasheet HTML 15Page - SHENZHEN FUMAN ELECTRONICS CO., LTD. 74HCT04N Datasheet HTML 16Page - SHENZHEN FUMAN ELECTRONICS CO., LTD. 74HCT04N Datasheet HTML 17Page - SHENZHEN FUMAN ELECTRONICS CO., LTD. 74HCT04N Datasheet HTML 18Page - SHENZHEN FUMAN ELECTRONICS CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 18 / 18 page
background image
深圳市富满电子有限公司
SHENZHEN FUMAN ELECTRONICS CO., LTD.
74HC04/74HCT04(文件编号:S&CIC0463)
第 18 页 共 18 页
DATA SHEET STATUS
LEVEL
DATA SHEET
STATUS(1)
PRODUCT
STATUS(2)(3)
DEFINITION
I
Objective data
Development
This data sheet contains data from the objective specification for product
Development.
II
Preliminary data
Qualification
This data sheet contains data from the preliminary specification.
Supplementary data will be published at a later date.
III
Product data
Production
This data sheet contains data from the product specification.
Notes
1.
Please consult the most recently issued data sheet before initiating or completing a design.
2.
For data sheets describing multiple type numbers, the highest-level product status determines the data sheet status.
DEFINITIONS
Short-form specification-The data in a short-from specification is extracted from a full data sheet with the same type number
and title. For detailed information see the relevant data sheet or data handbook
Limiting values definition-Limiting values given are in accordance with the Absolute Maximum Rating System (IEC 60134).
Stress above one or more of the limiting values may cause permanent damage to the device. These are stress ratings only and
operation of the device at these or at any other conditions above those given in the Characteristics sections of the specification is
not implied. Exposure to limiting values for extended periods may affect device reliability.
Application information-Applications that are described herein for any of these products are for illustrative purposes only.
Philips Semiconductors make no representation or warranty that such applications will be suitable for the specified use without
further testing or modification.
PAD ASSIGNMENT
1
2
3
4
5
6
A
B
C
D
6
5
4
3
2
1
D
C
B
A
Title
Number
Revision
Size
B
Date:
4-Apr-2006
Sheet
of
File:
E:\规格书\规格图\规格图-0\ZBO\74HC04(74HCT04).ddb
Drawn By :
A1
A2
A3
A4
A5
A6
Y1
Y2
Y3
Y4
Y5
Y6
VDD
VSS
Pad No
Pad Name
X
Y
1
A1
-243.00
-48.00
2
Y1
-243.00
-182.00
3
A2
-122.50
-182.00
4
Y2
7.50
-182.00
5
A3
112.50
-182.00
6
Y3
242.50
-182.00
7
VSS
230.50
-57.50
8
Y4
242.50
47.50
9
A4
242.50
181.50
10
Y5
122.00
181.50
11
A5
-8.00
181.50
12
Y6
-113.00
181.50
13
A6
-243.00
181.50
14
VDD
-243.00
57.00


Similar Part No. - 74HCT04N

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74HCT04N PHILIPS-74HCT04N Datasheet
109Kb / 20P
   Hex inverter
2003 Jul 23
74HCT04N PHILIPS-74HCT04N Datasheet
132Kb / 17P
   Hex inverter
Rev. 4-3 August 2012
74HCT04N PHILIPS-74HCT04N Datasheet
33Kb / 5P
   Hex inverter
2003 Jul 23
More results

Similar Description - 74HCT04N

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74HC08D-T PHILIPS-74HC08D-T Datasheet
150Kb / 16P
   Complies with JEDEC standard JESD7A
Rev. 4-6 September 2012
HEF40175B NXP-HEF40175B_11 Datasheet
152Kb / 15P
   Quad D-type flip-flop Complies with JEDEC standard JESD 13-B
Rev. 7-3 May 2011
logo
AAEON Technology
DISKONMODULE AAEON-DISKONMODULE Datasheet
589Kb / 1P
   Complies With Standard ATA Interface
logo
Laird Tech Smart Techno...
ESP-100-POE LSTD-ESP-100-POE Datasheet
362Kb / 2P
   Complies with IEC 61643-21 standard
logo
ATMEL Corporation
AT27BV4096 ATMEL-AT27BV4096_14 Datasheet
324Kb / 14P
   Pin Compatible with JEDEC Standard AT27C4096
logo
GSI Technology
GS8672D20BE-633 GSI-GS8672D20BE-633 Datasheet
483Kb / 30P
   JEDEC-standard package
logo
Alliance Semiconductor ...
2GB-AUTO-AS4C128M16D3 ALSC-2GB-AUTO-AS4C128M16D3 Datasheet
2Mb / 83P
   JEDEC Standard Compliant
AS4C64M16D2 ALSC-AS4C64M16D2 Datasheet
1Mb / 58P
   JEDEC Standard Compliant
logo
GSI Technology
GS8672D20BGE-450 GSI-GS8672D20BGE-450 Datasheet
483Kb / 30P
   JEDEC-standard package
GS8672Q20BGE-500I GSI-GS8672Q20BGE-500I Datasheet
457Kb / 28P
   JEDEC-standard package
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com