Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

74HC138 Datasheet(PDF) 5 Page - SHENZHEN FUMAN ELECTRONICS CO., LTD.

Part No. 74HC138
Description  3-to-8 Line Decoder/Demultiplexer; Inverting
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUMAN [SHENZHEN FUMAN ELECTRONICS CO., LTD.]
Direct Link  http://www.superchip.cn
Logo FUMAN - SHENZHEN FUMAN ELECTRONICS CO., LTD.

74HC138 Datasheet(HTML) 5 Page - SHENZHEN FUMAN ELECTRONICS CO., LTD.

  74HC138 Datasheet HTML 1Page - SHENZHEN FUMAN ELECTRONICS CO., LTD. 74HC138 Datasheet HTML 2Page - SHENZHEN FUMAN ELECTRONICS CO., LTD. 74HC138 Datasheet HTML 3Page - SHENZHEN FUMAN ELECTRONICS CO., LTD. 74HC138 Datasheet HTML 4Page - SHENZHEN FUMAN ELECTRONICS CO., LTD. 74HC138 Datasheet HTML 5Page - SHENZHEN FUMAN ELECTRONICS CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
深圳市富满电子有限公司
SHENZHEN FUMAN ELECTRONICS CO., LTD.
74HC138(文件编号:S&CIC0503)
3-to-8 Line Decoder/Demultiplexer; Inverting
第 5 页 共 5 页
AC CHARACTERISTICS FOR 74HCT
GND = 0 V; tr = tf = 6 ns; CL = 50 pF
SYMBOL
PARAMETER
Tamb(℃)
UNIT
TEST CONDITIONS
74HCT
Vcc (v)
WAVEFORMS
+25
-40 to +85
-40 to +125
min
typ
max
min
max
min
max
tPHL/ tPLH
Propagation delay
An to Yn
20
35
44
53
ns
4.5
Fig. 6
tPHL/ tPLH
Propagation delay
E3 to Yn
18
40
50
60
ns
4.5
Fig. 6
tPHL/ tPLH
Propagation delay
En to Yn
19
40
50
60
ns
4.5
Fig. 7
tTHL/ tTLH
Output transition
time
7
15
19
22
ns
4.5
Fig. 6 and 7
AC WAVEFORMS


Html Pages

1  2  3  4  5 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn