Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PKF4310SI Datasheet(PDF) 3 Page - Ericsson

Part # PKF4310SI
Description  3-7 W DC/DC Power Modules 48 V Input Series
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ERICSSON [Ericsson]
Direct Link  http://www.ericsson.com
Logo ERICSSON - Ericsson

PKF4310SI Datasheet(HTML) 3 Page - Ericsson

  PKF4310SI Datasheet HTML 1Page - Ericsson PKF4310SI Datasheet HTML 2Page - Ericsson PKF4310SI Datasheet HTML 3Page - Ericsson PKF4310SI Datasheet HTML 4Page - Ericsson PKF4310SI Datasheet HTML 5Page - Ericsson PKF4310SI Datasheet HTML 6Page - Ericsson PKF4310SI Datasheet HTML 7Page - Ericsson PKF4310SI Datasheet HTML 8Page - Ericsson PKF4310SI Datasheet HTML 9Page - Ericsson Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 24 page
background image
3
EN/LZT 146 33 R1A (Replaces EN/LZT 137 09 R7) © Ericsson Microelectronics AB, June 2000
Mechanical Data
Foot print Component side
Foot print Component side
Dimensions in mm (in)
Dimensions in mm (in)
Pin
Designation
Function
Connections
1
Out 1
Output 1. Positive voltage ref. to Rtn.
2
Rtn
Output return.
3
Out 2
Output 2 (+ or –). Not connected in single output models.
Galvanically isolated from input pins.
4–6
NC
Not connected.
7
Aux
Not connected.
8Vadj
Output voltage adjust. To set typical output voltage (VOi)
connect pin 8 to pin 9.
9
NOR
Connection of Nominal Output voltage Resistor. (See Operating
Information, Output Voltage Adjust).
10
TOA
Turn-on/off input voltage adjust (VIon/VIoff). Used to decrease the
turn-on/off input voltage threshold. (See Operating Information).
11
RC
Remote control and turn-on/off input voltage adjust. Used to turn-on
and turn-off output and to set the turn-on/off input voltage threshold.
12 –16
NC
Not connected.
17
– In
Negative input.
18
+ In
Positive input.
3.6 [0.142]
5.0 [0.197]
12
3 4 5 6 7 8 9
10
11
12
13
14
15
16
17
18
40.0 [1.575]
Through-hole version
Surface-mount version
Case
The case consists of semiconductor grade
epoxy with embedded pins.
Coefficient of thermal expansion (CTE) is
typ. 15 ppm/°C.
Weight
Maximum 20 g (0.71 oz).
Connection Pins
Base material is copper (Cu), first plating is
nickel (Ni) and second (outer) plating is
palladium (Pd).


Similar Part No. - PKF4310SI

ManufacturerPart #DatasheetDescription
logo
Schneider Electric
PKF36000S60JK SCHNEIDER-PKF36000S60JK Datasheet
65Kb / 2P
   Automatic Molded Case Switch 600V 600A, Kirk Keylock
PKF36025CU31A SCHNEIDER-PKF36025CU31A Datasheet
135Kb / 2P
   Molded Case Circuit Breaker 600V 250A
PKF36025CU33A SCHNEIDER-PKF36025CU33A Datasheet
152Kb / 2P
   Molded Case Circuit Breaker 600V 250A
PKF36025CU41A SCHNEIDER-PKF36025CU41A Datasheet
147Kb / 2P
   Molded Case Circuit Breaker 600V 250A
PKF36025CU43A SCHNEIDER-PKF36025CU43A Datasheet
141Kb / 2P
   Molded Case Circuit Breaker 600V 250A
More results

Similar Description - PKF4310SI

ManufacturerPart #DatasheetDescription
logo
Vicor Corporation
DC048B010T010FP VICOR-DC048B010T010FP Datasheet
2Mb / 21P
   48 V Input DC-DC Converter Modules
DC048B VICOR-DC048B Datasheet
2Mb / 21P
   48 V Input DC-DC Converter Modules
logo
Ericsson
PKG2000 ERICSSON-PKG2000 Datasheet
1Mb / 16P
   46-60 W DC/DC Power Modules 24 V Input Series
PKA2000 ERICSSON-PKA2000 Datasheet
864Kb / 20P
   25-40 W DC/DC Power Modules 24 V Input Series
logo
Texas Instruments
PT4560 TI-PT4560 Datasheet
243Kb / 10P
[Old version datasheet]   30-W 48-V Input Isolated DC/DC Converter
PT3400 TI-PT3400 Datasheet
284Kb / 13P
[Old version datasheet]   35-W 48-V Input Isolated DC/DC Converter
PT4520 TI-PT4520 Datasheet
214Kb / 10P
[Old version datasheet]   20-W 48-V Input Isolated DC/DC Converter
PT3322A TI-PT3322A Datasheet
184Kb / 9P
[Old version datasheet]   30-W 48-V Input Isolated DC/DC Converter
PT4562C TI-PT4562C Datasheet
436Kb / 12P
[Old version datasheet]   30-W 48-V Input Isolated DC/DC Converter
SLTS092B TI-SLTS092B Datasheet
178Kb / 9P
[Old version datasheet]   20-W 48-V Input Isolated DC/DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com