Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PKF4510PI Datasheet(PDF) 7 Page - Ericsson

Part # PKF4510PI
Description  3-7 W DC/DC Power Modules 48 V Input Series
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ERICSSON [Ericsson]
Direct Link  http://www.ericsson.com
Logo ERICSSON - Ericsson

PKF4510PI Datasheet(HTML) 7 Page - Ericsson

Back Button PKF4510PI Datasheet HTML 3Page - Ericsson PKF4510PI Datasheet HTML 4Page - Ericsson PKF4510PI Datasheet HTML 5Page - Ericsson PKF4510PI Datasheet HTML 6Page - Ericsson PKF4510PI Datasheet HTML 7Page - Ericsson PKF4510PI Datasheet HTML 8Page - Ericsson PKF4510PI Datasheet HTML 9Page - Ericsson PKF4510PI Datasheet HTML 10Page - Ericsson PKF4510PI Datasheet HTML 11Page - Ericsson Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 24 page
background image
7
EN/LZT 146 33 R1A (Replaces EN/LZT 137 09 R7) © Ericsson Microelectronics AB, June 2000
PKF 4510
0
1.5
A
Characteristics
Conditions
Output 1
min
typ
max
Unit
Output voltage initial
setting and accuracy
VOi
Output voltage
tolerance band
VO
Idling voltage
IO = 0 A
Load regulation
IO = 0.1 …1.0 × IOmax, VI = 53 V
ttr
Load transient voltage
Vtr
Temperature coefficient2)
Tcoeff
Ramp-up time
tr
Start-up time
ts
Output current
IO
Max output power2)
POmax
Current limiting
threshold
Ilim
TP <TP max, VO = 2.5 V
Short circuit current
Isc
VO = 0.2 …0.5 V, TA =+25°C
20 Hz …5 MHz
Line regulation
IO =IOmax
Load transient
recovery time
3.28
3.30
3.32
V
3.65
4.0
V
mV
70
220
mV
+150
mV
– 250
mV
IO = IO max, TP = + 40…+90 ºC
–1.1
mV/°C
0.3
ms
3ms
5W
1.65
3.30
A
2.4
A
30
70
mVp-p
80
dB
mV
120
ms
0.6…50 MHz
V
Long term drift
included
3.17
3.50
3.17
3.42
IO = 0.1 …1.0 × IOmax
IO = 0.3…1.0 × IOmax
VI = 38…60 V
VI = 50…72 V
10
25
Output adjust range1)
2.80
3.80
V
IO = 0.1 …1.0 × IO max, VI = 53 V
load step = 0.5 × IO max
VOac
Output ripple & noise
60
dB
1) See also Operating Information.
2) See Typical Characteristics.
TP = +25°C, IO = 1.5 A, VI = 53 V
IO = IOmax, 0.1 …0.9 × VO, VI = 53 V
IO = 0.1…1.0
´ IOmax, VI = 53 V
From VI connection to VO = 0.9 × VOi
IO = IO max
f = 100 Hz sine wave, 1 Vp-p, VI = 53 V
(SVR = 20 log (1 Vp-p/VOp-p))
SVR
Supply voltage rejection (ac)
TP = – 30 …+ 85°C, VI = 38 ... 72 V and pin 8 connected to pin 9 unless otherwise specified.
Output
1.3
1.7
Characteristics
Conditions
Unit
min
typ
max
Pd
Power dissipation
Miscellaneous
%
Efficiency
h
IO = IO max
75
79
VI = 53 V
VI = 67 V
VI = 53 V
VI = 67 V
75
79
1.3
1.7
W
Calculated value


Similar Part No. - PKF4510PI

ManufacturerPart #DatasheetDescription
logo
Schneider Electric
PKF36000S60JK SCHNEIDER-PKF36000S60JK Datasheet
65Kb / 2P
   Automatic Molded Case Switch 600V 600A, Kirk Keylock
PKF36025CU31A SCHNEIDER-PKF36025CU31A Datasheet
135Kb / 2P
   Molded Case Circuit Breaker 600V 250A
PKF36025CU33A SCHNEIDER-PKF36025CU33A Datasheet
152Kb / 2P
   Molded Case Circuit Breaker 600V 250A
PKF36025CU41A SCHNEIDER-PKF36025CU41A Datasheet
147Kb / 2P
   Molded Case Circuit Breaker 600V 250A
PKF36025CU43A SCHNEIDER-PKF36025CU43A Datasheet
141Kb / 2P
   Molded Case Circuit Breaker 600V 250A
More results

Similar Description - PKF4510PI

ManufacturerPart #DatasheetDescription
logo
Vicor Corporation
DC048B010T010FP VICOR-DC048B010T010FP Datasheet
2Mb / 21P
   48 V Input DC-DC Converter Modules
DC048B VICOR-DC048B Datasheet
2Mb / 21P
   48 V Input DC-DC Converter Modules
logo
Ericsson
PKG2000 ERICSSON-PKG2000 Datasheet
1Mb / 16P
   46-60 W DC/DC Power Modules 24 V Input Series
PKA2000 ERICSSON-PKA2000 Datasheet
864Kb / 20P
   25-40 W DC/DC Power Modules 24 V Input Series
logo
Texas Instruments
PT4560 TI-PT4560 Datasheet
243Kb / 10P
[Old version datasheet]   30-W 48-V Input Isolated DC/DC Converter
PT3400 TI-PT3400 Datasheet
284Kb / 13P
[Old version datasheet]   35-W 48-V Input Isolated DC/DC Converter
PT4520 TI-PT4520 Datasheet
214Kb / 10P
[Old version datasheet]   20-W 48-V Input Isolated DC/DC Converter
PT3322A TI-PT3322A Datasheet
184Kb / 9P
[Old version datasheet]   30-W 48-V Input Isolated DC/DC Converter
PT4562C TI-PT4562C Datasheet
436Kb / 12P
[Old version datasheet]   30-W 48-V Input Isolated DC/DC Converter
SLTS092B TI-SLTS092B Datasheet
178Kb / 9P
[Old version datasheet]   20-W 48-V Input Isolated DC/DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com