Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

L-1334GC Datasheet(PDF) 6 Page - Kingbright Corporation

Part # L-1334GC
Description  T-1 (3mm) CYLINDRICAL LED LAMPS
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KINGBRIGHT [Kingbright Corporation]
Direct Link  http://www.us.kingbright.com
Logo KINGBRIGHT - Kingbright Corporation

L-1334GC Datasheet(HTML) 6 Page - Kingbright Corporation

  L-1334GC Datasheet HTML 1Page - Kingbright Corporation L-1334GC Datasheet HTML 2Page - Kingbright Corporation L-1334GC Datasheet HTML 3Page - Kingbright Corporation L-1334GC Datasheet HTML 4Page - Kingbright Corporation L-1334GC Datasheet HTML 5Page - Kingbright Corporation L-1334GC Datasheet HTML 6Page - Kingbright Corporation L-1334GC Datasheet HTML 7Page - Kingbright Corporation  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
SPEC NO: KDA0065
REV NO: V.1
DATE: SEP/30/2001
PAGE: 6 OF 7
APPROVED : J. Lu
CHECKED :
DRAWN: X.M.Zhou
Super Bright Red L-1334SRT,L-1334SRC,L-1334SRWT
Super Bright Green L-1334SGC,L-1334SGT


Similar Part No. - L-1334GC

ManufacturerPart #DatasheetDescription
logo
Rhombus Industries Inc.
L-13300 RHOMBUS-IND-L-13300 Datasheet
36Kb / 1P
   High L Mini Inductors
L-13301 RHOMBUS-IND-L-13301 Datasheet
36Kb / 1P
   High L Mini Inductors
L-13302 RHOMBUS-IND-L-13302 Datasheet
36Kb / 1P
   High L Mini Inductors
L-13303 RHOMBUS-IND-L-13303 Datasheet
36Kb / 1P
   High L Mini Inductors
L-13304 RHOMBUS-IND-L-13304 Datasheet
36Kb / 1P
   High L Mini Inductors
More results

Similar Description - L-1334GC

ManufacturerPart #DatasheetDescription
logo
Kingbright Corporation
L-424 KINGBRIGHT-L-424 Datasheet
186Kb / 6P
   T-1(3mm) CYLINDRICAL LED LAMPS
L-483 KINGBRIGHT-L-483 Datasheet
793Kb / 5P
   T-1 (3mm) CYLINDRICAL LED LAMPS
logo
List of Unclassifed Man...
E424IDT ETC-E424IDT Datasheet
217Kb / 4P
   T-1 (3MM) CYLINDRICAL LED
logo
Kingbright Corporation
WP424GDT KINGBRIGHT-WP424GDT_15 Datasheet
320Kb / 6P
   T-1(3mm) CYLINDRICAL LED LAMP
WP424SRDT KINGBRIGHT-WP424SRDT_15 Datasheet
319Kb / 6P
   T-1(3mm) CYLINDRICAL LED LAMP
WP424IDT KINGBRIGHT-WP424IDT Datasheet
263Kb / 6P
   T-1 (3mm) CYLINDRICAL LED LAMP
WP424EDT KINGBRIGHT-WP424EDT Datasheet
262Kb / 6P
   T-1 (3mm) CYLINDRICAL LED LAMP
WP424HDT KINGBRIGHT-WP424HDT Datasheet
262Kb / 6P
   T-1 (3mm) CYLINDRICAL LED LAMP
WP424HDT KINGBRIGHT-WP424HDT_15 Datasheet
320Kb / 6P
   T-1 (3mm) CYLINDRICAL LED LAMP
WP424GDT KINGBRIGHT-WP424GDT Datasheet
262Kb / 6P
   T-1 (3mm) CYLINDRICAL LED LAMP
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com