Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ICS9DB202CGT Datasheet(PDF) 11 Page - Integrated Circuit Systems

Part # ICS9DB202CGT
Description  Two 0.7V current mode differential HCSL output pairs, 1 differential clock input
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS9DB202CGT Datasheet(HTML) 11 Page - Integrated Circuit Systems

Back Button ICS9DB202CGT Datasheet HTML 3Page - Integrated Circuit Systems ICS9DB202CGT Datasheet HTML 4Page - Integrated Circuit Systems ICS9DB202CGT Datasheet HTML 5Page - Integrated Circuit Systems ICS9DB202CGT Datasheet HTML 6Page - Integrated Circuit Systems ICS9DB202CGT Datasheet HTML 7Page - Integrated Circuit Systems ICS9DB202CGT Datasheet HTML 8Page - Integrated Circuit Systems ICS9DB202CGT Datasheet HTML 9Page - Integrated Circuit Systems ICS9DB202CGT Datasheet HTML 10Page - Integrated Circuit Systems ICS9DB202CGT Datasheet HTML 11Page - Integrated Circuit Systems  
Zoom Inzoom in Zoom Outzoom out
 11 / 11 page
background image
9DB202CG
www.icst.com/products/hiperclocks.html
REV. A OCTOBER 6, 2004
11
Integrated
Circuit
Systems, Inc.
ICS9DB202
PCI EXPRESS
JITTER ATTENUATOR
TABLE 7. ORDERING INFORMATION
While the information presented herein has been checked for both accuracy and reliability, Integrated Circuit Systems, Incorporated (ICS) assumes no responsibility for either its use
or for infringement of any patents or other rights of third parties, which would result from its use. No other circuits, patents, or licenses are implied. This product is intended for use
in normal commercial applications. Any other applications such as those requiring extended temperature range, high reliability, or other extraordinary environmental requirements are
not recommended without additional processing by ICS. ICS reserves the right to change any circuitry or specifications without notice. ICS does not authorize or warrant any ICS
product for use in life support devices or critical medical instruments.
r
e
b
m
u
N
r
e
d
r
O
/
t
r
a
Pg
n
i
k
r
a
Me
g
a
k
c
a
Pt
n
u
o
Ce
r
u
t
a
r
e
p
m
e
T
G
C
2
0
2
B
D
9
S
C
IG
C
2
0
2
B
D
9
S
C
IP
O
S
S
T
d
a
e
L
0
2e
b
u
T
r
e
p
2
7C
°
0
7
o
t
C
°
0
T
G
C
2
0
2
B
D
9
S
C
IG
C
2
0
2
B
D
9
S
C
Il
e
e
R
d
n
a
e
p
a
T
n
o
P
O
S
S
T
d
a
e
L
0
20
0
5
2C
°
0
7
o
t
C
°
0
F
L
G
C
2
0
2
B
D
9
S
C
IL
G
C
2
0
2
B
D
9
S
C
IP
O
S
S
T
"
e
e
r
F
-
d
a
e
L
"
d
a
e
L
0
2e
b
u
T
r
e
p
2
7C
°
0
7
o
t
C
°
0
T
F
L
G
C
2
0
2
B
D
9
S
C
IL
G
C
2
0
2
B
D
9
S
C
I
n
o
P
O
S
S
T
"
e
e
r
F
-
d
a
e
L
"
d
a
e
L
0
2
l
e
e
R
d
n
a
e
p
a
T
0
0
5
2C
°
0
7
o
t
C
°
0
F
C
2
0
2
B
D
9
S
C
IF
C
2
0
2
B
D
9
S
C
IP
O
S
S
d
a
e
L
0
2e
b
u
T
r
e
p
4
6C
°
0
7
o
t
C
°
0
T
F
C
2
0
2
B
D
9
S
C
IF
C
2
0
2
B
D
9
S
C
Il
e
e
R
d
n
a
e
p
a
T
n
o
P
O
S
S
d
a
e
L
0
20
0
0
1C
°
0
7
o
t
C
°
0
F
L
F
C
2
0
2
B
D
9
S
C
IF
L
F
C
2
0
2
B
D
9
S
C
IP
O
S
S
"
e
e
r
F
-
d
a
e
L
"
d
a
e
L
0
2e
b
u
T
r
e
p
4
6C
°
0
7
o
t
C
°
0
T
F
L
F
C
2
0
2
B
D
9
S
C
IF
L
F
C
2
0
2
B
D
9
S
C
I
n
o
P
O
S
S
"
e
e
r
F
-
d
a
e
L
"
d
a
e
L
0
2
l
e
e
R
d
n
a
e
p
a
T
0
0
0
1C
°
0
7
o
t
C
°
0
The aforementioned trademarks, HiPerClockS™ and PCI Express™ iare trademarks of Integrated Circuit Systems, Inc. or its subsidiaries in the United States and/or other countries.


Similar Part No. - ICS9DB202CGT

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
ICS9DB202CGT IDT-ICS9DB202CGT Datasheet
681Kb / 13P
   PCI EXPRESS JITTER ATTENUATOR
More results

Similar Description - ICS9DB202CGT

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT8SLVD1204I IDT-IDT8SLVD1204I Datasheet
440Kb / 18P
   Two selectable differential clock input pairs
DT8SLVD1204I IDT-DT8SLVD1204I Datasheet
440Kb / 18P
   Two selectable differential clock input pairs
8SLVD1204-33 IDT-8SLVD1204-33 Datasheet
377Kb / 18P
   Two selectable differential clock input pairs
IDT8T39S10I IDT-IDT8T39S10I Datasheet
892Kb / 43P
   Two differential reference clock input pairs
ICS853S310I IDT-ICS853S310I Datasheet
844Kb / 17P
   Two selectable differential input pairs
853S111B IDT-853S111B Datasheet
342Kb / 25P
   Two selectable differential input pairs
logo
Renesas Technology Corp
ICS841402I RENESAS-ICS841402I Datasheet
915Kb / 28P
   FemtoClock® Crystal-to-0.7V Differential HCSL Clock Generator
2019
logo
Integrated Device Techn...
871002AGI-02LF IDT-871002AGI-02LF Datasheet
795Kb / 16P
   Differential-to-0.7V HCSL Differential PCI EXPRESS??Jitter Attenuator
logo
Renesas Technology Corp
ICS841484I RENESAS-ICS841484I Datasheet
1,022Kb / 28P
   FemtoClock® Crystal-to-0.7V Differential HCSL Clock Generator
2019
85108 RENESAS-85108 Datasheet
724Kb / 17P
   Low Skew, 1-to-8, Differential-to-0.7V HCSL Clock Distribution Chip
2019
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com