Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

FM6806B Datasheet(PDF) 3 Page - SHENZHEN FUMAN ELECTRONICS CO., LTD.

Part No. FM6806B
Description  USB charging interface intelligent control chip
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUMAN [SHENZHEN FUMAN ELECTRONICS CO., LTD.]
Direct Link  http://www.superchip.cn
Logo FUMAN - SHENZHEN FUMAN ELECTRONICS CO., LTD.

FM6806B Datasheet(HTML) 3 Page - SHENZHEN FUMAN ELECTRONICS CO., LTD.

  FM6806B Datasheet HTML 1Page - SHENZHEN FUMAN ELECTRONICS CO., LTD. FM6806B Datasheet HTML 2Page - SHENZHEN FUMAN ELECTRONICS CO., LTD. FM6806B Datasheet HTML 3Page - SHENZHEN FUMAN ELECTRONICS CO., LTD. FM6806B Datasheet HTML 4Page - SHENZHEN FUMAN ELECTRONICS CO., LTD. FM6806B Datasheet HTML 5Page - SHENZHEN FUMAN ELECTRONICS CO., LTD. FM6806B Datasheet HTML 6Page - SHENZHEN FUMAN ELECTRONICS CO., LTD. FM6806B Datasheet HTML 7Page - SHENZHEN FUMAN ELECTRONICS CO., LTD. FM6806B Datasheet HTML 8Page - SHENZHEN FUMAN ELECTRONICS CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
深圳市富满电子集团股份有限公司
SHEN ZHEN FINE MADE ELECTRONICS GROUP CO., LTD.
FM6808/FM6806(文件编号:S&CIC1441)
USB 充电接口智能控制芯片
www.superchip.cn
第 3 页 共 8 页
Version 1.1
内部功能模块
极限工作条件
参数
Min.
Max.
Unit
引脚 VCC 电流
20
mA
引脚 VBUS
-0.3
8
V
引脚 VDD
-0.3
8
V
引脚 IREF
-0.3
8
V
引脚 OUT
-0.3
8
V
引脚 DP
-0.3
5
V
引脚 DM
-0.3
5
V
芯片工作结温
-40
150
芯片工作环境温度
-40
105
贮存温度范围
-55
150
焊接温度(焊接时间 10 秒)
260
ESD 参数人体模型(100pF 电容,串联
1.5KΩ)
4000 V
注意:如果器件工作条件超过上述各项极限值,可能对器件造成永久性损坏。上述参数仅是工作条件的极限值,不
建议器件工作在推荐工作条件以外的情况。器件长时间工作在极限工作条件下,其可靠性可能受影响。


Html Pages

1  2  3  4  5  6  7  8 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn