Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HPA00001DTR Datasheet(PDF) 6 Page - Texas Instruments

Part # HPA00001DTR
Description  LOW POWER CURRENT MODE PUSH-PULL PWM
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

HPA00001DTR Datasheet(HTML) 6 Page - Texas Instruments

Back Button HPA00001DTR Datasheet HTML 2Page - Texas Instruments HPA00001DTR Datasheet HTML 3Page - Texas Instruments HPA00001DTR Datasheet HTML 4Page - Texas Instruments HPA00001DTR Datasheet HTML 5Page - Texas Instruments HPA00001DTR Datasheet HTML 6Page - Texas Instruments HPA00001DTR Datasheet HTML 7Page - Texas Instruments HPA00001DTR Datasheet HTML 8Page - Texas Instruments HPA00001DTR Datasheet HTML 9Page - Texas Instruments HPA00001DTR Datasheet HTML 10Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
UCC3808AD–1
RC
4.99 k
4.99 k
432
0.1
µF
10
µF
20 k
330 pF
86.6 k
0.01
µF
1 kV
NS1
NS2
NP1
NP2
680
µF
0.01
µF
470 pF
4700 pF 20 k
19.1 k
COMP
19.1 k
200
LOOP B
LOOP A
2.2
0.2
2 k
330 pF
1000 pF
62
62
1000 pF
2.2
51 k
1/4 W
0.47
µF
4700
µF
VIN
36 V TO 72 V
+
BYV
28–200
BYV
28–200
32CTQ030
ER28
8:2
+
VO
5 V 50 W
5
6
7
8
4
3
2
1
H11A1
4
5
6
3
2
1
U3
CURRENT
SENSE
PRIMARY
GROUND
IRF640
IRF640
20 k
2K12907
0.1
µF
240
0.1
µF
3
1 TL431
2
10
12
EF25 7
µH
1mH
DF02SGICT
2.80 k
VDD
OUTA OUTB GND
RC
CS
FB
COMP


Similar Part No. - HPA00001DTR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
HPA00002DTR TI-HPA00002DTR Datasheet
152Kb / 10P
[Old version datasheet]   LOW POWER CURRENT MODE PUSH-PULL PWM
More results

Similar Description - HPA00001DTR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC2808-1 TI-UCC2808-1 Datasheet
173Kb / 10P
[Old version datasheet]   LOW POWER CURRENT MODE PUSH-PULL PWM
UCC2808A-1EP TI-UCC2808A-1EP Datasheet
181Kb / 10P
[Old version datasheet]   LOW POWER CURRENT MODE PUSH-PULL PWM
UCC3808 TI-UCC3808 Datasheet
152Kb / 10P
[Old version datasheet]   LOW POWER CURRENT MODE PUSH-PULL PWM
UCC1808- TI-UCC1808- Datasheet
148Kb / 7P
[Old version datasheet]   Low Power Current Mode Push-Pull PWM
UCC2808A-1Q1 TI-UCC2808A-1Q1_15 Datasheet
812Kb / 17P
[Old version datasheet]   Low Power Current Mode Push-Pull PWM
UCC2808A-1 TI1-UCC2808A-1_16 Datasheet
719Kb / 13P
[Old version datasheet]   LOW POWER CURRENT MODE PUSH-PULL PWM
UCC2808A-1EP TI1-UCC2808A-1EP_14 Datasheet
731Kb / 13P
[Old version datasheet]   LOW POWER CURRENT MODE PUSH-PULL PWM
UCC2808A-1Q1 TI-UCC2808A-1Q1_09 Datasheet
257Kb / 11P
[Old version datasheet]   LOW POWER CURRENT MODE PUSH-PULL PWM
UCC2808-1 TI1-UCC2808-1_15 Datasheet
957Kb / 22P
[Old version datasheet]   Low Power Current Mode Push-Pull PWM
UCC2808-1 TI1-UCC2808-1_13 Datasheet
912Kb / 18P
[Old version datasheet]   LOW POWER CURRENT MODE PUSH-PULL PWM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com