Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

KM68U1000BLG-10L Datasheet(PDF) 8 Page - Samsung semiconductor

Part # KM68U1000BLG-10L
Description  128K X 8bit Low Power and Low Voltage CMOS Statinc RAM
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

KM68U1000BLG-10L Datasheet(HTML) 8 Page - Samsung semiconductor

Back Button KM68U1000BLG-10L Datasheet HTML 2Page - Samsung semiconductor KM68U1000BLG-10L Datasheet HTML 3Page - Samsung semiconductor KM68U1000BLG-10L Datasheet HTML 4Page - Samsung semiconductor KM68U1000BLG-10L Datasheet HTML 5Page - Samsung semiconductor KM68U1000BLG-10L Datasheet HTML 6Page - Samsung semiconductor KM68U1000BLG-10L Datasheet HTML 7Page - Samsung semiconductor KM68U1000BLG-10L Datasheet HTML 8Page - Samsung semiconductor KM68U1000BLG-10L Datasheet HTML 9Page - Samsung semiconductor KM68U1000BLG-10L Datasheet HTML 10Page - Samsung semiconductor  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
KM68V1000B, KM68U1000B Family
CMOS SRAM
Revision 2.0
March 1998
DATA RETENTION WAVE FORM
CS1 controlled
VCC
3.0/2.7V1)
2.2V
VDR
CS1
GND
Data Retention Mode
CS1
≥VCC - 0.2V
tSDR
tRDR
TIMING WAVEFORM OF WRITE CYCLE(3) (CS1 Controlled)
Address
CS1
tAW
NOTES (WRITE CYCLE)
1. A write occurs during the overlap of a low CS1, a high CS2 and a low WE. A write begins at the latest transition among CS1 goes low,
CS2 going high and WE going low : A write end at the earliest transition among CS1 going high, CS2 going low and WE going high,
tWP is measured from the begining of write to the end of write.
2. tCW is measured from the CS1 going low or CS2 going high to the end of write.
3. tAS is measured from the address valid to the beginning of write.
4. tWR is measured from the end of write to the address change. tWR(1) applied in case a write ends as CS1 or WE going high tWR(2)
applied in case a write ends as CS2 going to low.
CS2
tCW(2)
WE
Data in
Data Valid
Data out
High-Z
High-Z
tCW(2)
tWR(4)
tWP(1)
tDW
tDH
tAS(3)
tWC
CS2 controlled
VCC
3.0/2.7V1)
0.4V
VDR
CS2
GND
Data Retention Mode
tSDR
tRDR
1. 3.0V for KM68V1000B Family , 2.7V for KM68U1000B Family
CS2
≤0.2V


Similar Part No. - KM68U1000BLG-10L

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
KM68U1000C SAMSUNG-KM68U1000C Datasheet
149Kb / 11P
   128K x8 bit Low Power and Low Voltage CMOS Static RAM
More results

Similar Description - KM68U1000BLG-10L

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS62LV1288LL ISSI-IS62LV1288LL Datasheet
77Kb / 10P
   128K x 8 LOW POWER and LOW Vcc CMOS STATIC RAM
IS62WV1288DALL ISSI-IS62WV1288DALL Datasheet
468Kb / 16P
   128K x 8 LOW VOLTAGE, ULTRA LOW POWER CMOS STATIC RAM
IS62WV12816ALL ISSI-IS62WV12816ALL Datasheet
112Kb / 17P
   128K x 16 LOW VOLTAGE ULTRA LOW POWER CMOS STATIC RAM
IS65WV12816ALL ISSI-IS65WV12816ALL Datasheet
133Kb / 19P
   128K x 16 LOW VOLTAGE, ULTRA LOW POWER CMOS STATIC RAM
logo
Integrated Circuit Solu...
IS62LV12816L ICSI-IS62LV12816L Datasheet
462Kb / 10P
   128K x 16 LOW VOLTAGE, ULTRA LOW POWER CMOS STATIC RAM
logo
Integrated Silicon Solu...
IS62WV1288ALL ISSI-IS62WV1288ALL Datasheet
111Kb / 15P
   128K x 8 LOW VOLTAGE, ULTRA LOW POWER CMOS STATIC RAM
IS62LV12816BLL ISSI-IS62LV12816BLL Datasheet
94Kb / 10P
   128K x 16 LOW VOLTAGE, ULTRA LOW POWER CMOS STATIC RAM
IS62WV12816DALL ISSI-IS62WV12816DALL Datasheet
429Kb / 17P
   128K x 16 LOW VOLTAGE, ULTRA LOW POWER CMOS STATIC RAM
logo
Integrated Circuit Solu...
IC62LV12816L ICSI-IC62LV12816L Datasheet
139Kb / 10P
   128K x 16 LOW VOLTAGE, ULTRA LOW POWER CMOS STATIC RAM
logo
Taiwan Memory Technolog...
T15M1024A TMT-T15M1024A Datasheet
85Kb / 13P
   128K X 8 LOW POWER CMOS STATIC RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com