Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RM2211D Datasheet(PDF) 5 Page - List of Unclassifed Manufacturers

Part # RM2211D
Description  FSK Demodulator/Tone Decoder
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

RM2211D Datasheet(HTML) 5 Page - List of Unclassifed Manufacturers

  RM2211D Datasheet HTML 1Page - List of Unclassifed Manufacturers RM2211D Datasheet HTML 2Page - List of Unclassifed Manufacturers RM2211D Datasheet HTML 3Page - List of Unclassifed Manufacturers RM2211D Datasheet HTML 4Page - List of Unclassifed Manufacturers RM2211D Datasheet HTML 5Page - List of Unclassifed Manufacturers RM2211D Datasheet HTML 6Page - List of Unclassifed Manufacturers RM2211D Datasheet HTML 7Page - List of Unclassifed Manufacturers RM2211D Datasheet HTML 8Page - List of Unclassifed Manufacturers RM2211D Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
RC2211
PRODUCT SPECIFICATION
5
Electrical Characteristics
(Test Conditions +VS = +12V, TA +25
°C, R0 = 30 kW, C0 = 0.033 mF. See Figure 1 for component designations.)
Notes:
1. Guaranteed by design.
2. Individual applications may need special circuitry to function at <12V.
3. Sample tested.
RV/RM2211
RC2211
Parameters
Test Conditlons
Min
Typ
Max
Min
Typ
Max
Units
General
Supply Voltage2
4.5
20
4.5
20
V
Supply Current
R0
³ 10 kW
4.0
9.0
5.0
11
mA
Oscillator
Frequency Accuracy
Deviation from f0 = 1/R0C0
±1.0 ±3.0
±1.0
%
Frequency Stability1
Temperature Coefficient
R1 =
¥±20
±50
±20
ppm/
°C
Power Supply Rejection
+VS = 12
±1V
+VS = 5
±0.5V
0.05
0.2
0.5
0.2
0.05
%/V
%/V
Upper Frequency Limit
R0 = 8.2 k
W, C0 = 400 pF
100
300
300
kHz
Lowest Practical Operating
Frequency1
R0 = 2 M
W, C0 = 50 mF
0.01
0.01
Hz
Timing Resistor, R0
Operating Range
5.0
2000
5.0
2000
k
W
Recommended Range
15
100
15
100
k
W
Loop Phase Detector
Peak Output Current
Measured at pin 11
±150 ±200 ±300 ±100 ±200 ±300
mA
Output Offset Current
±1.0
±2.0
mA
Output Impedance
1.0
1.0
M
W
Maximum Swing
Ref. to pin 10
±4.0 ±5.0
±4.0 ±5.0
V
Quadrature Phase Detector
Peak Output Current3
Measured at pin 3
100
150
150
mA
Output Impedance
1.0
1.0
M
W
Maximum Swing
11
11
VP-P
Input Preamp
Input Impedance
Measured at pin 2
20
20
k
W
Input Signal Voltage
Required to Cause Limiting3
2.0
10
2.0
mVRMS
Voltage Comparator
Input Impedance
Measured at pins 3 & 8
2.0
2.0
M
W
Input Bias Current
100
100
nA
Voltage Gain1
RL = 5.1 k
W
55
70
55
70
dB
Output Voltage Low
IC = 3mA
300
300
mV
Output Leakage Current
V0 = 12V
0.01
0.01
mA
Internal Reference
Voltage Level
Measured at pin 10
4.9
5.3
5.7
4.75
5.3
5.85
V
Output Impedance
100
100
W


Similar Part No. - RM2211D

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
RM221K ETC1-RM221K Datasheet
34Kb / 1P
   R. F. Molded Chokes
More results

Similar Description - RM2211D

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XR-2211 EXAR-XR-2211 Datasheet
242Kb / 24P
   FSK Demodulator/ Tone Decoder
logo
New Japan Radio
NJM2211M-TE1 NJRC-NJM2211M-TE1 Datasheet
256Kb / 1P
   FSK DEMODULATOR / TONE DECODER
NJM2211 NJRC-NJM2211_1 Datasheet
258Kb / 10P
   FSK DEMODULATOR / TONE DECODER
NJM2211 NJRC-NJM2211 Datasheet
427Kb / 11P
   FSK DEMODULATOR/TONE DECODER
logo
Exar Corporation
XR-2211A EXAR-XR-2211A Datasheet
246Kb / 24P
   FSK Demodulator/ Tone Decoder
XR-210 EXAR-XR-210 Datasheet
140Kb / 2P
   FSK MODULATOR / DEMODULATOR
logo
National Semiconductor ...
LM567 NSC-LM567 Datasheet
296Kb / 8P
   Tone Decoder
logo
AUK corp
S567P AUK-S567P Datasheet
101Kb / 4P
   TONE DECODER
logo
Daewoo Semiconductor
DBL567 DAEWOO-DBL567 Datasheet
192Kb / 4P
   TONE DECODER
logo
National Semiconductor ...
LM567 NSC-LM567_03 Datasheet
339Kb / 12P
   Tone Decoder
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com