Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PA241 Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # PA241
Description  High Voltage Power Operational Amplifiers
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

PA241 Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  PA241 Datasheet HTML 1Page - List of Unclassifed Manufacturers PA241 Datasheet HTML 2Page - List of Unclassifed Manufacturers PA241 Datasheet HTML 3Page - List of Unclassifed Manufacturers PA241 Datasheet HTML 4Page - List of Unclassifed Manufacturers PA241 Datasheet HTML 5Page - List of Unclassifed Manufacturers PA241 Datasheet HTML 6Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
APEX MICROTECHNOLOGY CORPORATION • TELEPHONE (520) 690-8600 • FAX (520) 888-3329 • ORDERS (520) 690-8601 • EMAIL prodlit@apexmicrotech.com
3
ABSOLUTE MAXIMUM RATINGS
SPECIFICATIONS
PA241
CAUTION
The PA241 is constructed from MOSFET transistors. ESD handling procedures must be observed.
ABSOLUTE MAXIMUM RATINGS
PA241DW
PA241DWA
SUPPLY VOLTAGE, +V
S to –VS
350V
OUTPUT CURRENT, continuous within SOA
60 mA
OUTPUT CURRENT, peak
120 mA
POWER DISSIPATION, continuous @ T
C = 25°C
9W
INPUT VOLTAGE, differential
±16 V
INPUT VOLTAGE, common mode
±V
S
TEMPERATURE, pin solder – 10 sec
220°C
TEMPERATURE, junction2
150°C
TEMPERATURE, storage
–65 to +150°C
TEMPERATURE RANGE, powered (case)
–40 to +125°C
PA241DW
PA241DWA
PARAMETER
TEST CONDITIONS1
MIN
TYP
MAX
MIN
TYP
MAX
UNITS
INPUT
OFFSET VOLTAGE, initial
25
40
15
30
mV
OFFSET VOLTAGE, vs. temperature3
Full temperature range
100
500
*
*
µV/°C
OFFSET VOLTAGE, vs supply
3
*
µV/V
OFFSET VOLTAGE, vs time
70
130
*
µV/kh
BIAS CURRENT, initial
100
2000
*
*
pA
BIAS CURRENT, vs supply
15
50
*
*
pA/V
OFFSET CURRENT, initial
100
400
*
*
pA
INPUT IMPEDANCE, DC
1011
*
INPUT CAPACITANCE
6
*
pF
COMMON MODE, voltage range
+V
S–14
*
V
COMMON MODE, voltage range
-V
S+12
*
V
COMMON MODE REJECTION, DC
V
CM = ±90V DC
84
94
*
*
dB
NOISE, broad band
10kHz BW, R
S = 1K
50
*
µV RMS
NOISE, low frequency
1-10 Hz
125
*
µV p-p
GAIN
OPEN LOOP at 15Hz
R
L = 5K
90
96
*
*
dB
BANDWIDTH, gain bandwidth product
3
*
MHz
POWER BANDWIDTH
280V p-p
30
*
kHz
OUTPUT
VOLTAGE SWING
I
O = 40mA
±V
S–12
±V
S–10
±V
S–10
±V
S–8.5
V
CURRENT, peak4
120
*
mA
CURRENT, continuous
60
*
mA
SETTLING TIME to .1%
10V step, A
V = –10
2
*
µs
SLEW RATE
C
C = 3.3pF
30
*
V/µs
RESISTANCE5, 1mA
R
CL = 0
150
*
RESISTANCE5, 40 mA
R
CL = 0
5
*
POWER SUPPLY
VOLTAGE
±50
±150
±175
*
*
*
V
CURRENT, quiescent
2.2
2.5
*
2.3
mA
THERMAL
PA241DW RESISTANCE, AC junction to case F > 60Hz
7
10
*
*
°C/W
PA241DW RESISTANCE, DC junction to case F < 60Hz
12
14
*
*
°C/W
PA241DW RESISTANCE, junction to air
Full temperature range
55
*
°C/W
TEMPERATURE RANGE, case
Meets full range spec's
–25
+85
*
*
°C
SPECIFICATIONS
NOTES: *
"A" specification is the same as the non "A" specification.
1.
Unless otherwise noted T
C = 25°C, CC = 6.8pF. DC input specifications are ± value given. Power supply voltage is typical
rating.
2.
Long term operation at the maximum junction temperature will result in reduced product life. Derate internal power dissipation
to achieve high MTTF. For guidance, refer to heatsink data sheet.
3.
Sample tested by wafer to 95%.
4.
Guaranteed but not tested.
5.
The selected value of R
CL must be added to the values given for total output resistance.


Similar Part No. - PA241

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
PA241 APEX-PA241 Datasheet
502Kb / 6P
   HIGH VOLTAGE POWER OPERATIONAL AMPLIFIERS
PA241 CIRRUS-PA241 Datasheet
269Kb / 7P
   High Voltage Power Operational Amplifier
PA241 CIRRUS-PA241 Datasheet
754Kb / 7P
   High Voltage Power Operational Amplifier
logo
Pulse A Technitrol Comp...
PA2417NL PULSE-PA2417NL Datasheet
2Mb / 14P
   High Frequency Wire Wound Transformers
logo
Cirrus Logic
PA241CE CIRRUS-PA241CE Datasheet
754Kb / 7P
   High Voltage Power Operational Amplifier
More results

Similar Description - PA241

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
PA81J APEX-PA81J Datasheet
260Kb / 4P
   HIGH VOLTAGE POWER OPERATIONAL AMPLIFIERS
logo
List of Unclassifed Man...
PA92 ETC2-PA92_17 Datasheet
554Kb / 1P
   High Voltage Power Operational Amplifiers
PA95 ETC2-PA95_17 Datasheet
621Kb / 6P
   High Voltage Power Operational Amplifiers
logo
Cirrus Logic
PA93 CIRRUS-PA93 Datasheet
482Kb / 6P
   High Voltage Power Operational Amplifiers
PA15FL CIRRUS-PA15FL Datasheet
197Kb / 5P
   High Voltage Power Operational Amplifiers
PA60 CIRRUS-PA60 Datasheet
159Kb / 4P
   High Voltage Power Operational Amplifiers
PA94 APEX-PA94 Datasheet
224Kb / 4P
   HIGH VOLTAGE POWER OPERATIONAL AMPLIFIERS
PA94 CIRRUS-PA94_09 Datasheet
208Kb / 6P
   High Voltage Power Operational Amplifiers
PA83 CIRRUS-PA83 Datasheet
205Kb / 5P
   High Voltage Power Operational Amplifiers
PA15FL CIRRUS-PA15FL_10 Datasheet
611Kb / 5P
   High Voltage Power Operational Amplifiers
PA91 CIRRUS-PA91_10 Datasheet
677Kb / 6P
   High Voltage Power Operational Amplifiers
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com