Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RC2211N Datasheet(PDF) 9 Page - List of Unclassifed Manufacturers

Part # RC2211N
Description  FSK Demodulator/Tone Decoder
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

RC2211N Datasheet(HTML) 9 Page - List of Unclassifed Manufacturers

Back Button RC2211N Datasheet HTML 5Page - List of Unclassifed Manufacturers RC2211N Datasheet HTML 6Page - List of Unclassifed Manufacturers RC2211N Datasheet HTML 7Page - List of Unclassifed Manufacturers RC2211N Datasheet HTML 8Page - List of Unclassifed Manufacturers RC2211N Datasheet HTML 9Page - List of Unclassifed Manufacturers RC2211N Datasheet HTML 10Page - List of Unclassifed Manufacturers RC2211N Datasheet HTML 11Page - List of Unclassifed Manufacturers RC2211N Datasheet HTML 12Page - List of Unclassifed Manufacturers RC2211N Datasheet HTML 13Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
RC2211
PRODUCT SPECIFICATION
9
Typical Performance Characteristics
Figure 6. Supply Current vs. Supply Voltage
Figure 7. Timing Resistor with Timing
(Logic Outputs Open Circuited)
Capacitor vs. VCO Frequency
Figure 8. Timing Capacitor with Timing
Figure 9. Center Frequency Drift vs. Temperature
Resistor vs. VCO Frequency
Figure 10. VCO Frequency vs. Supply Voltage
6
410
812
16
14
20
18
+VS (V)
20
15
10
5
0
22
24
R0 = 5 kW
R0 = 10 kW
R0 > 100 kW
R0 = 5 kWŸ
R0 = 10 kWŸ
R0 = 20 kWŸ
R0 = 40 kWŸ
R0 = 80 kWŸ
R0 = 160 kW
100
1K
FO (Hz)
10
1.0
0.1
10K
C
0 =
0.001
µF
C
0 =
0.0033
µF
C
0 =
0.01
µF
C
0 =
0.033
µF
C
0 =
0.1
µF
C
0 =
0.33
µF
01
FO (Hz)
1K
100
10
10
R0 = 10 kWŸ
ŸR
0 = 50 kWŸ
Ÿ
R0 = 500 kWŸ
Ÿ
R0 = 1 MWŸ
Ÿ
1 M
W
500 k
W
50 k
W
10 k
W
-50
+25
-25
+75
+50
+100
Temperature (
¡C)
1.0
0.5
0
-0.5
-1.0
+125
0
Curve
1
2
3
4
5
R0
5K
10K
30K
100K
300K
1.02
1.01
1.00
0.99
0.98
0.97
FO = 1 kHz
R
10 R0
4
6
8
10
12
14
16
18
20
22
24
-VS (V)


Similar Part No. - RC2211N

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
RC22112A RENESAS-RC22112A Datasheet
2Mb / 48P
   FemtoClock Clock Generator
Oct 3, 2022
More results

Similar Description - RC2211N

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XR-2211 EXAR-XR-2211 Datasheet
242Kb / 24P
   FSK Demodulator/ Tone Decoder
logo
New Japan Radio
NJM2211M-TE1 NJRC-NJM2211M-TE1 Datasheet
256Kb / 1P
   FSK DEMODULATOR / TONE DECODER
NJM2211 NJRC-NJM2211_1 Datasheet
258Kb / 10P
   FSK DEMODULATOR / TONE DECODER
NJM2211 NJRC-NJM2211 Datasheet
427Kb / 11P
   FSK DEMODULATOR/TONE DECODER
logo
Exar Corporation
XR-2211A EXAR-XR-2211A Datasheet
246Kb / 24P
   FSK Demodulator/ Tone Decoder
XR-210 EXAR-XR-210 Datasheet
140Kb / 2P
   FSK MODULATOR / DEMODULATOR
logo
National Semiconductor ...
LM567 NSC-LM567 Datasheet
296Kb / 8P
   Tone Decoder
logo
AUK corp
S567P AUK-S567P Datasheet
101Kb / 4P
   TONE DECODER
logo
Daewoo Semiconductor
DBL567 DAEWOO-DBL567 Datasheet
192Kb / 4P
   TONE DECODER
logo
National Semiconductor ...
LM567 NSC-LM567_03 Datasheet
339Kb / 12P
   Tone Decoder
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com