Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RC2211 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # RC2211
Description  FSK Demodulator/Tone Decoder
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

RC2211 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  RC2211 Datasheet HTML 1Page - List of Unclassifed Manufacturers RC2211 Datasheet HTML 2Page - List of Unclassifed Manufacturers RC2211 Datasheet HTML 3Page - List of Unclassifed Manufacturers RC2211 Datasheet HTML 4Page - List of Unclassifed Manufacturers RC2211 Datasheet HTML 5Page - List of Unclassifed Manufacturers RC2211 Datasheet HTML 6Page - List of Unclassifed Manufacturers RC2211 Datasheet HTML 7Page - List of Unclassifed Manufacturers RC2211 Datasheet HTML 8Page - List of Unclassifed Manufacturers RC2211 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
PRODUCT SPECIFICATION
RC2211
2
Description of Circuit Controls
Signal Input (Pin 2)
The input signal is AC coupled to this terminal. The internal
impedance at pin 2 is 20 k
W. Recommended input signal
level is in the range of 10 mVRMS to 3 VRMS.
Quadrature Phase Detector Output, Q (Pin 3)
This is the high impedance output of the quadrature phase
detector, and is internally connected to the input of lock
detector voltage comparator. In tone detection applications,
pin 3 is connected to ground through a parallel combination
of RD and CD (see Figure 1) to eliminate chatter at the lock
detector outputs. If this tone detector section is not used,
pin 3 can be left open circuited.
Lock Detector Output, Q (Pin 5)
The output at pin 5 is at a ÒhighÓ state when the PLL is out of
lock and goes to a ÒlowÓ or conducting state when the PLL is
locked. It is an open collector output and requires a pull-up
resistor, RL, to +VS for proper operation. In the ÒlowÓ state it
can sink up to 5 mA of load current.
Lock Detector Complement, Q (Pin 6)
The output at pin 6 is the logic complement of the lock
detector output at pin 5. This output is also an open collector
type stage which can sink 5 mA of load current in the low or
ÒonÓ state.
FSK Data Output (Pin 7)
This output is an open collector stage which requires a
pull-up resistor, RL, to +VS for proper operation. It can sink
5 mA of load current. When decoding FSK signals the FSK
data output will switch to a ÒhighÓ or off state for low input
frequency, and will switch to a ÒlowÓ or on state for high
input frequency. If no input signal is present, the logic state
at pin 7 is indeterminate.
FSK Comparator Input (Pin 8)
This is the high impedance input to the FSK voltage
comparator. Normally, an FSK post detection or data Þlter is
connected between this terminal and the PLL phase detector
output (pin 11). This data Þlter is formed by RF and CF of
Figure 1. The threshold voltage of the comparator is set by
the internal reference voltage, VR, available at pin 10.
Reference Bypass (Pin 9)
This pin can have an optional 0.1,
mF capacitor connected to
the ground.
Reference Voltage, VR (Pin 10)
This pin is internally biased at the reference voltage level,
VR; VR = +VS/2 Ð 650 mV. The DC voltage level at this pin
forms an internal reference for the voltage levels at pin 3, 8,
11 and 12. Pin 10 must be bypassed to ground with a 0.1
mF
capacitor.
Figure 1. Generalized Circuit Connection for FSK and Tone Detection
65-2211-02
0.1
µF
Internal
Reference
FSK
Comparator
FSK
Output
+VS
RL
RB
CF
RF
(12)
VCO
(14)
(13)
R0
C0
Quad
f-Detector
(3)
CD
RD
100K
to 470K
Input
Signal
0.1
µF
Input
Preamp
Loop
f-Detector
C1
R1
100K
510K
Lock
Detector
Comparator
Q
Q
Lock
Detector
Outputs
(6)
(5)
(10)
(8)
(1)
(7)
(2)
(11)
f
f


Similar Part No. - RC2211

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
RC22112A RENESAS-RC22112A Datasheet
2Mb / 48P
   FemtoClock Clock Generator
Oct 3, 2022
More results

Similar Description - RC2211

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XR-2211 EXAR-XR-2211 Datasheet
242Kb / 24P
   FSK Demodulator/ Tone Decoder
logo
New Japan Radio
NJM2211M-TE1 NJRC-NJM2211M-TE1 Datasheet
256Kb / 1P
   FSK DEMODULATOR / TONE DECODER
NJM2211 NJRC-NJM2211_1 Datasheet
258Kb / 10P
   FSK DEMODULATOR / TONE DECODER
NJM2211 NJRC-NJM2211 Datasheet
427Kb / 11P
   FSK DEMODULATOR/TONE DECODER
logo
Exar Corporation
XR-2211A EXAR-XR-2211A Datasheet
246Kb / 24P
   FSK Demodulator/ Tone Decoder
XR-210 EXAR-XR-210 Datasheet
140Kb / 2P
   FSK MODULATOR / DEMODULATOR
logo
National Semiconductor ...
LM567 NSC-LM567 Datasheet
296Kb / 8P
   Tone Decoder
logo
AUK corp
S567P AUK-S567P Datasheet
101Kb / 4P
   TONE DECODER
logo
Daewoo Semiconductor
DBL567 DAEWOO-DBL567 Datasheet
192Kb / 4P
   TONE DECODER
logo
National Semiconductor ...
LM567 NSC-LM567_03 Datasheet
339Kb / 12P
   Tone Decoder
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com