Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF HTML

LW025 Datasheet(PDF) 5 Page - Tyco Electronics

Part No. LW025
Description  LW025 Single-Output-Series Power Modules 36 Vdc to 75 Vdc Inputs 25 W
Download  16 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MACOM [Tyco Electronics]
Homepage  http://www.macom.com
Logo 

LW025 Datasheet(HTML) 5 Page - Tyco Electronics

 
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
Advance Data Sheet
March 1999
Tyco Electronics Corp.
5
36 Vdc to 75 Vdc Inputs; 25 W
LW025 Single-Output-Series Power Modules:
Characteristics Curves
8-2233(C)
Figure 1. LW025F Typical Input Characteristics
8-1982(C).b
Figure 2. LW025A Typical Input Characteristics
8-2234(C)
Figure 3. LW025F Typical Output Characteristics
8-1983(C)
Figure 4. LW025A Typical Output Characteristics
10
20
30
40
50
60
0.0
INPUT VOLTAGE, V I (V)
0.8
80
0
0.5
0.2
0.4
0.3
70
0.1
IO
IO = 2.5 A
IO
= 0.4 A
0.6
0.7
= 5 A
10
20
30
40
50
60
0.0
INPUT VOLTAGE, V I (V)
0.8
0.6
1.2
80
0
0.4
70
0.2
1.0
IO = 2.5 A
IO = 5 A
IO = 0.4 A
12345
6
0.0
OUTPUT CURRENT, IO (A)
3.5
8
0
2.0
0.5
1.5
1.0
7
VI = 36 V
VI = 48 V
VI = 75 V
2.5
3.0
123456
0
OUTPUT CURRENT, IO(A)
4
3
6
7
0
2
1
5
VI = 48 V
VI = 36 V
VI = 75 V


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn