Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

OL395N-P20 Datasheet(PDF) 3 Page - OKI electronic componets

Part # OL395N-P20
Description  1.3 關m High-Power Laser-Diode Coaxial Module
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

OL395N-P20 Datasheet(HTML) 3 Page - OKI electronic componets

  OL395N-P20 Datasheet HTML 1Page - OKI electronic componets OL395N-P20 Datasheet HTML 2Page - OKI electronic componets OL395N-P20 Datasheet HTML 3Page - OKI electronic componets  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
3/3
LASER DIODES
OL395N-20, 40, 60, 80, 100/P20
TYPICAL CHARACTERISTICS
• OL395N-20/P20
• OL395N-100/P20
0
1
3
2
Fiber Output Power vs. Forward Current
Forward Current IF (mA)
10
20
0
30
0
100
200
300
400
500
Pf
VF
0
160
320
480
640
800
60
0
1
3
2
0
Fiber Output Power vs. Forward Current
Forward Current IF (mA)
80
100
40
20
VF
Pf


Similar Part No. - OL395N-P20

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
OL391N OKI-OL391N Datasheet
50Kb / 4P
   Hight Temperature Operation 1.3 mm Laser-Diode Coaxial Module
OL392L OKI-OL392L Datasheet
46Kb / 4P
   1.3 關m Coaxial DFB Laser Module
OL392N OKI-OL392N Datasheet
50Kb / 4P
   Hight Temperature Operation 1.3 mm Laser-Diode Coaxial Module
OL397N OKI-OL397N Datasheet
50Kb / 4P
   Hight Temperature Operation 1.3 mm Laser-Diode Coaxial Module
More results

Similar Description - OL395N-P20

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
OL392L OKI-OL392L Datasheet
46Kb / 4P
   1.3 關m Coaxial DFB Laser Module
OL3200N-5 OKI-OL3200N-5 Datasheet
44Kb / 3P
   1.3 關m High-Power Laser-Diode DIP Module
OL3201N-40 OKI-OL3201N-40 Datasheet
51Kb / 4P
   1.3 關m High-Power Laser-Diode DIP Module
OL3200N OKI-OL3200N Datasheet
44Kb / 3P
   1.3 關m Laser-Diode DIP Module
OL595N-20 OKI-OL595N-20 Datasheet
42Kb / 2P
   1.55 關m High-Power Laser-Diode Coaxial Module
OL592N OKI-OL592N Datasheet
45Kb / 4P
   1.55 關m Laser-Diode Coaxial Module
OE3496G OKI-OE3496G Datasheet
42Kb / 3P
   1.3 關m Edge-Emitting LED Coaxial Module
OL391N OKI-OL391N Datasheet
50Kb / 4P
   Hight Temperature Operation 1.3 mm Laser-Diode Coaxial Module
OL592L OKI-OL592L Datasheet
46Kb / 4P
   1.55 關m Coaxial DFB Laser Module
OL5201N-25 OKI-OL5201N-25 Datasheet
49Kb / 4P
   1.55 關m High-Power Laser-Diode DIP Module
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com