Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HLMP-EL08-VY000 Datasheet(PDF) 9 Page - Agilent(Hewlett-Packard)

Part # HLMP-EL08-VY000
Description  T-1 (5mm) Precision Optical Performance AlInGaP LED Lamps
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

HLMP-EL08-VY000 Datasheet(HTML) 9 Page - Agilent(Hewlett-Packard)

Back Button HLMP-EL08-VY000 Datasheet HTML 4Page - Agilent(Hewlett-Packard) HLMP-EL08-VY000 Datasheet HTML 5Page - Agilent(Hewlett-Packard) HLMP-EL08-VY000 Datasheet HTML 6Page - Agilent(Hewlett-Packard) HLMP-EL08-VY000 Datasheet HTML 7Page - Agilent(Hewlett-Packard) HLMP-EL08-VY000 Datasheet HTML 8Page - Agilent(Hewlett-Packard) HLMP-EL08-VY000 Datasheet HTML 9Page - Agilent(Hewlett-Packard) HLMP-EL08-VY000 Datasheet HTML 10Page - Agilent(Hewlett-Packard) HLMP-EL08-VY000 Datasheet HTML 11Page - Agilent(Hewlett-Packard) HLMP-EL08-VY000 Datasheet HTML 12Page - Agilent(Hewlett-Packard)  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
9
Electrical/Optical Characteristics at TA = 25°C
Parameter
Symbol
Min.
Typ.
Max.
Units
Test Conditions
Forward Voltage
IF = 20 mA
Amber (
λ
d = 590 nm)
2.02
Orange (
λ
d = 605 nm)
VF
1.98
2.4
V
Red-Orange (
λ
d = 615 nm)
1.94
Red (
λ
d = 626 nm)
1.90
Reverse Voltage
VR
520
V
IF = 100 µA
Peak Wavelength:
Peak of Wavelength of
Amber (
λ
d = 590 nm)
592
Spectral Distribution
Orange (
λ
d = 605 nm)
λ
PEAK
609
nm
at IF = 20 mA
Red-Orange (
λ
d = 615 nm)
621
Red (
λ
d = 626 nm)
635
Spectral Halfwidth
∆λ
1/2
17
nm
Wavelength Width at
Spectral Distribution
1/2 Power Point at
IF = 20 mA
Speed of Response
τ
s
20
ns
Exponential Time
Constant, e-t/τs
Capacitance
C
40
pF
VF = 0, f = 1 MHz
Thermal Resistance
R
θ
J-PIN
240
°C/W
LED Junction-to-Cathode
Lead
Luminous Efficacy[1]
Emitted Luminous
Amber (
λ
d = 590 nm)
480
Power/Emitted Radiant
Orange (
λ
d = 605 nm)
η
v
370
lm/W
Power
Red-Orange (
λ
d = 615 nm)
260
Red (
λ
d = 626 nm)
150
Note:
1. The radiant intensity, Ie, in watts per steradian, may be found from the equation Ie = Ivv, where Iv is the luminous intensity in candelas and ηv is
the luminous efficacy in lumens/watt.
Absolute Maximum Ratings at TA = 25°C
DC Forward Current[1,2,3] .................................................................. 50 mA
Peak Pulsed Forward Current[2,3] ................................................. 100 mA
Average Forward Current[3] ............................................................. 30 mA
Reverse Voltage (IR = 100 µA) ................................................................ 5 V
LED Junction Temperature .............................................................. 130
° C
Operating Temperature ................................................... -40
° C to +100° C
Storage Temperature ....................................................... -40
° C to +120° C
Wave Solder Temperature ........................................ 250
°C for 3 seconds
[1.59 mm (0.060 in.) below body]
Notes:
1. Derate linearly as shown in Figure 4.
2. For long term performance with minimal light output degradation, drive currents
between 10 mA and 30 mA are recommended. For more information on recommended
drive conditions, please refer to Application Brief I-024 (5966-3087E).
3. Operating at currents below 1 mA is not recommended. Please contact your local
representative for further information.


Similar Part No. - HLMP-EL08-VY000

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HLMP-EL08-VY000 HP-HLMP-EL08-VY000 Datasheet
179Kb / 12P
   T-13/4 (5 mm) Precision Optical Performance AlInGaP LED Lamps
logo
AVAGO TECHNOLOGIES LIMI...
HLMP-EL08-VY000 AVAGO-HLMP-EL08-VY000 Datasheet
395Kb / 15P
   T-13/4 (5 mm) Precision Optical Performance AlInGaP LED Lamps
HLMP-EL08-VY000 AVAGO-HLMP-EL08-VY000 Datasheet
395Kb / 15P
   T-13/4 (5 mm) Precision Optical Performance AlInGaP LED Lamps
More results

Similar Description - HLMP-EL08-VY000

ManufacturerPart #DatasheetDescription
logo
Broadcom Corporation.
HLMP-ELXX BOARDCOM-HLMP-ELXX_V01 Datasheet
736Kb / 18P
   T-1¾ (5 mm) Precision Optical Performance AlInGaP LED Lamps
March 12, 2018
HLMP-EL55 BOARDCOM-HLMP-EL55 Datasheet
583Kb / 13P
   T-1¾ (5 mm) Precision Optical Performance AlInGaP LED Lamps
July 16, 2020
logo
AVAGO TECHNOLOGIES LIMI...
HLMP-BL06-QRKDD AVAGO-HLMP-BL06-QRKDD Datasheet
379Kb / 12P
   5mm mini Oval Precision Optical Performance AlInGaP Lamps
HLMP-AD06-NSTXX AVAGO-HLMP-AD06-NSTXX Datasheet
379Kb / 12P
   5mm mini Oval Precision Optical Performance AlInGaP Lamps
logo
Agilent(Hewlett-Packard...
HLMP-DLXX HP-HLMP-DLXX Datasheet
129Kb / 8P
   T-1 - 3/4 (5 mm) Precision Optical Performance AlInGaP LED Lamps
HLMP-EL55 HP-HLMP-EL55 Datasheet
688Kb / 6P
   T-1 3/4 (5 mm) Precision Optical Performance AlInGaP LED Lamps
logo
Broadcom Corporation.
HLMP-ELXX BOARDCOM-HLMP-ELXX Datasheet
280Kb / 13P
   Precision Optical Performance AlInGaP II LED Lamps
logo
AVAGO TECHNOLOGIES LIMI...
HLMP-ED16-WZ0DD AVAGO-HLMP-ED16-WZ0DD Datasheet
342Kb / 13P
   Precision Optical Performance AlInGaP II LED Lamps
logo
Unity Opto Technology
MVL-5C4UYL UOT-MVL-5C4UYL Datasheet
39Kb / 2P
   T-1 3/4 (5mm) High Performance AlInGaP LED Lamps
MVL-5A4UG UOT-MVL-5A4UG Datasheet
36Kb / 2P
   T-1 3/4 (5mm) High Performance AlInGaP LED Lamps
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com