Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

HM51W16165 Datasheet(PDF) 1 Page - Hitachi Semiconductor

Part No. HM51W16165
Description  16 M EDO DRAM (1-Mword 16-bit) 4 k Refresh/1 k Refresh
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITACHI [Hitachi Semiconductor]
Direct Link  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor

HM51W16165 Datasheet(HTML) 1 Page - Hitachi Semiconductor

  HM51W16165 Datasheet HTML 1Page - Hitachi Semiconductor HM51W16165 Datasheet HTML 2Page - Hitachi Semiconductor HM51W16165 Datasheet HTML 3Page - Hitachi Semiconductor HM51W16165 Datasheet HTML 4Page - Hitachi Semiconductor HM51W16165 Datasheet HTML 5Page - Hitachi Semiconductor HM51W16165 Datasheet HTML 6Page - Hitachi Semiconductor HM51W16165 Datasheet HTML 7Page - Hitachi Semiconductor HM51W16165 Datasheet HTML 8Page - Hitachi Semiconductor HM51W16165 Datasheet HTML 9Page - Hitachi Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 36 page
background image
HM51W16165 Series
HM51W18165 Series
16 M EDO DRAM (1-Mword
× 16-bit)
4 k Refresh/1 k Refresh
ADE-203-650D (Z)
Rev. 4.0
Nov. 1997
Description
The Hitachi HM51W16165 Series, HM51W18165 Series are CMOS dynamic RAMs organized as
1,048,576-word
× 16-bit. They employ the most advanced CMOS technology for high performance and
low power. HM51W16165 Series, HM51W18165 Series offer Extended Data Out (EDO) Page Mode as a
high speed access mode. They have package variations of standard 400-mil 42-pin plastic SOJ and 400-mil
50-pin plastic TSOP.
Features
• Single 3.3 V (±0.3 V)
• Access time: 50 ns/60 ns/70 ns (max)
• Power dissipation
 Active mode : 396 mW/360mW/324 mW (max) (HM51W16165 Series)
: 684 mW /612 mW /540 mW (max) (HM51W18165 Series)
 Standby mode : 7.2 mW (max)
: 0.54 mW (max) (L-version)
• EDO page mode capability
• Refresh cycles
 4096 refresh cycles : 64 ms (HM51W16165 Series)
: 128 ms (L-version)
 1024 refresh cycles : 16 ms (HM51W18165 Series)
: 128 ms (L-version)
• 4 variations of refresh
 RAS-only refresh
 CAS-before-RAS refresh
 Hidden refresh
 Self refresh (L-version)
• 2CAS-byte control
• Battery backup operation (L-version)
This Material Copyrighted By Its Respective Manufacturer


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn