Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY37384VP48-200YXC Datasheet(PDF) 10 Page - Cypress Semiconductor

Part # CY37384VP48-200YXC
Description  5V, 3.3V, ISRTM High-Performance CPLDs
Download  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY37384VP48-200YXC Datasheet(HTML) 10 Page - Cypress Semiconductor

Back Button CY37384VP48-200YXC Datasheet HTML 6Page - Cypress Semiconductor CY37384VP48-200YXC Datasheet HTML 7Page - Cypress Semiconductor CY37384VP48-200YXC Datasheet HTML 8Page - Cypress Semiconductor CY37384VP48-200YXC Datasheet HTML 9Page - Cypress Semiconductor CY37384VP48-200YXC Datasheet HTML 10Page - Cypress Semiconductor CY37384VP48-200YXC Datasheet HTML 11Page - Cypress Semiconductor CY37384VP48-200YXC Datasheet HTML 12Page - Cypress Semiconductor CY37384VP48-200YXC Datasheet HTML 13Page - Cypress Semiconductor CY37384VP48-200YXC Datasheet HTML 14Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 64 page
background image
Ultra37000 CPLD Family
Document #: 38-03007 Rev. *D
Page 10 of 64
Logic Block Diagrams (continued)
TDI
TCK
TMS
TDO
JTAG Tap
Controller
CY37128/CY37128V (160-lead TQFP)
PIM
INPUT
MACROCELL
CLOCK
INPUTS
4
4
36
16
16
36
LOGIC
BLOCK
36
16
16
36
16 I/Os
36
36
36
16
16
36
16
16
64
64
4
1
INPUT/CLOCK
MACROCELLS
I/O0–I/O15
A
INPUTS
LOGIC
BLOCK
C
LOGIC
BLOCK
B
LOGIC
BLOCK
D
LOGIC
BLOCK
H
LOGIC
BLOCK
G
LOGIC
BLOCK
F
LOGIC
BLOCK
E
I/O16–I/O31
I/O32–I/O47
I/O28–I/O63
I/O112–I/O127
I/O96–I/O111
I/O80–I/O95
I/O64–I/O79
16 I/Os
16 I/Os
16 I/Os
16 I/Os
16 I/Os
16 I/Os
16 I/Os
JTAGEN
LOGIC
BLOCK
H
LOGIC
BLOCK
L
LOGIC
BLOCK
I
LOGIC
BLOCK
J
LOGIC
BLOCK
K
LOGIC
BLOCK
A
LOGIC
BLOCK
B
LOGIC
BLOCK
C
LOGIC
BLOCK
D
LOGIC
BLOCK
E
LOGIC
BLOCK
G
LOGIC
BLOCK
F
36
16
36
16
36
16
36
16
36
16
36
16
36
16
36
16
36
16
36
16
36
16
36
16
PIM
Input
Clock/
Input
10 I/Os
10 I/Os
10 I/Os
10 I/Os
10 I/Os
10 I/Os
10 I/Os
10 I/Os
10 I/Os
10 I/Os
10 I/Os
10 I/Os
I/O0–I/O9
I/O10–I/O19
I/O20–I/O29
I/O30–I/O39
I/O40–I/O49
I/O50–I/O59
I/O110–I/O119
I/O100–I/O109
I/O90–I/O99
I/O80–I/O89
I/O70–I/O79
I/O60–I/O69
4
4
4
60
60
TDI
TCK
TMS
TDO
JTAG Tap
Controller
1
CY37192/CY37192V (160-lead TQFP)


Similar Part No. - CY37384VP48-200YXC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY37384VP48167AXC CYPRESS-CY37384VP48167AXC Datasheet
2Mb / 64P
   5V, 3.3V, ISR High-Performance CPLDs
CY37384VP48200AXC CYPRESS-CY37384VP48200AXC Datasheet
2Mb / 64P
   5V, 3.3V, ISR High-Performance CPLDs
More results

Similar Description - CY37384VP48-200YXC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
ULTRA37000 CYPRESS-ULTRA37000 Datasheet
1Mb / 63P
   5V, 3.3V, ISR??High-Performance CPLDs
CY37000 CYPRESS-CY37000 Datasheet
1Mb / 67P
   5V, 3.3V, ISR High-Performance CPLDs
ULTRA37000 CYPRESS-ULTRA37000_04 Datasheet
2Mb / 64P
   5V, 3.3V, ISR High-Performance CPLDs
CY37256P160-125UMB CYPRESS-CY37256P160-125UMB Datasheet
2Mb / 64P
   5V, 3.3V, ISR??High-Performance CPLDs
CY37032 CYPRESS-CY37032 Datasheet
1Mb / 62P
   5V, 3.3V, ISR??High-Performance CPLDs
logo
Micrel Semiconductor
SY89423V MICREL-SY89423V_07 Datasheet
80Kb / 8P
   5V/3.3V DUAL HIGH-PERFORMANCE
SY89421V MICREL-SY89421V Datasheet
81Kb / 8P
   5V/3.3V HIGH-PERFORMANCE PHASE LOCKED LOOP
SY89423V MICREL-SY89423V Datasheet
98Kb / 8P
   5V/3.3V DUAL HIGH-PERFORMANCE PHASE LOCKED LOOP
logo
Golledge Electronics Lt...
GVXO-25 GOLLEDGE-GVXO-25 Datasheet
541Kb / 4P
   5V High Performance VCXO
logo
Exar Corporation
SP211EH EXAR-SP211EH Datasheet
745Kb / 16P
   High Speed 5V High Performance
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com