Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MR27C1602B Datasheet(PDF) 1 Page - OKI electronic componets

Part No. MR27C1602B
Description  1,048,576-Word x 16-Bit or 2,097,152-Word x 8-Bit One Time PROM
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

MR27C1602B Datasheet(HTML) 1 Page - OKI electronic componets

  MR27C1602B Datasheet HTML 1Page - OKI electronic componets MR27C1602B Datasheet HTML 2Page - OKI electronic componets MR27C1602B Datasheet HTML 3Page - OKI electronic componets MR27C1602B Datasheet HTML 4Page - OKI electronic componets MR27C1602B Datasheet HTML 5Page - OKI electronic componets MR27C1602B Datasheet HTML 6Page - OKI electronic componets MR27C1602B Datasheet HTML 7Page - OKI electronic componets MR27C1602B Datasheet HTML 8Page - OKI electronic componets MR27C1602B Datasheet HTML 9Page - OKI electronic componets Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
OKI Semiconductor
FEDR27C1602B-01-03
Issue Date: Jun. 17, 2003
MR27C1602B
1,048,576–Word
× 16–Bit or 2,097,152–Word × 8–Bit One Time PROM
1/14
GENERAL DESCRIPTION
The MR27C1602B is a 16 Mbit electrically One Time Programmable Read-Only Memory that can be electrically
switched between 1,048,576-word
× 16-bit and 2,097,152-word × 8-bit by the state of the BYTE# pin. The
MR27C1602B supports high speed asynchronous read operation using a single 5.0V power supply.
FEATURES
· 1,048,576-word
× 16-bit/2,097,152-word × 8-bit electrically switchable configuration
· +5.0 V power supply
· Access time
90 nS MAX
· Operating current
70 mA MAX
· Standby current
50 µA MAX
· Input/Output TTL compatible
· Tri-state output
· Packages:
42-pin plastic DIP (DIP42-P-600-2.54) (MR27C1602BRA)
44-pin plastic SOP (SOP44-P-600-1.27-K (MR27C1602BMA)


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn