Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MR27C1602B Datasheet(PDF) 9 Page - OKI electronic componets

Part No. MR27C1602B
Description  1,048,576-Word x 16-Bit or 2,097,152-Word x 8-Bit One Time PROM
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

MR27C1602B Datasheet(HTML) 9 Page - OKI electronic componets

Back Button MR27C1602B Datasheet HTML 5Page - OKI electronic componets MR27C1602B Datasheet HTML 6Page - OKI electronic componets MR27C1602B Datasheet HTML 7Page - OKI electronic componets MR27C1602B Datasheet HTML 8Page - OKI electronic componets MR27C1602B Datasheet HTML 9Page - OKI electronic componets MR27C1602B Datasheet HTML 10Page - OKI electronic componets MR27C1602B Datasheet HTML 11Page - OKI electronic componets MR27C1602B Datasheet HTML 12Page - OKI electronic componets MR27C1602B Datasheet HTML 13Page - OKI electronic componets Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 14 page
background image
FEDR27C1602B-01-03
OKI Semiconductor
MR27C1602B (OTP)
9/14
Program and Program Verify Cycle Waveforms
Pin Capacitance
(VCC = 5.0 V, Ta = 25°C, f = 1 MHz)
Parameter
Symbol
Condition
Min.
Typ.
Max.
Unit
Input
CIN1
8(10)
BYTE#/VPP
CIN2
VI = 0 V
120
Output
COUT
VO = 0 V
10(12)
pF
( ) : DIP only
tOHZ
tDS
tOE
tAS
A0 to A19
CE#
OE#
D0 to D15
tAHO
tPW
Dout
BYTE#/Vpp
tDH
Din
tOES
tOHZ
9.75 V


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn