Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

ML9209 Datasheet(PDF) 1 Page - OKI electronic componets

Part No. ML9209
Description  Vacuum fluorescent display tube controller driver
Download  29 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  OKI [OKI electronic componets]
Homepage  http://www.oki.com
Logo OKI - OKI electronic componets

ML9209 Datasheet(HTML) 1 Page - OKI electronic componets

  ML9209 Datasheet HTML 1Page - OKI electronic componets ML9209 Datasheet HTML 2Page - OKI electronic componets ML9209 Datasheet HTML 3Page - OKI electronic componets ML9209 Datasheet HTML 4Page - OKI electronic componets ML9209 Datasheet HTML 5Page - OKI electronic componets ML9209 Datasheet HTML 6Page - OKI electronic componets ML9209 Datasheet HTML 7Page - OKI electronic componets ML9209 Datasheet HTML 8Page - OKI electronic componets ML9209 Datasheet HTML 9Page - OKI electronic componets Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 29 page
background image
OKI Semiconductor
FEDL9209-01
Issue Date: Oct. 20, 2004
ML9209-xx
Vacuum fluorescent display tube controller driver
1/29
GENERAL DESCRIPTION
The ML9209-xx is an alphanumeric type vacuum fluorescent display (VFD) tube controller driver IC which can
display alphanumeric characters, symbols, and bar charts.
Vacuum fluorescent display tube drive signals are generated by serial data sent from a micro-controller. A
display system is easily realized by internal ROM and RAM for character display.
-01 is available as a general-purpose code.
Custom codes are provided on customer’s request.
FEATURES
• Logic power supply and vacuum fluorescent display tube driving power supply (V
DD)
: 3.3 V
±10% or 5.0 V±10%
• Vacuum fluorescent display tube driving power supply (V
FL)
: VDD – 20 V to VDD – 42 V
• VFD driver output current
(VFD driver output can be connected directly to the VFD tube.
No pull-down resistor is required.)
• Segment driver (SEG1–16)
: –6 mA (VFL = VDD – 42 V)
• Segment driver (AD1, 2)
: –15 mA (VFL = VDD – 42 V)
• Grid driver (COM1–16)
: –30 mA (VFL = VDD – 42 V)
• Content of display
• CGROM
: 16 segments
240 types (character data)
• CGRAM
: 16 segments
16 types (character data)
• ADRAM
: 16 (display digit)
× 2 bits (symbol data)
• DCRAM
: 16 (display digit)
× 8 bits (register for character data display)
• Display control function
• Display digits
: 1 to 16 digits
• Display duty (brightness adjustment)
: 16 stages
• All display lights ON/OFF
• Four interfaces with microcontroller:
DA,
CS, CP, RESET
• Instruction executable with 1 byte (excluding data write for each RAM)
• Built-in oscillation circuit (resistor & capacitor connected externally)
• Package options:
44-pin plastic QFP (QFP44-P-910-0.80-2K) (ML9209-xxGA)


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn