Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

KTC4075 Datasheet(PDF) 1 Page - Guangdong Kexin Industrial Co.,Ltd

Part No. KTC4075
Description  NPN Transistors
Download  3 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  KEXIN [Guangdong Kexin Industrial Co.,Ltd]
Homepage  http://www.kexin.com.cn/index.asp
Logo KEXIN - Guangdong Kexin Industrial Co.,Ltd

KTC4075 Datasheet(HTML) 1 Page - Guangdong Kexin Industrial Co.,Ltd

  KTC4075 Datasheet HTML 1Page - Guangdong Kexin Industrial Co.,Ltd KTC4075 Datasheet HTML 2Page - Guangdong Kexin Industrial Co.,Ltd KTC4075 Datasheet HTML 3Page - Guangdong Kexin Industrial Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
SMD Type
www.kexin.com.cn
1
Transistors
NPN Transistors
KTC4075
Features
Excellent hFE Linearity
Low Noise
Complementary to KTA2014
Absolute Maximum Ratings Ta = 25℃
Parameter
Symbol
Rating
Unit
Collector - Base Voltage
VCBO
60
Collector - Emitter Voltage
VCEO
50
Emitter - Base Voltage
VEBO
5
Collector Current - Continuous
IC
150
Base Current
IB
30
Collector Power Dissipation
PC
100
mW
Junction Temperature
TJ
150
Storage Temperature Range
Tstg
-55 to 150
V
mA
Electrical Characteristics Ta = 25℃
Parameter
Symbol
Test Conditions
Min
Typ
Max
Unit
Collector- base breakdown voltage
VCBO
Ic= 100uA, IE= 0
60
Collector- emitter breakdown voltage
VCEO
Ic= 1 mA,IB=0
50
Emitter - base breakdown voltage
VEBO
IE= 100uA, IC= 0
5
Collector-base cut-off current
ICBO
VCB= 60V , IE= 0
0.1
Emitter cut-off current
IEBO
VEB= 5V , IC=0
0.1
Collector-emitter saturation voltage
VCE(sat) IC=100mA, IB=10mA
0.25
Base - emitter saturation voltage
VBE(sat) IC=100mA, IB=10mA
1.2
DC current gain
hFE
VCE= 6V, IC=2mA
70
700
Noise Figure
NF
VCE= 6V, IC= 0.1 mA,Rg=10 KΩ,f=1KHz
10
dB
Collector output capacitance
Cob
VCB= 10V,IE=0,f=1MHz
3.5
pF
Transition frequency
fT
VCE= 10V, IC= 1mA
80
MHz
V
uA
V
Classification of hfe
Type
KTC4075-O
KTC4075-Y
KTC4075-GR
KTC4075-BL
Range
70-140
120-240
200-400
350-700
Marking
LO
LY
LG
LL
1.Base
2.Emitter
3.collector


Html Pages

1  2  3 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn