Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

KA3021DTF Datasheet(PDF) 11 Page - Fairchild Semiconductor

Part # KA3021DTF
Description  4-Channel Motor Driver
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

KA3021DTF Datasheet(HTML) 11 Page - Fairchild Semiconductor

Back Button KA3021DTF Datasheet HTML 4Page - Fairchild Semiconductor KA3021DTF Datasheet HTML 5Page - Fairchild Semiconductor KA3021DTF Datasheet HTML 6Page - Fairchild Semiconductor KA3021DTF Datasheet HTML 7Page - Fairchild Semiconductor KA3021DTF Datasheet HTML 8Page - Fairchild Semiconductor KA3021DTF Datasheet HTML 9Page - Fairchild Semiconductor KA3021DTF Datasheet HTML 10Page - Fairchild Semiconductor KA3021DTF Datasheet HTML 11Page - Fairchild Semiconductor KA3021DTF Datasheet HTML 12Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
KA3021D
11
Typical Application Circuits
12V
28
27
26
25
24
23
22
21
20
19
18
17
16
15
1
2
3
4
5
6
7
8
9
10
11
12
13
14
KA3021D
SERVO
AMP
FOCUS
TRACKING
SLED
FORWARD
REVERSE
CONTROL
(TRAY)
1,4CH MUTE
SLED MOTOR
TRAY MOTOR
12V
5V
FOCUS
ACTUATOR
TRACKING
ACTUATOR
DO1
DO1+
IN1
IN1.1
OPIN+
OPIN
MUTE1,4
GND
OPTPUT
VCC2
NC
DO2+
DO2
GND
GND
DO4
DO4+
IN4
IN4.1
REF
VCC1
VCC3
IN3
CTL
DO3+
DO3
FWD
REV
REF(typically 1.675V)
IN4.1
IN3


Similar Part No. - KA3021DTF

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
KA3022D FAIRCHILD-KA3022D Datasheet
199Kb / 12P
   4-Channel Motor Driver
KA3022D3 FAIRCHILD-KA3022D3 Datasheet
199Kb / 12P
   4-Channel Motor Driver
KA3022D3TF FAIRCHILD-KA3022D3TF Datasheet
199Kb / 12P
   4-Channel Motor Driver
KA3022DTF FAIRCHILD-KA3022DTF Datasheet
199Kb / 12P
   4-Channel Motor Driver
KA3027D2 FAIRCHILD-KA3027D2 Datasheet
282Kb / 14P
   4-Channel Motor Driver
More results

Similar Description - KA3021DTF

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
D5954 ETC1-D5954 Datasheet
419Kb / 6P
   4 CHANNEL DRIVER MOTOR DRIVER
logo
Fairchild Semiconductor
FAN8024ED FAIRCHILD-FAN8024ED Datasheet
187Kb / 12P
   4-Channel Motor Driver
KA3012D FAIRCHILD-KA3012D Datasheet
238Kb / 13P
   4-Channel Motor Driver
FAN8024BD FAIRCHILD-FAN8024BD Datasheet
160Kb / 10P
   4-Channel Motor Driver
FAN8040 FAIRCHILD-FAN8040 Datasheet
514Kb / 17P
   4-Channel Motor Driver
FAN8024CD FAIRCHILD-FAN8024CD Datasheet
179Kb / 12P
   4-Channel Motor Driver
KA3022D FAIRCHILD-KA3022D Datasheet
199Kb / 12P
   4-Channel Motor Driver
KA3027D2 FAIRCHILD-KA3027D2 Datasheet
282Kb / 14P
   4-Channel Motor Driver
FAN8024D FAIRCHILD-FAN8024D Datasheet
192Kb / 11P
   4-Channel Motor Driver
logo
Mitsubishi Electric Sem...
M56754SP MITSUBISHI-M56754SP Datasheet
898Kb / 7P
   4-CHANNEL ACTUATOR MOTOR DRIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com